Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY15B128J Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY15B128J
Description  128-Kbit (16K 횞 8) Automotive Serial (I2C) F-RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY15B128J Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY15B128J Datasheet HTML 4Page - Cypress Semiconductor CY15B128J Datasheet HTML 5Page - Cypress Semiconductor CY15B128J Datasheet HTML 6Page - Cypress Semiconductor CY15B128J Datasheet HTML 7Page - Cypress Semiconductor CY15B128J Datasheet HTML 8Page - Cypress Semiconductor CY15B128J Datasheet HTML 9Page - Cypress Semiconductor CY15B128J Datasheet HTML 10Page - Cypress Semiconductor CY15B128J Datasheet HTML 11Page - Cypress Semiconductor CY15B128J Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
CY15B128J
Document Number: 001-90872 Rev. *G
Page 8 of 19
There are four ways to properly terminate a read operation.
Failing to properly terminate the read will most likely create a bus
contention as the CY15B128J attempts to read out additional
data onto the bus. The four valid methods are:
1. The bus master issues a no-acknowledge in the 9th clock
cycle and a STOP in the 10th clock cycle. This is illustrated in
the following diagrams. This method is preferred.
2. The bus master issues a no-acknowledge in the 9th clock
cycle and a START in the 10th.
3. The bus master issues a STOP in the 9th clock cycle.
4. The bus master issues a START in the 9th clock cycle.
If the internal address reaches 3FFFh, it will wrap around to
0000h on the next read cycle. Figure 11 and Figure 12 show the
proper operation for current address reads.
Figure 11. Current Address Read
Figure 12. Sequential Read
Figure 13. Hs-Mode Current Address Read
S
A
Slave Address
1
Data Byte
1
P
By Master
By F-RAM
Start
Address
Stop
Acknowledge
No
Acknowledge
Data
S
A
Slave Address
1
Data Byte
1 P
By Master
By F-RAM
Start
Address
Stop
Acknowledge
No
Acknowledge
Data
Data Byte
A
Acknowledge
S
A
Slave Address 1
Data Byte
1 P
By Master
By F-RAM
Start &
Enter Hs-mode Address
Stop &
Exit Hs-mode
No
Acknowledge
Data
S
1
Start
Acknowledge
X
X
X
1
0
0
0
0
Hs-mode command
No
Acknowledge


Similar Part No. - CY15B128J

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY15B128Q CYPRESS-CY15B128Q Datasheet
2Mb / 22P
   128-Kbit (16K 횞 8) Automotive Serial (SPI) F-RAM
CY15B128Q-SXA CYPRESS-CY15B128Q-SXA Datasheet
2Mb / 22P
   128-Kbit (16K 횞 8) Automotive Serial (SPI) F-RAM
CY15B128Q-SXAT CYPRESS-CY15B128Q-SXAT Datasheet
2Mb / 22P
   128-Kbit (16K 횞 8) Automotive Serial (SPI) F-RAM
More results

Similar Description - CY15B128J

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FM24V01A CYPRESS-FM24V01A Datasheet
1Mb / 19P
   128-Kbit (16K 횞 8) Serial (I2C) F-RAM
CY15B128Q CYPRESS-CY15B128Q Datasheet
2Mb / 22P
   128-Kbit (16K 횞 8) Automotive Serial (SPI) F-RAM
FM25V01A CYPRESS-FM25V01A Datasheet
777Kb / 22P
   128-Kbit (16K 횞 8) Serial (SPI) F-RAM
CY15B064J CYPRESS-CY15B064J Datasheet
369Kb / 18P
   64-Kbit (8K 횞 8) Serial (I2C) Automotive F-RAM
CY15B256J CYPRESS-CY15B256J Datasheet
1Mb / 21P
   256-Kbit (32K 횞 8) Automotive Serial (I2C) F-RAM
FM24V02A CYPRESS-FM24V02A Datasheet
1Mb / 19P
   256-Kbit (32K 횞 8) Serial (I2C) F-RAM
CY15E016Q CYPRESS-CY15E016Q Datasheet
613Kb / 20P
   16-Kbit (2K 횞 8) Serial (SPI) Automotive F-RAM
CY15B004Q CYPRESS-CY15B004Q Datasheet
686Kb / 22P
   4-Kbit (512 횞 8) Serial (SPI) Automotive F-RAM
CY15E004Q CYPRESS-CY15E004Q Datasheet
686Kb / 22P
   4-Kbit (512 횞 8) Serial (SPI) Automotive F-RAM
CY15E064Q CYPRESS-CY15E064Q Datasheet
610Kb / 20P
   64-Kbit (8K 횞 8) Serial (SPI) Automotive F-RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com