Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7S1049G Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7S1049G
Description  4-Mbit (512K words 횞 8 bit) Static RAM with PowerSnooze??and Error Correcting Code (ECC)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7S1049G Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7S1049G Datasheet HTML 1Page - Cypress Semiconductor CY7S1049G Datasheet HTML 2Page - Cypress Semiconductor CY7S1049G Datasheet HTML 3Page - Cypress Semiconductor CY7S1049G Datasheet HTML 4Page - Cypress Semiconductor CY7S1049G Datasheet HTML 5Page - Cypress Semiconductor CY7S1049G Datasheet HTML 6Page - Cypress Semiconductor CY7S1049G Datasheet HTML 7Page - Cypress Semiconductor CY7S1049G Datasheet HTML 8Page - Cypress Semiconductor CY7S1049G Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
CY7S1049G
CY7S1049GE
Document Number: 001-95414 Rev. *C
Page 5 of 21
Figure 3. 36-pin SOJ pinout without ERR [5]
Figure 4. 36-pin SOJ pinout with ERR [5, 6]
Pin Configurations (continued)
SOJ
A18
A1
235
A17
A2
334
A16
A3
433
I/O7
I/O0
730
OE
631
CE
GND
VCC
928
VCC
GND
10
27
I/O5
I/O2
11
26
I/O4
I/O3
12
25
A14
WE
13
24
A13
A5
14
23
A12
A6
15
22
A11
A7
16
21
A10
A8
17
20
NC
A9
18
19
DS
A0
136
I/O6
I/O1
829
A15
A4
532
SOJ
A18
A1
235
A17
A2
334
A16
A3
433
I/O7
I/O0
730
OE
631
CE
GND
VCC
928
VCC
GND
10
27
I/O5
I/O2
11
26
I/O4
I/O3
12
25
A14
WE
13
24
A13
A5
14
23
A12
A6
15
22
A11
A7
16
21
A10
A8
17
20
ERR
A9
18
19
DS
A0
136
I/O6
I/O1
829
A15
A4
532
Notes
5. NC pins are not connected internally to the die.
6. ERR is an output pin.


Similar Part No. - CY7S1049G

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7S1041G CYPRESS-CY7S1041G Datasheet
664Kb / 21P
   4-Mbit (256K words 횞 16 bit) Static RAM with PowerSnooze??and Error Correcting Code (ECC)
CY7S1041GE CYPRESS-CY7S1041GE Datasheet
664Kb / 21P
   4-Mbit (256K words 횞 16 bit) Static RAM with PowerSnooze??and Error Correcting Code (ECC)
CY7S1041GE18 CYPRESS-CY7S1041GE18 Datasheet
664Kb / 21P
   4-Mbit (256K words 횞 16 bit) Static RAM with PowerSnooze??and Error Correcting Code (ECC)
CY7S1041GE30 CYPRESS-CY7S1041GE30 Datasheet
664Kb / 21P
   4-Mbit (256K words 횞 16 bit) Static RAM with PowerSnooze??and Error Correcting Code (ECC)
More results

Similar Description - CY7S1049G

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049G CYPRESS-CY7C1049G Datasheet
526Kb / 19P
   4-Mbit (512K words 횞 8 bit) Static RAM with Error-Correcting Code (ECC)
CY62148G CYPRESS-CY62148G Datasheet
495Kb / 17P
   4-Mbit (512K words 횞 8 bit) Static RAM with Error-Correcting Code (ECC)
CY7S1041G CYPRESS-CY7S1041G Datasheet
664Kb / 21P
   4-Mbit (256K words 횞 16 bit) Static RAM with PowerSnooze??and Error Correcting Code (ECC)
CY62157H CYPRESS-CY62157H Datasheet
384Kb / 20P
   8-Mbit (512K words 횞 16-bit) Static RAM with Error-Correcting Code (ECC)
CY7C1041G CYPRESS-CY7C1041G Datasheet
710Kb / 20P
   4-Mbit (256K words 횞 16 bit) Static RAM with Error-Correcting Code (ECC)
CY7C1069G CYPRESS-CY7C1069G Datasheet
614Kb / 20P
   16-Mbit (2M words 횞 8 bit) Static RAM with Error-Correcting Code (ECC)
CY62147G CYPRESS-CY62147G Datasheet
710Kb / 20P
   4-Mbit (256K words 횞 16 bit) Static RAM with Error-Correcting Code (ECC)
CY7C1011G CYPRESS-CY7C1011G Datasheet
578Kb / 17P
   2-Mbit (128K words 횞 16 bit) Static RAM with Error-Correcting Code (ECC)
CY62168G CYPRESS-CY62168G Datasheet
312Kb / 19P
   16-Mbit (2M words 횞 8 bits) Static RAM with Error-Correcting Code (ECC)
CY62167G CYPRESS-CY62167G Datasheet
570Kb / 19P
   16-Mbit (1M Words 횞 16 Bit) Static RAM with Error-Correcting Code (ECC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com