Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1460SV25 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1460SV25
Description  36-Mbit (1M36/2M18) Pipelined SRAM with NoBL??Architecture
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1460SV25 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1460SV25 Datasheet HTML 5Page - Cypress Semiconductor CY7C1460SV25 Datasheet HTML 6Page - Cypress Semiconductor CY7C1460SV25 Datasheet HTML 7Page - Cypress Semiconductor CY7C1460SV25 Datasheet HTML 8Page - Cypress Semiconductor CY7C1460SV25 Datasheet HTML 9Page - Cypress Semiconductor CY7C1460SV25 Datasheet HTML 10Page - Cypress Semiconductor CY7C1460SV25 Datasheet HTML 11Page - Cypress Semiconductor CY7C1460SV25 Datasheet HTML 12Page - Cypress Semiconductor CY7C1460SV25 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
CY7C1460SV25
CY7C1462SV25
Document Number: 001-43804 Rev. *J
Page 9 of 31
Truth Table
Truth table for CY7C1460SV25/CY7C1462SV25 follows. [1, 2, 3, 4, 5, 6, 7]
Operation
Address Used CE ZZ ADV/LD WE BWx OE CEN CLK
DQ
Deselect Cycle
None
H
L
L
X
X
X
L
L–H
Tristate
Continue Deselect Cycle
None
X
L
H
X
X
X
L
L–H
Tristate
Read Cycle (Begin Burst)
External
L
L
L
H
X
L
L
L–H Data Out (Q)
Read Cycle (Continue Burst)
Next
X
L
H
X
X
L
L
L–H Data Out (Q)
NOP/Dummy Read (Begin Burst)
External
L
L
L
H
X
H
L
L–H
Tristate
Dummy Read (Continue Burst)
Next
X
L
H
X
X
H
L
L–H
Tristate
Write Cycle (Begin Burst)
External
L
L
L
L
L
X
L
L–H
Data In (D)
Write Cycle (Continue Burst)
Next
X
L
H
X
L
X
L
L–H
Data In (D)
NOP/WRITE ABORT (Begin Burst)
None
L
L
L
L
H
X
L
L–H
Tristate
WRITE ABORT (Continue Burst)
Next
X
L
H
X
H
X
L
L–H
Tristate
IGNORE CLOCK EDGE (Stall)
Current
X
L
X
X
X
X
H
L–H
Sleep MODE
None
X
H
X
XXXX
X
Tristate
Notes
1. X = “Don't Care”, H = Logic HIGH, L = Logic LOW, CE stands for ALL Chip Enables active. BWx = L signifies at least one Byte Write Select is active, BWx = Valid
signifies that the desired byte write selects are asserted, see Write Cycle Description table for details.
2. Write is defined by WE and BWX. See Write Cycle Description table for details.
3. When a write cycle is detected, all IOs are tristated, even during byte writes.
4. The DQ and DQP pins are controlled by the current cycle and the OE signal.
5. CEN = H inserts wait states.
6. Device powers up deselected and the IOs in a tristate condition, regardless of OE.
7. OE is asynchronous and is not sampled with the clock rise. It is masked internally during write cycles.During a read cycle DQs and DQPX = Three-state when OE is
inactive or when the device is deselected, and DQs=data when OE is active.


Similar Part No. - CY7C1460SV25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1460AV25 CYPRESS-CY7C1460AV25 Datasheet
396Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
CY7C1460AV25 CYPRESS-CY7C1460AV25 Datasheet
511Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
CY7C1460AV25-167 CYPRESS-CY7C1460AV25-167 Datasheet
396Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
CY7C1460AV25-167AXC CYPRESS-CY7C1460AV25-167AXC Datasheet
511Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
CY7C1460AV25-167AXI CYPRESS-CY7C1460AV25-167AXI Datasheet
511Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
More results

Similar Description - CY7C1460SV25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1460KV25 CYPRESS-CY7C1460KV25 Datasheet
830Kb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV33 CYPRESS-CY7C1460KV33 Datasheet
1,010Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1461KV33 CYPRESS-CY7C1461KV33 Datasheet
2Mb / 23P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1370KV25 CYPRESS-CY7C1370KV25 Datasheet
2Mb / 30P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1370B CYPRESS-CY7C1370B Datasheet
759Kb / 27P
   512K 횞 36/1M 횞 18 Pipelined SRAM with NoBL Architecture
CY7C1370KV33 CYPRESS-CY7C1370KV33 Datasheet
999Kb / 32P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1440KV33 CYPRESS-CY7C1440KV33 Datasheet
3Mb / 33P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined Sync SRAM (With ECC)
CY7C1444KV33 CYPRESS-CY7C1444KV33 Datasheet
1Mb / 22P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined DCD Sync SRAM
CY7C1460BV25 CYPRESS-CY7C1460BV25 Datasheet
721Kb / 30P
   36-Mbit (1 M 횞 36/2 M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1460AV33 CYPRESS-CY7C1460AV33_12 Datasheet
1,000Kb / 31P
   36-Mbit (1 M 횞 36/2 M 횞 18) Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com