Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1460SV25 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C1460SV25
Description  36-Mbit (1M36/2M18) Pipelined SRAM with NoBL??Architecture
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1460SV25 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C1460SV25 Datasheet HTML 3Page - Cypress Semiconductor CY7C1460SV25 Datasheet HTML 4Page - Cypress Semiconductor CY7C1460SV25 Datasheet HTML 5Page - Cypress Semiconductor CY7C1460SV25 Datasheet HTML 6Page - Cypress Semiconductor CY7C1460SV25 Datasheet HTML 7Page - Cypress Semiconductor CY7C1460SV25 Datasheet HTML 8Page - Cypress Semiconductor CY7C1460SV25 Datasheet HTML 9Page - Cypress Semiconductor CY7C1460SV25 Datasheet HTML 10Page - Cypress Semiconductor CY7C1460SV25 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
CY7C1460SV25
CY7C1462SV25
Document Number: 001-43804 Rev. *J
Page 7 of 31
Functional Overview
The
CY7C1460SV25/CY7C1462SV25
are
synchronous
pipelined Burst NoBL SRAMs designed specifically to eliminate
wait states during Write/Read transitions. All synchronous inputs
pass through input registers controlled by the rising edge of the
clock. The clock signal is qualified with the Clock Enable input
signal (CEN). If CEN is HIGH, the clock signal is not recognized
and all internal states are maintained. All synchronous
operations are qualified with CEN. All data outputs pass through
output registers controlled by the rising edge of the clock.
Maximum access delay from the clock rise (tCO) is 2.6 ns
(250-MHz device).
Accesses can be initiated by asserting all three Chip Enables
(CE1, CE2, CE3) active at the rising edge of the clock. If Clock
Enable (CEN) is active LOW and ADV/LD is asserted LOW, the
address presented to the device is latched. The access can
either be a read or write operation, depending on the status of
the Write Enable (WE). BW[x] can be used to conduct byte write
operations.
Write operations are qualified by the Write Enable (WE). All
writes are simplified with on-chip synchronous self-timed write
circuitry.
Three synchronous Chip Enables (CE1, CE2, CE3) and an
asynchronous Output Enable (OE) simplify depth expansion. All
operations (Reads, Writes, and Deselects) are pipelined.
ADV/LD should be driven LOW after the device has been
deselected to load a new address for the next operation.
Single Read Accesses
A read access is initiated when the following conditions are
satisfied at clock rise: (1) CEN is asserted LOW, (2) CE1, CE2,
and CE3 are ALL asserted active, (3) the Write Enable input
signal WE is deasserted HIGH, and (4) ADV/LD is asserted
LOW. The address presented to the address inputs is latched
into the Address Register and presented to the memory core and
control logic. The control logic determines that a read access is
in progress and allows the requested data to propagate to the
input of the output register. At the rising edge of the next clock
the requested data is allowed to propagate through the output
register and on to the data bus within 2.6 ns (250-MHz device)
provided OE is active LOW. After the first clock of the read
access the output buffers are controlled by OE and the internal
control logic. OE must be driven LOW for the device to drive out
the requested data. During the second clock, a subsequent
operation (Read/Write/Deselect) can be initiated. Deselecting
the device is also pipelined. Therefore, when the SRAM is
deselected at clock rise by one of the chip enable signals, its
output tristates following the next clock rise.
Burst Read Accesses
The CY7C1460SV25/CY7C1462SV25 have an on-chip burst
counter that allows the user the ability to supply a single address
and conduct up to four Reads without reasserting the address
inputs. ADV/LD must be driven LOW to load a new address into
the SRAM, as described in the Single Read Accesses section.
The sequence of the burst counter is determined by the MODE
input signal. A LOW input on MODE selects a linear burst mode,
a HIGH selects an interleaved burst sequence. Both burst
counters use A0 and A1 in the burst sequence, and wraps
around when incremented sufficiently. A HIGH input on ADV/LD
increments the internal burst counter regardless of the state of
chip enables inputs or WE. WE is latched at the beginning of a
burst cycle. Therefore, the type of access (Read or Write) is
maintained throughout the burst sequence.
Single Write Accesses
Write access are initiated when the following conditions are
satisfied at clock rise: (1) CEN is asserted LOW, (2) CE1, CE2,
and CE3 are ALL asserted active, and (3) the write signal WE is
asserted LOW. The address presented to the address inputs is
loaded into the Address Register. The write signals are latched
into the Control Logic block.
On the subsequent clock rise the data lines are automatically
tristated regardless of the state of the OE input signal. This
allows the external logic to present the data on DQ and DQP
(DQa,b,c,d/DQPa,b,c,d for CY7C1460SV25 and DQa,b/DQPa,b for
TCK
JTAG-Clock
Clock input to the JTAG Circuitry.
VDD
Power Supply Power supply inputs to the core of the device.
VDDQ
I/O Power
Supply
Power supply for the I/O circuitry.
VSS
Ground
Ground for the device. Should be connected to ground of the system.
NC
N/A
No Connects. This pin is not connected to the die.
NC/72M
N/A
Not connected to the Die. Can be tied to any voltage level.
NC/144M
N/A
Not connected to the Die. Can be tied to any voltage level.
NC/288M
N/A
Not connected to the Die. Can be tied to any voltage level.
NC/576M
N/A
Not connected to the Die. Can be tied to any voltage level.
NC/1G
N/A
Not Connected to the Die. Can be tied to any voltage level.
ZZ
Input-
Asynchronous
ZZ “sleep” Input. This active HIGH input places the device in a non time critical “sleep” condition
with data integrity preserved. During normal operation, this pin must be LOW or left floating.
ZZ pin has an internal pull down.
Pin Definitions (continued)
Pin Name
I/O Type
Pin Description


Similar Part No. - CY7C1460SV25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1460AV25 CYPRESS-CY7C1460AV25 Datasheet
396Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
CY7C1460AV25 CYPRESS-CY7C1460AV25 Datasheet
511Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
CY7C1460AV25-167 CYPRESS-CY7C1460AV25-167 Datasheet
396Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
CY7C1460AV25-167AXC CYPRESS-CY7C1460AV25-167AXC Datasheet
511Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
CY7C1460AV25-167AXI CYPRESS-CY7C1460AV25-167AXI Datasheet
511Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
More results

Similar Description - CY7C1460SV25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1460KV25 CYPRESS-CY7C1460KV25 Datasheet
830Kb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV33 CYPRESS-CY7C1460KV33 Datasheet
1,010Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1461KV33 CYPRESS-CY7C1461KV33 Datasheet
2Mb / 23P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1370KV25 CYPRESS-CY7C1370KV25 Datasheet
2Mb / 30P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1370B CYPRESS-CY7C1370B Datasheet
759Kb / 27P
   512K 횞 36/1M 횞 18 Pipelined SRAM with NoBL Architecture
CY7C1370KV33 CYPRESS-CY7C1370KV33 Datasheet
999Kb / 32P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1440KV33 CYPRESS-CY7C1440KV33 Datasheet
3Mb / 33P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined Sync SRAM (With ECC)
CY7C1444KV33 CYPRESS-CY7C1444KV33 Datasheet
1Mb / 22P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined DCD Sync SRAM
CY7C1460BV25 CYPRESS-CY7C1460BV25 Datasheet
721Kb / 30P
   36-Mbit (1 M 횞 36/2 M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1460AV33 CYPRESS-CY7C1460AV33_12 Datasheet
1,000Kb / 31P
   36-Mbit (1 M 횞 36/2 M 횞 18) Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com