Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE3TC0500 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE3TC0500
Description  2.4mm Male to 2.4mm Male Precision Cable Using High Flex VNA Test Coax, RoHS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3TC0500 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE3TC0500 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3TC0500 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3TC0500 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3TC0500 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3TC0500 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Environmental Specifications
Temperature
Operating Range
-65 to +125 deg C
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
REACH Compliant
06/15/2015
Plotted and Other Data
Notes:
• Values at 25°C, sea level.
Typical Performance Data
PE3TC0500 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: 2.4mm Male to 2.4mm Male Precision Cable Using High Flex VNA Test Coax, RoHS
PE3TC0500
RF Cable Assemblies Technical Data Sheet
2.4mm Male to 2.4mm Male Precision Cable
Using High Flex VNA Test Coax, RoHS
PE3TC0500


Similar Part No. - PE3TC0500

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3TC0500-24 PASTERNACK-PE3TC0500-24 Datasheet
421Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3TC0500-48 PASTERNACK-PE3TC0500-48 Datasheet
421Kb / 5P
   RF Cable Assemblies Technical Data Sheet
More results

Similar Description - PE3TC0500

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3TC0600 PASTERNACK-PE3TC0600 Datasheet
452Kb / 5P
   2.4mm Male to 2.4mm Female Precision Cable Using High Flex VNA Test Coax, RoHS
PE3TC0700 PASTERNACK-PE3TC0700 Datasheet
441Kb / 5P
   2.4mm Male to 2.4mm Male Right Angle Precision Cable Using High Flex VNA Test Coax, RoHS
PE3VNA4004 PASTERNACK-PE3VNA4004 Datasheet
448Kb / 5P
   VNA Ruggedized Test Cable 2.4mm Male to 2.4mm Male 40GHz, RoHS
PE373 PASTERNACK-PE373 Datasheet
464Kb / 4P
   2.4mm Male to 2.4mm Male Test Cable Using PE-P102 Coax, RoHS
PE35611 PASTERNACK-PE35611 Datasheet
229Kb / 3P
   2.4mm Male to 2.4mm Male Precision Cable Using 095 Series Coax, RoHS
PE3VNA4005 PASTERNACK-PE3VNA4005 Datasheet
453Kb / 5P
   VNA Ruggedized Test Cable 2.4mm Male to 2.4mm Female 40GHz, RoHS
PE363 PASTERNACK-PE363 Datasheet
385Kb / 4P
   2.4mm Male to 2.4mm Male Test Cable Using PE-P160 Coax
PE3TC0800 PASTERNACK-PE3TC0800 Datasheet
442Kb / 5P
   1.85mm Male to 1.85mm Male Precision Cable Using High Flex VNA Test Coax, RoHS
PE373-60 PASTERNACK-PE373-60 Datasheet
464Kb / 4P
   2.4mm Male to 2.4mm Male Test Cable 60 Inch Length Using PE-P102 Coax, RoHS
PE35654LF PASTERNACK-PE35654LF Datasheet
640Kb / 4P
   2.4mm Male to 2.4mm Female Cable Using RG405 Coax, RoHS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com