Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1041G30-10VXI Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1041G30-10VXI
Description  4-Mbit (256K words 횞 16 bit) Static RAM with Error-Correcting Code (ECC)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1041G30-10VXI Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1041G30-10VXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1041G30-10VXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1041G30-10VXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1041G30-10VXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1041G30-10VXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1041G30-10VXI Datasheet HTML 9Page - Cypress Semiconductor CY7C1041G30-10VXI Datasheet HTML 10Page - Cypress Semiconductor CY7C1041G30-10VXI Datasheet HTML 11Page - Cypress Semiconductor CY7C1041G30-10VXI Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
CY7C1041G
CY7C1041GE
Document Number: 001-91368 Rev. *J
Page 8 of 20
Data Retention Characteristics
Over the operating range of –40
C to 85 C
Parameter
Description
Conditions
Min
Max
Unit
VDR
VCC for data retention
1
V
ICCDR
Data retention current
VCC = 1.2 V, CE > VCC – 0.2 V[14],
VIN > VCC – 0.2 V, or VIN < 0.2 V
–8
mA
tCDR[15]
Chip deselect to data retention
time
0–
ns
tR[14, 15]
Operation recovery time
VCC > 2.2 V
10
ns
VCC < 2.2 V
15
ns
Data Retention Waveform
Figure 8. Data Retention Waveform [14]
tCDR
tR
VDR = 1.0 V
DATA RETENTION MODE
VCC(min)
VCC(min)
VCC
CE
Notes
14. Full-device operation requires linear VCC ramp from VDR to VCC(min) > 100 s or stable at VCC (min) > 100 s.
15. These parameters are guaranteed by design.


Similar Part No. - CY7C1041G30-10VXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1041GN CYPRESS-CY7C1041GN Datasheet
660Kb / 18P
   4-Mbit (256K words 횞 16 bit) Static RAM
CY7C1041GN18 CYPRESS-CY7C1041GN18 Datasheet
660Kb / 18P
   4-Mbit (256K words 횞 16 bit) Static RAM
CY7C1041GN30 CYPRESS-CY7C1041GN30 Datasheet
660Kb / 18P
   4-Mbit (256K words 횞 16 bit) Static RAM
More results

Similar Description - CY7C1041G30-10VXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62147G CYPRESS-CY62147G Datasheet
710Kb / 20P
   4-Mbit (256K words 횞 16 bit) Static RAM with Error-Correcting Code (ECC)
CY7S1041G CYPRESS-CY7S1041G Datasheet
664Kb / 21P
   4-Mbit (256K words 횞 16 bit) Static RAM with PowerSnooze??and Error Correcting Code (ECC)
CY62167G CYPRESS-CY62167G Datasheet
570Kb / 19P
   16-Mbit (1M Words 횞 16 Bit) Static RAM with Error-Correcting Code (ECC)
CY7C1011G CYPRESS-CY7C1011G Datasheet
578Kb / 17P
   2-Mbit (128K words 횞 16 bit) Static RAM with Error-Correcting Code (ECC)
CY7C1049G CYPRESS-CY7C1049G Datasheet
526Kb / 19P
   4-Mbit (512K words 횞 8 bit) Static RAM with Error-Correcting Code (ECC)
CY7C1061G CYPRESS-CY7C1061G Datasheet
563Kb / 18P
   16-Mbit (1 M words 횞 16 bit) Static RAM with Error-Correcting Code (ECC)
CY7C1069G CYPRESS-CY7C1069G Datasheet
614Kb / 20P
   16-Mbit (2M words 횞 8 bit) Static RAM with Error-Correcting Code (ECC)
CY62157H CYPRESS-CY62157H Datasheet
384Kb / 20P
   8-Mbit (512K words 횞 16-bit) Static RAM with Error-Correcting Code (ECC)
CY62148G CYPRESS-CY62148G Datasheet
495Kb / 17P
   4-Mbit (512K words 횞 8 bit) Static RAM with Error-Correcting Code (ECC)
CY62168G CYPRESS-CY62168G Datasheet
312Kb / 19P
   16-Mbit (2M words 횞 8 bits) Static RAM with Error-Correcting Code (ECC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com