Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IES-0500 Datasheet(PDF) 2 Page - Level One

Part No. IES-0500
Description  5 FE Unmanaged Switch -10 to 60, DIN-rail
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LVL1 [Level One]
Homepage  http://www.level1.com/
Logo 

IES-0500 Datasheet(HTML) 2 Page - Level One

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Order Information
IES-0500
- 5FEUnmanagedSwitch-10to60,DIN-rail
Package Contents
IES-0500
Quick Installation Guide
www.level1.com
one world_one brand_one level_
MTBF
191.53 years
Technology
Standards
IEEE802.3 10BASE-T, IEEE802.3u 100BASE-
TX/100BASE-FX, IEEE802.3x, IEEE802.3az EEE(Energy
Efficient Ethernet), IEEE802.1p QoS with two priority
queues
Forward and
Filtering Rate
14,880pps for 10Mbps
148,810pps for 100Mbps
Packet Buffer
Memory
384K bits
Processing
Type
Store-and-Forward
Half-duplex back-pressure and IEEE802.3x full-duplex
flow control
Address Table
Size
2048 MAC addresses
Environment
Operating
Temperature
-10°C to 60°C (14°F to 140°F)
Tested @ -20°C to 70°C (-4°F to 158°F)
Storage
Temperature
-25°C to 85°C (-13°F to 185°F)
Ambient
Relative
Humidity
5% to 95% (non-condensing)
Regulatory Approvals
ISO
Manufactured in an ISO9001 facility
Safety
UL60950-1
EMI
FCC Part 15, Class A, VCCI
EN61000-6-4
- EN55022
- EN61000-3-2
- EN61000-3-3
EMS
EN61000-6-2
- EN61000-4-2 (ESD Standards)
Contact: + / - 6KV; Criteria B
Air: + / - 8KV; Criteria B
- EN61000-4-3 (Radiated RFI Standards)
10V/m, 80 to 1000MHz; 80% AM Criteria A
3V/m, 1400 to 2000MHz; 80% AM Criteria A
1V/m, 2000 to 3000MHz; 80% AM Criteria A
- EN61000-4-4 (Burst Standards)
Signal Ports: + / - 4.4KV; Criteria B
D.C. Power Ports: + / - 4.4KV; Criteria B
- EN61000-4-5 (Surge Standards)
Signal Ports: + / - 1KV; Line-to-Line; Criteria B
D.C. Power Ports: + / - 0.5KV; Line-to-Earth; Criteria B
- EN61000-4-6 (Induced RFI Standards)
Signal Ports: 10Vrms @ 0.15 - 80MHz; 80% AM Criteria A
D.C. Power Ports: 10Vrms @ 0.15 - 80MHz; 80% AM
Criteria A
- EN61000-4-8 (Magnetic Field Standards)
30A/m @ 50, 60Hz; Criteria A
Environmental
Test
Compliance
IEC60068-2-6 Fc (Vibration Resistance)
5g @ 10 - 150Hz, Amplitude 0.35mm
(Operation/Storage/Transport)
IEC60068-2-27 Ea (Shock)
25g @ 11ms (Half-Sine Shock Pulse; Operation)
50g @ 11ms (Half-Sine Shock Pulse; Storage/Transport)
IEC60068-2-32 Ed (Free Fall)
1M (3.281ft.)
Power
Input
Input Voltage: 12 to 48VDC (Terminal Block)
Power
Consumption
4.3W Max. 0.3A @ 12VDC, 0.15A @ 24VDC,
0.07A @ 48VDC
Overload
Current
Protection
Present
Reverse
Polarity
Protection
Present
Mechanical
Casing
Plastic case
IP30
Dimensions
26mm (W) x 70mm (D) x 110mm (H)
(1.02" (W) x 2.76" (D) x 4.33" (H))
Weight
0.2Kg (0.44lb.)
Installation
DIN-Rail (Top hat type 35mm)
Interface
Ethernet Port
10/100BASE-TX: 5, 4 or 1 ports
100BASE-FX: 0 or 1 ports
LED Indicators
Per Unit: Power Status (Power 1)
Per Port: 10/100TX, 100FX: Link/Activity (Green),
Speed (Yellow)


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn