Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GTL-5280 Datasheet(PDF) 3 Page - Level One

Part No. GTL-5280
Description  L2 Plus Managed Switch - 48 GE with 4 Combo SFP plus 4 10GE SFP Plus
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

GTL-5280 Datasheet(HTML) 3 Page - Level One

  GTL-5280 Datasheet HTML 1Page - Level One GTL-5280 Datasheet HTML 2Page - Level One GTL-5280 Datasheet HTML 3Page - Level One GTL-5280 Datasheet HTML 4Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
4
Product Diagram
Ethernet Cable (RJ-45)
Fiber
Virtual stack (SIP ) with
GTL-5280, GTL-2880, GTP-2880, GEL-1072
Server Farm
Fiber connection
(1G SFP: up to 120km)
(10G SFP Plus: up to 40km)
GTL-5280
GTL-5280
LAN
Key Features
- 48 Gigabit Ethernet ports with 4 shared SFP slots and 4 10
Gigabit SFP plus slots
- Single IP management supports up to 32 switches (GTL-2880/
GTL-5280/GTL-1072/GTP-2880)
- Easy Configuration Port (ECP) for easy deployment of network
devices such as IP phone or network camera
- Managed and deployed at IPv6 network operation
- IEEE 802.1X port-based authentication with Access Control
List (ACL) of up to 512 entries for easy network security
- IEEE 802.1s Multiple Spanning Tree Protocol (MSTP) and port
mirroring
- Minimize carbon footprint with advanced Energy Efficient
Technology (IEEE 802.3az)
- IEEE 802.1Q VLAN allows network segmentation to enhance
performance and security
- IEEE 802.3ad LACP for auto port aggregation of up to 26
groups, 8 ports per group
- Supports Dual Firmware Image which protects against failed
firmware upgrade
- Provides QoS control based on ToS/DSCP for advanced traffic
prioritization and bandwidth management
- DDMI SFP transceiver supported
Related Product
GTP-2880
L2 Plus Managed Switch -
24 GE PoE with 4 Combo SFP +
4 10GE SFP+
GTL-2880
L2 Plus Managed Switch - 24 GE
with 4 Combo SFP + 4 10GE SFP
Plus


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn