Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M02046-15 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # M02046-15
Description  3.3 5V Limiting Amplifier for Applications from 100 Mbps to 1.25 Gbps
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02046-15 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  M02046-15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M02046-15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M02046-15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02046-15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02046-15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02046-15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02046-15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02046-15 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02046-15 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
M02046-15
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
3
3.3/5V Limiting Amplifier for Applications from 100 Mbps to 1.25 Gbps
Rev V4
Typical Eye Diagram
10 mVPP differential input
1.25 Gbps
160 mV/div
140 ps/div
Pin Configuration
M02046-x5
Date Code
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
GND
JAM
DINP
SET
ST
VCC3
DINN
NC
VCC3
NC
GND
ST
LOS
PECLN
PECLP
VCC
I REF
Note: x is either a 1 or 2 as explained in the order-
ing information above


Similar Part No. - M02046-15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M02040-15 MA-COM-M02040-15 Datasheet
611Kb / 31P
   3.3 5V Limiting Amplifier for Applications to 2.125 Gbps
M02040-15EVM MA-COM-M02040-15EVM Datasheet
611Kb / 31P
   3.3 5V Limiting Amplifier for Applications to 2.125 Gbps
M02044CG-31 MA-COM-M02044CG-31 Datasheet
478Kb / 22P
   3.3/5V Limiting Amplifier for Applications from 100 Mbps to 622 Mbps
M02044CG-31EVM MA-COM-M02044CG-31EVM Datasheet
478Kb / 22P
   3.3/5V Limiting Amplifier for Applications from 100 Mbps to 622 Mbps
More results

Similar Description - M02046-15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
02046-DSH-003-F MA-COM-02046-DSH-003-F Datasheet
470Kb / 23P
   3.3/5V Limiting Amplifier for Applications to 1.25 Gbps
M02044CG-31 MA-COM-M02044CG-31 Datasheet
478Kb / 22P
   3.3/5V Limiting Amplifier for Applications from 100 Mbps to 622 Mbps
M02050-15 MA-COM-M02050-15 Datasheet
740Kb / 28P
   3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
M02040-15 MA-COM-M02040-15 Datasheet
611Kb / 31P
   3.3 5V Limiting Amplifier for Applications to 2.125 Gbps
02050-DSH-002-F MA-COM-02050-DSH-002-F Datasheet
740Kb / 28P
   3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
02040-DSH-002-H MA-COM-02040-DSH-002-H Datasheet
672Kb / 27P
   3.3/5V Limiting Amplifier for Applications to 2.125 Gbps
M02050 MA-COM-M02050_17 Datasheet
740Kb / 28P
   3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
logo
Texas Instruments
ONET3301PARGTT TI-ONET3301PARGTT Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
ONET3301PARGTTG4 TI-ONET3301PARGTTG4 Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
ONET3301PA TI-ONET3301PA Datasheet
253Kb / 12P
[Old version datasheet]   155-MBPS TO 3.3-GBPS LIMITING AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com