Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2852YMXAX-2.5 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM2852YMXAX-2.5
Description  Synchronous Simple Switcher Buck Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2852YMXAX-2.5 Datasheet(HTML) 4 Page - Texas Instruments

  LM2852YMXAX-2.5 Datasheet HTML 1Page - Texas Instruments LM2852YMXAX-2.5 Datasheet HTML 2Page - Texas Instruments LM2852YMXAX-2.5 Datasheet HTML 3Page - Texas Instruments LM2852YMXAX-2.5 Datasheet HTML 4Page - Texas Instruments LM2852YMXAX-2.5 Datasheet HTML 5Page - Texas Instruments LM2852YMXAX-2.5 Datasheet HTML 6Page - Texas Instruments LM2852YMXAX-2.5 Datasheet HTML 7Page - Texas Instruments LM2852YMXAX-2.5 Datasheet HTML 8Page - Texas Instruments LM2852YMXAX-2.5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
LM2852
SNVS325E – JANUARY 2005 – REVISED JANUARY 2016
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
PVIN, AVIN, EN, SNS
6.5
V
Power dissipation
Internally limited
Infrared (15 sec)
220
°C
14-Pin exposed pad HTSSOP package
Vapor phase (60 sec)
215
°C
Maximum junction temperature
150
°C
Storage temperature, Tstg
−65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
PVIN to GND
1.5
5.5
V
AVIN to GND
2.85
5.5
V
Junction temperature
−40
125
°C
6.4 Thermal Information
LM2852
THERMAL METRIC(1)
PWP (HTTSOP)
UNIT
14 PINS
RθJA
Junction-to-ambient thermal resistance
39.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
24.1
°C/W
RθJB
Junction-to-board thermal resistance
20.1
°C/W
ψJT
Junction-to-top characterization parameter
0.6
°C/W
ψJB
Junction-to-board characterization parameter
19.8
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
1.7
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Product Folder Links: LM2852


Similar Part No. - LM2852YMXAX-2.5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2852YMXAX-2.5 NSC-LM2852YMXAX-2.5 Datasheet
618Kb / 13P
   2A 500/1500kHz SIMPLE SYNCHRONOUS Buck Regulator
LM2852YMXAX-2.5 NSC-LM2852YMXAX-2.5 Datasheet
663Kb / 14P
   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
Texas Instruments
LM2852YMXAX-2.5 TI-LM2852YMXAX-2.5 Datasheet
981Kb / 23P
[Old version datasheet]   LM2852 2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
More results

Similar Description - LM2852YMXAX-2.5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2854 TI1-LM2854_16 Datasheet
1Mb / 33P
[Old version datasheet]   Synchronous SIMPLE SWITCHER Buck Regulator
LM2853 TI-LM2853_15 Datasheet
1Mb / 18P
[Old version datasheet]   3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
logo
National Semiconductor ...
LM2853 NSC-LM2853 Datasheet
738Kb / 12P
   3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
LM2852 NSC-LM2852 Datasheet
618Kb / 13P
   2A 500/1500kHz SIMPLE SYNCHRONOUS Buck Regulator
logo
Texas Instruments
LM3103 TI1-LM3103 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER Synchronous 1MHz 0.75A Step-Down Voltage Regulator
LM3102 TI1-LM3102_14 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER Synchronous 1MHz 2.5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2585 NSC-LM2585 Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
logo
Texas Instruments
LM2852 TI1-LM2852_14 Datasheet
1Mb / 25P
[Old version datasheet]   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
National Semiconductor ...
LM2587 NSC-LM2587 Datasheet
676Kb / 26P
   SIMPLE SWITCHER 5A Flyback Regulator
LM2852 NSC-LM2852_06 Datasheet
663Kb / 14P
   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com