Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM21215AMHX-1/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part No. LM21215AMHX-1/NOPB
Description  15-A Ultra High-Efficiency Synchronous Buck Converter
Download  38 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

LM21215AMHX-1/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
Control
Logic
Thermal
Shutdown
OSC
RAMP
INT
SS
VREF
0.6V
+
Å
AVIN
EN
SYNC
SS/TRK
FB
COMP
AGND
PGND
PGOOD
SW
PVIN
PWM
Comparator
UVLO
Precision
Enable
UVP
SD
ILIMIT Low
ILIMIT High
Zero-cross
OVP
PowerBAD
PWM
0.675V
0.54V
PLL
AVIN
AVIN
PVIN
PVIN
OR
OR
OR
+
Å
+
Å
+
Å
+
Å
+
Å
EA
+
Å
+
Å
2.7V
1.35V
0.6V
1.9 A
+
Driver
Driver
LM21215A
www.ti.com
SNOSB87C – MARCH 2011 – REVISED JANUARY 2016
7 Detailed Description
7.1 Overview
The LM21215A synchronous buck regulator features all of the functions necessary to implement an efficient low-
voltage converter using a minimum number of external components. This easy-to-use regulator features two
integrated power MOSFET switches and is capable of supplying up to 15 A of continuous output current.
Synchronous rectification yields high efficiency for low output voltage and high load current applications, whereas
discontinuous conduction mode (DCM) with diode emulation mode (DEM) enables high-efficiency conversion
with light load current conditions.
The regulator utilizes voltage-mode control with trailing-edge PWM modulation to optimize stability and transient
response over the entire input voltage range. The device operates at high switching frequency, allowing the use
of a small inductor yet still achieving high efficiency. The precision internal voltage reference allows output
voltages as low as 0.6 V. Fault protection features include peak and valley current limiting, thermal shutdown,
overvoltage protection, and undervoltage lockout. The device is available in the HTSSOP-20 package featuring
an exposed pad to aid thermal dissipation. The LM21215A is ideal for numerous applications to efficiently step-
down from a 5-V or 3.3-V bus.
7.2 Functional Block Diagram
Copyright © 2011–2016, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM21215A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn