Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM21215AMHX-1/NOPB Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part No. LM21215AMHX-1/NOPB
Description  15-A Ultra High-Efficiency Synchronous Buck Converter
Download  38 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

LM21215AMHX-1/NOPB Datasheet(HTML) 27 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
K
˜
˜
IN
OUT
OUT
IN
V
I
V
I
LM21215A
www.ti.com
SNOSB87C – MARCH 2011 – REVISED JANUARY 2016
9 Power Supply Recommendations
The LM21215A converter is designed to operate from an input voltage supply range between 2.95 V and 5.5 V.
The characteristics of the input supply must be compatible with the Absolute Maximum Ratings and
Recommended Operating Conditions tables. In addition, the input supply must be capable of delivering the
required input current to the fully-loaded regulator. Estimate the average input current with Equation 19, where
η
is the efficiency:
(19)
If the converter is connected to an input supply through long wires or PCB traces with large impedance, special
care is required to achieve stable performance. The parasitic inductance and resistance of the input cables may
have an adverse affect on converter operation. The parasitic inductance in combination with the low ESR
ceramic input capacitors form an under-damped resonant circuit. This circuit can cause overvoltage transients at
PVIN each time the input supply is cycled on and off. The parasitic resistance causes the PVIN voltage to dip
during a load transient. If the regulator is operating close to the minimum input voltage, this dip can cause false
UVLO fault triggering and a system reset. The best way to solve such issues is to reduce the distance from the
input supply to the regulator and use an aluminum or tantalum input capacitor in parallel with the ceramics. The
moderate ESR of the electrolytic capacitors helps to damp the input resonant circuit and reduce any voltage
overshoots. A capacitance in the range of 20 µF to 100 µF is usually sufficient to provide input damping and
helps to hold the input voltage steady during large load transients.
An EMI input filter is often used in front of the regulator that, unless carefully designed, can lead to instability as
well as some of the effects mentioned above. The user guide Simple Success with Conducted EMI for DC-DC
Converters, SNVA489, provides helpful suggestions when designing an input filter for any switching regulator.
Copyright © 2011–2016, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: LM21215A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn