Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM21215AMHX-1/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part No. LM21215AMHX-1/NOPB
Description  15-A Ultra High-Efficiency Synchronous Buck Converter
Download  38 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

LM21215AMHX-1/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
SHORT CIRCUIT
ICLF
ICLR
VSS
VFB
VOUT
VSW
IL
CURRENT LIMIT
SHORT CIRCUIT
REMOVED
100 mV
VIN
Time
VSW
Time
VSYNC
tSY_SW
VIH_SYNC
VIL_SYNC
LM21215A
SNOSB87C – MARCH 2011 – REVISED JANUARY 2016
www.ti.com
Feature Description (continued)
Figure 25. Frequency Synchronization
7.3.6 Current Limit
The LM21215A has overcurrent protection to avoid excessive current levels through the power MOSFETs and
inductor. A current limit condition exists when the high-side MOSFET's current exceeds the rising current limit
level, ICLR. The control circuitry responds to this event by turning off the high-side MOSFET and turning on the
low-side MOSFET. This forces a negative voltage on the inductor, thereby causing the inductor current to
decrease. The high-side MOSFET does not conduct again until the lower current limit level, ICLF, is sensed on
the low-side MOSFET. At this point, the LM21215A resumes normal switching.
A current limit condition causes the internal soft-start voltage to ramp downward. After the internal soft-start
ramps below the feedback (FB) voltage, nominally 0.6 V, FB begins to ramp downward, as well. This voltage
foldback limits the power consumption in the device during a sustained overload. After the current limit condition
is cleared, the internal soft-start voltage ramps up again. Figure 26 describes current limit behavior including VSS,
VFB, VOUT and VSW waveforms.
Figure 26. Current Limit Conditions
14
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Product Folder Links: LM21215A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn