Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM21215AMH-1/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM21215AMH-1/NOPB
Description  15-A Ultra High-Efficiency Synchronous Buck Converter
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM21215AMH-1/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM21215AMH-1/NOPB Datasheet HTML 3Page - Texas Instruments LM21215AMH-1/NOPB Datasheet HTML 4Page - Texas Instruments LM21215AMH-1/NOPB Datasheet HTML 5Page - Texas Instruments LM21215AMH-1/NOPB Datasheet HTML 6Page - Texas Instruments LM21215AMH-1/NOPB Datasheet HTML 7Page - Texas Instruments LM21215AMH-1/NOPB Datasheet HTML 8Page - Texas Instruments LM21215AMH-1/NOPB Datasheet HTML 9Page - Texas Instruments LM21215AMH-1/NOPB Datasheet HTML 10Page - Texas Instruments LM21215AMH-1/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
3.0
3.5
4.0
4.5
5.0
5.5
-0.10
-0.08
-0.06
-0.04
-0.02
0.00
0.02
0.04
0.06
0.08
0.10
INPUT VOLTAGE (V)
IOUT = 0A
IOUT = 12A
3.0
3.5
4.0
4.5
5.0
5.5
1.0
1.1
1.2
1.3
1.4
1.5
INPUT VOLTAGE (V)
0
3
6
9
12
15
90
92
94
96
98
100
OUTPUT CURRENT (A)
VIN = 3.3V
VIN = 4.0V
VIN = 5.0V
VIN = 5.5V
0
3
6
9
12
15
-0.04
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
0.04
OUTPUT CURRENT (A)
VIN = 3.3V
VIN = 5.0V
0
3
6
9
12
15
80
82
84
86
88
90
92
94
96
98
100
OUTPUT CURRENT (A)
FSW = 500 kHz
FSW = 750 kHz
FSW = 1 MHz
0
3
6
9
12
15
80
82
84
86
88
90
92
94
96
98
100
OUTPUT CURRENT (A)
VOUT = 1.2V
VOUT = 3.3V
LM21215A
www.ti.com
SNOSB87C – MARCH 2011 – REVISED JANUARY 2016
6.6 Typical Characteristics
Unless otherwise specified: VIN = 5 V, VOUT = 1.2 V, LF = 0.56 µH (1.8 mΩ RDCR), CSS = 33 nF, FSW = 500 kHz, TA = 25°C for
efficiency curves, loop gain plots and waveforms, and TJ = 25°C for all others.
Figure 1. Efficiency
Figure 2. Efficiency
Figure 4. Load Regulation
Figure 3. Efficiency (VOUT = 2.5 V, FSW= 500 kHz, Inductor
P/N SER2010-601MLD)
Figure 5. Line Regulation
Figure 6. Non-Switching IQ(TOTAL) vs VIN
Copyright © 2011–2016, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM21215A


Similar Part No. - LM21215AMH-1/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM21215AMH-1 TI1-LM21215AMH-1 Datasheet
493Kb / 26P
[Old version datasheet]   LM21215A-1 15A High Efficiency Synchronous Buck Regulator with Frequency Synchronization
More results

Similar Description - LM21215AMH-1/NOPB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
logo
List of Unclassifed Man...
ZSPM4012B ETC2-ZSPM4012B Datasheet
1Mb / 23P
   High Efficiency 2A Synchronous Buck Converter
logo
Integrated Device Techn...
ZSPM4012B IDT-ZSPM4012B Datasheet
658Kb / 21P
   High Efficiency 2A Synchronous Buck Converter
logo
Global Mixed-mode Techn...
G5333 GMT-G5333 Datasheet
156Kb / 1P
   High Efficiency 8A Synchronous Buck Converter
logo
Renesas Technology Corp
ZSPM4012 RENESAS-ZSPM4012 Datasheet
694Kb / 21P
   High Efficiency 2A Synchronous Buck Converter
April 15, 2016
ZSPM4012B RENESAS-ZSPM4012B Datasheet
832Kb / 22P
   High Efficiency 2A Synchronous Buck Converter
January 27, 2016
logo
List of Unclassifed Man...
ZSPM4011 ETC2-ZSPM4011 Datasheet
1Mb / 22P
   High Efficiency 1A Synchronous Buck Converter
ZSPM4013 ETC2-ZSPM4013 Datasheet
1Mb / 22P
   High Efficiency 3A Synchronous Buck Converter
logo
uPI Group Inc.
UP1715 UPI-UP1715 Datasheet
221Kb / 13P
   High-Efficiency Synchronous-Rectified Buck Converter
UP1715R UPI-UP1715R Datasheet
189Kb / 12P
   High-Efficiency Synchronous-Rectified Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com