Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM20143QMH Datasheet(PDF) 6 Page - Texas Instruments

Part # LM20143QMH
Description  3-A PowerWise Adjustable Frequency Synchronous Buck Regulator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM20143QMH Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM20143QMH Datasheet HTML 2Page - Texas Instruments LM20143QMH Datasheet HTML 3Page - Texas Instruments LM20143QMH Datasheet HTML 4Page - Texas Instruments LM20143QMH Datasheet HTML 5Page - Texas Instruments LM20143QMH Datasheet HTML 6Page - Texas Instruments LM20143QMH Datasheet HTML 7Page - Texas Instruments LM20143QMH Datasheet HTML 8Page - Texas Instruments LM20143QMH Datasheet HTML 9Page - Texas Instruments LM20143QMH Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
LM20143, LM20143-Q1
SNVS528H – OCTOBER 2007 – REVISED JANUARY 2016
www.ti.com
6.6 Typical Characteristics
Unless otherwise specified: CIN = COUT = 100 µF, L = 1.0 µH, VIN = 5 V, VOUT = 1.2 V, RLOAD = 1.2 Ω, fSW = 1 MHz, TA = 25°C
for efficiency curves, loop gain plots and waveforms, and TJ = 25°C for all others.
VIN = 5 V
fSW = 1.5 MHz
VIN = 3.3 V
fSW = 1.5 MHz
Figure 1. Efficiency vs Load Current
Figure 2. Efficiency vs Load Current
VIN = 3.3 V
fSW = 1.0 MHz
VIN = 5 V
fSW = 1.0 MHz
Figure 4. Efficiency vs Load Current
Figure 3. Efficiency vs Load Current
VIN = 5.0 V
fSW 500 kHz
VIN = 3.3 V
fSW = 500 kHz
Figure 5. Efficiency vs Load Current
Figure 6. Efficiency vs Load Current
6
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Product Folder Links: LM20143 LM20143-Q1


Similar Part No. - LM20143QMH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM20143Q TI1-LM20143Q Datasheet
1Mb / 30P
[Old version datasheet]   3A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
More results

Similar Description - LM20143QMH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM20144 TI-LM20144_15 Datasheet
1Mb / 30P
[Old version datasheet]   4A PowerWise Adjustable Frequency Synchronous Buck Regulator
LM20145 TI-LM20145_15 Datasheet
1Mb / 29P
[Old version datasheet]   5A PowerWise Adjustable Frequency Synchronous Buck Regulator
LM20144QMHX TI1-LM20144QMHX Datasheet
1Mb / 30P
[Old version datasheet]   LM20144/LM20144Q 4A, PowerWise Adjustable Frequency Synchronous Buck Regulator
LM20146 TI1-LM20146_15 Datasheet
1Mb / 29P
[Old version datasheet]   Adjustable Frequency Synchronous Buck Regulator
LM20146 TI1-LM20146_14 Datasheet
1Mb / 29P
[Old version datasheet]   6A, Adjustable Frequency Synchronous Buck Regulator
LM21305 TI1-LM21305_14 Datasheet
1Mb / 34P
[Old version datasheet]   5A Adjustable Frequency Synchronous Buck Regulator
LM21305 TI-LM21305_15 Datasheet
1Mb / 33P
[Old version datasheet]   5A Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20146 NSC-LM20146 Datasheet
522Kb / 22P
   6A, Adjustable Frequency Synchronous Buck Regulator
LM21305 NSC-LM21305_11 Datasheet
1Mb / 24P
   5A Adjustable Frequency Synchronous Buck Regulator
logo
Allegro MicroSystems
A8654 ALLEGRO-A8654 Datasheet
841Kb / 29P
   Wide Input Voltage, Adjustable Frequency, 3 A, 2 MHz Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com