Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM21215AMHE-1 Datasheet(PDF) 31 Page - Texas Instruments

Part # LM21215AMHE-1
Description  15-A Ultra High-Efficiency Synchronous Buck Converter
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM21215AMHE-1 Datasheet(HTML) 31 Page - Texas Instruments

Back Button LM21215AMHE-1 Datasheet HTML 27Page - Texas Instruments LM21215AMHE-1 Datasheet HTML 28Page - Texas Instruments LM21215AMHE-1 Datasheet HTML 29Page - Texas Instruments LM21215AMHE-1 Datasheet HTML 30Page - Texas Instruments LM21215AMHE-1 Datasheet HTML 31Page - Texas Instruments LM21215AMHE-1 Datasheet HTML 32Page - Texas Instruments LM21215AMHE-1 Datasheet HTML 33Page - Texas Instruments LM21215AMHE-1 Datasheet HTML 34Page - Texas Instruments LM21215AMHE-1 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
LM21215A
www.ti.com
SNOSB87C – MARCH 2011 – REVISED JANUARY 2016
11 Device and Documentation Support
11.1 Device Support
11.1.1 Third-Party Products Disclaimer
TI'S PUBLICATION OF INFORMATION REGARDING THIRD-PARTY PRODUCTS OR SERVICES DOES NOT
CONSTITUTE AN ENDORSEMENT REGARDING THE SUITABILITY OF SUCH PRODUCTS OR SERVICES
OR A WARRANTY, REPRESENTATION OR ENDORSEMENT OF SUCH PRODUCTS OR SERVICES, EITHER
ALONE OR IN COMBINATION WITH ANY TI PRODUCT OR SERVICE.
11.1.2 Development Support
For the LM21215A Quickstart Design Tool, go to http://www.ti.com/product/LM21215A/toolssoftware#devtools.
For the PowerLab™, go to http://www.ti.com/powerlab.
For the WEBENCH® Design Center, go tohttp://www.ti.com/lsds/ti/analog/webench/overview.page.
11.2 Documentation Support
11.2.1 Related Documentation
AN-2131 LM21215A Evaluation Board, SNVA477
AN-2130 LM21215 Evaluation Board, SNVA476
AN-2107 LM21212-1 Evaluation Board, SNVA467
AN-2140 LM21212-2 Evaluation Board, SNVA480
AN-2162: Simple Success with Conducted EMI from DC-DC Converters, SNVA489
6/4-Bit VID Programmable Current DAC for Point of Load Regulators with Adjustable Start-Up Current,
SNVS822
AN-1149 Layout Guidelines for Switching Power Supplies, SNVA021
AN-1229 Simple Switcher PCB Layout Guidelines, SNVA054
Constructing Your Power Supply – Layout Considerations, SLUP230
Low Radiated EMI Layout Made SIMPLE with LM4360x and LM4600x, SNVA721
AN-2020 Thermal Design By Insight, Not Hindsight, SNVA419
AN-1520 A Guide to Board Layout for Best Thermal Resistance for Exposed Pad Packages, SNVA183
SPRA953B Semiconductor and IC Package Thermal Metrics, SPRA953
SNVA719 Thermal Design made Simple with LM43603 and LM43602, SNVA719
SLMA002 PowerPAD™ Thermally Enhanced Package, SLMA002
SLMA004 PowerPAD Made Easy, SLMA004
SBVA025 Using New Thermal Metrics, SBVA025
11.3 Community Resources
The following links connect to TI community resources. Linked contents are provided "AS IS" by the respective
contributors. They do not constitute TI specifications and do not necessarily reflect TI's views; see TI's Terms of
Use.
TI E2E™ Online Community TI's Engineer-to-Engineer (E2E) Community. Created to foster collaboration
among engineers. At e2e.ti.com, you can ask questions, share knowledge, explore ideas and help
solve problems with fellow engineers.
Design Support TI's Design Support Quickly find helpful E2E forums along with design support tools and
contact information for technical support.
11.4 Trademarks
PowerPAD, E2E are trademarks of Texas Instruments.
All other trademarks are the property of their respective owners.
Copyright © 2011–2016, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: LM21215A


Similar Part No. - LM21215AMHE-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM21215AMHE-1 TI1-LM21215AMHE-1 Datasheet
493Kb / 26P
[Old version datasheet]   LM21215A-1 15A High Efficiency Synchronous Buck Regulator with Frequency Synchronization
More results

Similar Description - LM21215AMHE-1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
logo
List of Unclassifed Man...
ZSPM4012B ETC2-ZSPM4012B Datasheet
1Mb / 23P
   High Efficiency 2A Synchronous Buck Converter
logo
Integrated Device Techn...
ZSPM4012B IDT-ZSPM4012B Datasheet
658Kb / 21P
   High Efficiency 2A Synchronous Buck Converter
logo
Global Mixed-mode Techn...
G5333 GMT-G5333 Datasheet
156Kb / 1P
   High Efficiency 8A Synchronous Buck Converter
logo
Renesas Technology Corp
ZSPM4012 RENESAS-ZSPM4012 Datasheet
694Kb / 21P
   High Efficiency 2A Synchronous Buck Converter
April 15, 2016
ZSPM4012B RENESAS-ZSPM4012B Datasheet
832Kb / 22P
   High Efficiency 2A Synchronous Buck Converter
January 27, 2016
logo
List of Unclassifed Man...
ZSPM4011 ETC2-ZSPM4011 Datasheet
1Mb / 22P
   High Efficiency 1A Synchronous Buck Converter
ZSPM4013 ETC2-ZSPM4013 Datasheet
1Mb / 22P
   High Efficiency 3A Synchronous Buck Converter
logo
uPI Group Inc.
UP1715 UPI-UP1715 Datasheet
221Kb / 13P
   High-Efficiency Synchronous-Rectified Buck Converter
UP1715R UPI-UP1715R Datasheet
189Kb / 12P
   High-Efficiency Synchronous-Rectified Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com