Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM21215A Datasheet(PDF) 30 Page - Texas Instruments

Part # LM21215A
Description  15-A Ultra High-Efficiency Synchronous Buck Converter
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM21215A Datasheet(HTML) 30 Page - Texas Instruments

Back Button LM21215A_16 Datasheet HTML 26Page - Texas Instruments LM21215A_16 Datasheet HTML 27Page - Texas Instruments LM21215A_16 Datasheet HTML 28Page - Texas Instruments LM21215A_16 Datasheet HTML 29Page - Texas Instruments LM21215A_16 Datasheet HTML 30Page - Texas Instruments LM21215A_16 Datasheet HTML 31Page - Texas Instruments LM21215A_16 Datasheet HTML 32Page - Texas Instruments LM21215A_16 Datasheet HTML 33Page - Texas Instruments LM21215A_16 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
LM21215A-1 EVALUATION MODULE
LM21215A
SNOSB87C – MARCH 2011 – REVISED JANUARY 2016
www.ti.com
Layout Guidelines (continued)
High ambient temperatures and large values of RθJA reduce the maximum available output current. If the junction
temperature exceeds 165°C, the LM21215A cycles in and out of thermal shutdown. Thermal shutdown may be a
sign of inadequate heat-sinking or excessive power dissipation. Improve PCB heat-sinking by using more thermal
vias, a larger board, or more heat-spreading layers within that board.
As stated in application note Semiconductor and IC Package Thermal Metrics, SPRA953, the values given in the
Thermal Information table are not always valid for design purposes to estimate the thermal performance of the
application. The values reported in the Thermal Information table are measured under a specific set of conditions
that are seldom obtained in an actual application. The effective RθJA is a critical parameter and depends on many
factors (such as power dissipation, air temperature, PCB area, copper heat-sink area, number of thermal vias
under the package, air flow, and adjacent component placement). The LM21215A uses an advanced flip-chip-on-
lead (FCOL) package and its exposed pad has a direct electrical and thermal connection to PGND. This pad
must be soldered directly to the PCB copper ground plane to provide an effective heat-sink and proper electrical
connection. Use the documents listed in Related Documentation as a guide for optimized thermal PCB design
and estimating RθJA for a given application environment.
10.1.3 Ground Plane Design
As mentioned previously, using one of the middle layers as a solid ground plane is recommended. A ground
plane offers shielding for sensitive circuits and traces and also provides a quiet reference potential for the control
circuitry. Connect the AGND and PGND pins to the ground plane using an array of vias under the exposed pad.
The PGND pins are connected to the source of the integrated low-side power MOSFET. Connect these pins
directly to the return terminals of the input and output capacitors. The PGND net contains noise at the switching
frequency and can bounce because of load current variations. The PGND trace, as well as PVIN and SW traces,
must be constrained to one side of the ground plane. The other side of the ground plane contains much less
noise and is ideal for sensitive routes.
10.2 Layout Example
Figure 42. Layout Example Showing Top Layer Copper and Silkscreen
30
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Product Folder Links: LM21215A


Similar Part No. - LM21215A_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM21215A TI-LM21215A_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM21215A-1 15A High Efficiency Synchronous Buck Regulator with Frequency Synchronization
More results

Similar Description - LM21215A_16

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
logo
List of Unclassifed Man...
ZSPM4012B ETC2-ZSPM4012B Datasheet
1Mb / 23P
   High Efficiency 2A Synchronous Buck Converter
logo
Integrated Device Techn...
ZSPM4012B IDT-ZSPM4012B Datasheet
658Kb / 21P
   High Efficiency 2A Synchronous Buck Converter
logo
Global Mixed-mode Techn...
G5333 GMT-G5333 Datasheet
156Kb / 1P
   High Efficiency 8A Synchronous Buck Converter
logo
Renesas Technology Corp
ZSPM4012 RENESAS-ZSPM4012 Datasheet
694Kb / 21P
   High Efficiency 2A Synchronous Buck Converter
April 15, 2016
ZSPM4012B RENESAS-ZSPM4012B Datasheet
832Kb / 22P
   High Efficiency 2A Synchronous Buck Converter
January 27, 2016
logo
List of Unclassifed Man...
ZSPM4011 ETC2-ZSPM4011 Datasheet
1Mb / 22P
   High Efficiency 1A Synchronous Buck Converter
ZSPM4013 ETC2-ZSPM4013 Datasheet
1Mb / 22P
   High Efficiency 3A Synchronous Buck Converter
logo
uPI Group Inc.
UP1715 UPI-UP1715 Datasheet
221Kb / 13P
   High-Efficiency Synchronous-Rectified Buck Converter
UP1715R UPI-UP1715R Datasheet
189Kb / 12P
   High-Efficiency Synchronous-Rectified Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com