Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5066PMHX Datasheet(PDF) 10 Page - Texas Instruments

Part # LM5066PMHX
Description  Hotswap Controller With I/V/P Monitoring and PMBus Interface
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5066PMHX Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM5066PMHX Datasheet HTML 6Page - Texas Instruments LM5066PMHX Datasheet HTML 7Page - Texas Instruments LM5066PMHX Datasheet HTML 8Page - Texas Instruments LM5066PMHX Datasheet HTML 9Page - Texas Instruments LM5066PMHX Datasheet HTML 10Page - Texas Instruments LM5066PMHX Datasheet HTML 11Page - Texas Instruments LM5066PMHX Datasheet HTML 12Page - Texas Instruments LM5066PMHX Datasheet HTML 13Page - Texas Instruments LM5066PMHX Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 65 page
background image
SCL
VIH
VIL
VIH
VIL
P
S
S
P
SDA
tHD;DAT
tSU;STO
tHD;STA
tSU;STA
tSU;DAT
tHIGH
tBUF
tLOW
tR
tF
10
LM5066
SNVS655I – JUNE 2011 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: LM5066
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
(1)
Devices participating in a transfer will timeout when any clock low exceeds the value of tTIMEOUT,MIN of 25 ms. Devices that have
detected a timeout condition must reset the communication no later than tTIMEOUT,MAX of 35 ms. The maximum value must be adhered
to by both a master and a slave as it incorporates the cumulative stretch limit for both a master (10 ms) and a slave (25 ms).
(2)
tHIGH MAX provides a simple method for devices to detect bus idle conditions.
(3)
tLOW:SEXT is the cumulative time a slave device is allowed to extend the clock cycles in one message from the initial start to the stop. If a
slave exceeds this time, it is expected to release both its clock and data lines and reset itself.
(4)
tLOW:MEXT is the cumulative time a master device is allowed to extend its clock cycles within each byte of a message as defined from
start-to-ack, ack-to-ack, or ack-to-stop.
(5)
Rise and fall time is defined as follows:
tR = ( VILMAX – 0.15) to (VIHMIN + 0.15);
tF = 0.9 VDD to (VILMAX – 0.15)
7.6 SMBus Communications Timing Requirements and Definitions
PARAMETER
MIN
MAX
UNIT
ƒSMB
SMBus operating frequency
10
400
kHz
tBUF
Bus free time between stop and start condition
1.3
µs
tHD:STA
Hold time after (repeated) start condition. After this period, the first clock is generated.
0.6
µs
tSU:STA
Repeated start condition setup time
0.6
µs
tSU:STO
Stop condition setup time
0.6
µs
tHD:DAT
Data hold time
85
ns
tSU:DAT
Data setup time
100
ns
tTIMEOUT
Clock low time-out(1)
25
35
ms
tLOW
Clock low period
1.5
µs
tHIGH
Clock high period(2)
0.6
µs
tLOW:SEXT
Cumulative clock low extend time (slave device)(3)
25
ms
tLOW:MEXT
Cumulative low extend time (master device)(4)
10
ms
tF
Clock or data fall time(5)
20
300
ns
tR
Clock or data rise time(5)
20
300
ns
Figure 1. SMBus Timing Diagram


Similar Part No. - LM5066PMHX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5066PMHX TI-LM5066PMHX Datasheet
1Mb / 63P
[Old version datasheet]   LM5066 High Voltage System Power Management and Protection IC with PMBus
LM5066PMHXNOPB TI1-LM5066PMHXNOPB Datasheet
1Mb / 50P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
More results

Similar Description - LM5066PMHX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2482 TI1-TPS2482_15 Datasheet
1Mb / 56P
[Old version datasheet]   36-V Hotswap Controller with Precision I2C Power Monitoring
logo
Analog Devices
ADM1276 AD-ADM1276 Datasheet
628Kb / 48P
   Hot Swap Controller and Digital Power and Energy Monitoring with PMBus Interface
REV. 0
logo
Texas Instruments
TPS2482 TI-TPS2482 Datasheet
1Mb / 56P
[Old version datasheet]   36-V Hotswap Controller with Precision I2C Power Monitoring
logo
International Rectifier
IR36021 IRF-IR36021_15 Datasheet
2Mb / 41P
   DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
IR36021 IRF-IR36021 Datasheet
2Mb / 41P
   DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
logo
Analog Devices
LTC7841 AD-LTC7841 Datasheet
1Mb / 48P
   PolyPhase Synchronous Boost Controller with PMBus Interface
logo
Linear Technology
LTC7510 LINER-LTC7510 Datasheet
78Kb / 2P
   Digital DC/DC Controller with PMBus Interface
logo
Analog Devices
ADM1278 AD-ADM1278 Datasheet
874Kb / 61P
   Hot Swap Controller and Digital Power and Energy Monitor with PMBus Interface
logo
Supertex, Inc
HV302DB1 SUTEX-HV302DB1 Datasheet
320Kb / 2P
   Hotswap Controller
logo
Maxim Integrated Produc...
MAX8688 MAXIM-MAX8688 Datasheet
407Kb / 38P
   Digital Power-Supply Controller/Monitor with PMBus Interface
Rev 1; 12/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com