Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM431CCM3 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM431CCM3
Description  Adjustable Precision Zener Shunt Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM431CCM3 Datasheet(HTML) 5 Page - Texas Instruments

  LM431CCM3 Datasheet HTML 1Page - Texas Instruments LM431CCM3 Datasheet HTML 2Page - Texas Instruments LM431CCM3 Datasheet HTML 3Page - Texas Instruments LM431CCM3 Datasheet HTML 4Page - Texas Instruments LM431CCM3 Datasheet HTML 5Page - Texas Instruments LM431CCM3 Datasheet HTML 6Page - Texas Instruments LM431CCM3 Datasheet HTML 7Page - Texas Instruments LM431CCM3 Datasheet HTML 8Page - Texas Instruments LM431CCM3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LM431
www.ti.com
SNVS020H – MAY 2000 – REVISED JANUARY 2016
6.5 Electrical Characteristics
TA = 25°C unless otherwise specified
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VZ = VREF, II = 10 mA
2.44
2.495
2.55
LM431A (Figure 6 )
VZ = VREF, II = 10 mA
VREF
Reference voltage
2.47
2.495
2.52
V
LM431B (Figure 6 )
VZ = VREF, II = 10 mA
2.485
2.5
2.51
LM431C (Figure 6 )
Deviation of reference input voltage
VZ = VREF, II = 10 mA,
VDEV
8
17
mV
overtemperature(1)
TA = full range (Figure 6 )
VZ from VREF to 10 V
−1.4
−2.7
ΔVREF/
Ratio of the change in reference voltage to the
IZ = 10 mA
mV/V
ΔVZ
change in cathode voltage
(Figure 7 )
VZ from 10 V to 36 V
−1
−2
R1 = 10 kΩ, R2 = ∞, II = 10 mA
IREF
Reference input current
2
4
μA
(Figure 7 )
Deviation of reference input current
R1 = 10 kΩ, R2 = ∞, II = 10 mA,
∝IREF
0.4
1.2
μA
overtemperature
TA = full range (Figure 7 )
IZ(MIN)
Minimum cathode current for regulation
VZ = VREF(Figure 6 )
0.4
1
mA
IZ(OFF)
OFF-state current
VZ = 36 V, VREF = 0 V (Figure 8)
0.3
1
μA
(1)
Deviation of reference input voltage, VDEV, is defined as the maximum variation of the reference input voltage over the full temperature
range.
The average temperature coefficient of the reference input voltage,
∝VREF, is defined as:
Where:
T2 – T1 = full temperature change (0–70°C).
VREF can be positive or negative depending on whether the slope is positive or negative.
Example: VDEV = 8 mV, VREF = 2495 mV, T2 – T1 = 70°C, slope is positive.
Copyright © 2000–2016, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM431


Similar Part No. - LM431CCM3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM431CCM3 NSC-LM431CCM3 Datasheet
380Kb / 12P
   Adjustable Precision Zener Shunt Regulator
LM431CCM3 NSC-LM431CCM3 Datasheet
870Kb / 13P
   Adjustable Precision Zener Shunt Regulator
logo
Texas Instruments
LM431CCM3 TI1-LM431CCM3 Datasheet
1Mb / 23P
[Old version datasheet]   LM431 Adjustable Precision Zener Shunt Regulator
LM431CCM3 TI1-LM431CCM3 Datasheet
1Mb / 32P
[Old version datasheet]   Adjustable Precision Zener Shunt Regulator
LM431CCM3/NOPB TI1-LM431CCM3/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   LM431 Adjustable Precision Zener Shunt Regulator
More results

Similar Description - LM431CCM3

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZR431FTA DIODES-ZR431FTA Datasheet
168Kb / 9P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR431 DIODES-ZR431 Datasheet
114Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR431F005TA DIODES-ZR431F005TA Datasheet
168Kb / 9P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZH431 DIODES-ZH431 Datasheet
103Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
SHANGHAI BELLING CO., L...
BL431 BELLING-BL431_17 Datasheet
241Kb / 9P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
Zetex Semiconductors
ZR431L ZETEX-ZR431L Datasheet
207Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR2431 ZETEX-ZR2431 Datasheet
103Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
Diodes Incorporated
ZR431GTA DIODES-ZR431GTA Datasheet
152Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR2431 DIODES-ZR2431 Datasheet
101Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
List of Unclassifed Man...
ZH431 ETC-ZH431 Datasheet
106Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com