Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2734 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM2734
Description  Thin SOT 1-A Load Step-Down DC-DC Regulator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2734 Datasheet(HTML) 2 Page - Texas Instruments

  LM2734 Datasheet HTML 1Page - Texas Instruments LM2734 Datasheet HTML 2Page - Texas Instruments LM2734 Datasheet HTML 3Page - Texas Instruments LM2734 Datasheet HTML 4Page - Texas Instruments LM2734 Datasheet HTML 5Page - Texas Instruments LM2734 Datasheet HTML 6Page - Texas Instruments LM2734 Datasheet HTML 7Page - Texas Instruments LM2734 Datasheet HTML 8Page - Texas Instruments LM2734 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
LM2734Z, LM2734Z-Q1
SNVS334F – JANUARY 2005 – REVISED JANUARY 2016
www.ti.com
Table of Contents
7.4
Device Functional Modes........................................ 11
1
Features .................................................................. 1
8
Application and Implementation ........................ 12
2
Applications ........................................................... 1
8.1
Application Information............................................ 12
3
Description ............................................................. 1
8.2
Typical Applications ................................................ 12
4
Revision History..................................................... 2
9
Power Supply Recommendations ...................... 26
5
Pin Configuration and Functions ......................... 3
10
Layout................................................................... 26
6
Specifications......................................................... 4
10.1
Layout Guidelines ................................................. 26
6.1
Absolute Maximum Ratings ...................................... 4
10.2
Layout Examples................................................... 27
6.2
ESD Ratings.............................................................. 4
11
Device and Documentation Support ................. 28
6.3
Recommended Operating Conditions ....................... 4
11.1
Device Support...................................................... 28
6.4
Thermal Information .................................................. 5
11.2
Documentation Support ........................................ 28
6.5
Electrical Characteristics........................................... 5
11.3
Community Resources.......................................... 28
6.6
Typical Characteristics .............................................. 6
11.4
Trademarks ........................................................... 28
7
Detailed Description .............................................. 7
11.5
Electrostatic Discharge Caution ............................ 28
7.1
Overview ................................................................... 7
11.6
Glossary ................................................................ 28
7.2
Functional Block Diagram ......................................... 7
12
Mechanical, Packaging, and Orderable
7.3
Feature Description................................................... 7
Information ........................................................... 28
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision E (April 2013) to Revision F
Page
Added ESD Ratings table, Feature Description section, Device Functional Modes section, Application and
Implementation section, Power Supply Recommendations section, Layout section, Device and Documentation
Support section, and Mechanical, Packaging, and Orderable Information section................................................................ 1
Removed soldering information ............................................................................................................................................. 4
Changes from Revision D (April 2013) to Revision E
Page
Changed layout of National Data Sheet to TI format ........................................................................................................... 25
2
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Product Folder Links: LM2734Z LM2734Z-Q1


Similar Part No. - LM2734

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2734 NSC-LM2734 Datasheet
459Kb / 22P
   Thin SOT23 1A Load Step-Down DC-DC Regulator
logo
Texas Instruments
LM2734 TI1-LM2734 Datasheet
1Mb / 31P
[Old version datasheet]   LM2734 Thin SOT 1A Load Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM27341 NSC-LM27341 Datasheet
717Kb / 30P
   2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
logo
Texas Instruments
LM27341 TI1-LM27341 Datasheet
1Mb / 42P
[Old version datasheet]   2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
LM27341 TI-LM27341 Datasheet
2Mb / 44P
[Old version datasheet]   LM27341/LM27342/LM27341-Q1/LM27342-Q1 2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
More results

Similar Description - LM2734

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2734 TI-LM2734_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM2734 Thin SOT 1-A Load Step-Down DC-DC Regulator
LM2734 TI1-LM2734 Datasheet
1Mb / 31P
[Old version datasheet]   LM2734 Thin SOT 1A Load Step-Down DC-DC Regulator
LM2736YMKX TI-LM2736YMKX Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI-LM2736XMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736YMK TI-LM2736YMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI1-LM2736XMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736 TI-LM2736_15 Datasheet
1Mb / 36P
[Old version datasheet]   LM2736 Thin SOT 750 mA Load Step-Down DC-DC Regulator
LM2734Z TI-LM2734Z_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM2734Z/LM2734ZQ Thin SOT 1A Load Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2736 NSC-LM2736 Datasheet
444Kb / 22P
   Thin SOT23 750mA Load Step-Down DC-DC Regulator
LM2734 NSC-LM2734 Datasheet
459Kb / 22P
   Thin SOT23 1A Load Step-Down DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com