Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP3232EUCT Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP3232EUCT
Description  3.3V, 1000 Kbps RS-232 Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3232EUCT Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP3232EUCT Datasheet HTML 2Page - Sipex Corporation SP3232EUCT Datasheet HTML 3Page - Sipex Corporation SP3232EUCT Datasheet HTML 4Page - Sipex Corporation SP3232EUCT Datasheet HTML 5Page - Sipex Corporation SP3232EUCT Datasheet HTML 6Page - Sipex Corporation SP3232EUCT Datasheet HTML 7Page - Sipex Corporation SP3232EUCT Datasheet HTML 8Page - Sipex Corporation SP3232EUCT Datasheet HTML 9Page - Sipex Corporation SP3232EUCT Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Rev. A Date:12/11/03
SP3222EU/3232EU 3.3V, 1000kbps RS-232 Transceivers
© Copyright 2003 Sipex Corporation
6
Figure 8. Pinout Configuration for the SP3232EU
Figure 7. Pinout Configurations for the SP3222EU
V-
1
2
3
4
17
18
19
20
5
6
7
16
15
14
SHDN
C1+
V+
C1-
C2+
C2-
N.C.
EN
R1IN
GND
VCC
T1OUT
N.C.
8
9
10
11
12
13
R2IN
R2OUT
SP3222EU
T2OUT
T1IN
T2IN
R1OUT
SSOP/TSSOP
V-
1
2
3
4
15
16
17
18
5
6
7
14
13
12
SHDN
C1+
V+
C1-
C2+
C2-
EN
R1IN
GND
VCC
T1OUT
8
9
10
11
R2IN
SP3222EU
T2OUT
T2IN
T1IN
R1OUT
DIP/SO
R2OUT
V-
1
2
3
4
13
14
15
16
5
6
7
12
11
10
C1+
V+
C1-
C2+
C2-
R1IN
R2IN
GND
VCC
T1OUT
T2IN
8
9
SP3232EU
T1IN
R1OUT
R2OUT
T2OUT


Similar Part No. - SP3232EUCT

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3232EUCT SIPEX-SP3232EUCT Datasheet
285Kb / 20P
   3.3V, 1000 Kbps RS-232 Transceivers
SP3232EUCT/TR SIPEX-SP3232EUCT/TR Datasheet
285Kb / 20P
   3.3V, 1000 Kbps RS-232 Transceivers
More results

Similar Description - SP3232EUCT

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP3222EU EXAR-SP3222EU Datasheet
1Mb / 20P
   3.3V, 1000 kbps RS-232 Transceivers
logo
Sipex Corporation
SP3222EU SIPEX-SP3222EU_06 Datasheet
285Kb / 20P
   3.3V, 1000 Kbps RS-232 Transceivers
SP3222EH SIPEX-SP3222EH Datasheet
138Kb / 19P
   3.3V, 460 Kbps RS-232 Transceivers
SP3222EH SIPEX-SP3222EH_06 Datasheet
179Kb / 19P
   3.3V, 460 Kbps RS-232 Transceivers
SP3222EH SIPEX-SP3222EH Datasheet
174Kb / 19P
   3.3V, 460 Kbps RS-232 Transceivers
SP3222H SIPEX-SP3222H Datasheet
147Kb / 17P
   3.3V, 460 Kbps RS-232 Transceivers
logo
Renesas Technology Corp
ISL3330 RENESAS-ISL3330 Datasheet
1Mb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL3330 INTERSIL-ISL3330 Datasheet
950Kb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol RS-232/RS-485 Transceivers
ISL3330IAZ INTERSIL-ISL3330IAZ Datasheet
947Kb / 25P
   3.3V, ±15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
May 20, 2008
logo
Exar Corporation
SP211CA-L-TR EXAR-SP211CA-L-TR Datasheet
1Mb / 15P
   5V RS-232 Serial Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com