Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD17578Q3A Datasheet(PDF) 9 Page - Texas Instruments

Part # CSD17578Q3A
Description  N-Channel NexFET Power MOSFETs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD17578Q3A Datasheet(HTML) 9 Page - Texas Instruments

Back Button CSD17578Q3A_16 Datasheet HTML 5Page - Texas Instruments CSD17578Q3A_16 Datasheet HTML 6Page - Texas Instruments CSD17578Q3A_16 Datasheet HTML 7Page - Texas Instruments CSD17578Q3A_16 Datasheet HTML 8Page - Texas Instruments CSD17578Q3A_16 Datasheet HTML 9Page - Texas Instruments CSD17578Q3A_16 Datasheet HTML 10Page - Texas Instruments CSD17578Q3A_16 Datasheet HTML 11Page - Texas Instruments CSD17578Q3A_16 Datasheet HTML 12Page - Texas Instruments CSD17578Q3A_16 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
(3.1)
4X 0.705
4X 1.125
(R
) TYP
0.05
8X (0.6)
8X (0.3)
6X (0.65)
(0.208)
(0.905)
(0.663)
(1.325)
SYMM
SOLDER MASK EDGE
PKG
1
4
5
8
9
METAL
TYP
4X (0.6)
4X (0.3)
(1.775)
(2.45)
0.05 MIN
ALL SIDES
3X (0.65)
3X (0.65)
(0.207)
(0.975)
TYP
(R
)
TYP
0.05
(0.245)
(0.905)
TYP
(R
) TYP
0.05
(1.55)
(0.56)
(0.635)
TYP
(
) VIA
TYP
0.2
4X (0.3)
LAND PATTERN EXAMPLE
SYMM
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
1
4
5
8
9
PKG
CSD17578Q3A
www.ti.com
SLPS525A – SEPTEMBER 2014 – REVISED JANUARY 2016
7.2 Q3A Recommended PCB Pattern
1. This package is designed to be soldered to a thermal pad on the board. For more information, see QFN/SON
PCB Attachment application report, SLUA271.
2. Vias are optional depending on application, refer to device data sheet. If some or all are implemented,
recommended via locations are shown.
For recommended circuit layout for PCB designs, see application note SLPA005 – Reducing Ringing Through
PCB Layout Techniques.
7.3 Q3A Recommended Stencil Pattern
1. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525
may have alternate design recommendations.
Copyright © 2014–2016, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: CSD17578Q3A


Similar Part No. - CSD17578Q3A_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17578Q3A TI-CSD17578Q3A_15 Datasheet
955Kb / 15P
[Old version datasheet]   CSD17578Q3A 30 V N-Channel NexFET Power MOSFETs
More results

Similar Description - CSD17578Q3A_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD16301Q2 TI-CSD16301Q2_11 Datasheet
183Kb / 9P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16323Q3 TI1-CSD16323Q3 Datasheet
392Kb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16325Q5 TI-CSD16325Q5 Datasheet
242Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD16403Q5A TI1-CSD16403Q5A Datasheet
345Kb / 10P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16406Q3 TI1-CSD16406Q3 Datasheet
364Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16407Q5 TI1-CSD16407Q5 Datasheet
340Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD17551Q3A TI1-CSD17551Q3A_16 Datasheet
779Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD18509Q5B TI1-CSD18509Q5B_16 Datasheet
464Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD17552Q3A TI1-CSD17552Q3A_16 Datasheet
776Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD16323Q3C TI1-CSD16323Q3C Datasheet
387Kb / 10P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16342Q5A TI-CSD16342Q5A Datasheet
2Mb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com