Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FVM-1220 Datasheet(PDF) 1 Page - Level One

Part # FVM-1220
Description  RJ45 to SC Managed Fast Ethernet Media Converter, Single-Mode Fiber, 20km
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

FVM-1220 Datasheet(HTML) 1 Page - Level One

  FVM-1220 Datasheet HTML 1Page - Level One FVM-1220 Datasheet HTML 2Page - Level One FVM-1220 Datasheet HTML 3Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FVM-1220 Version: 1
RJ45 to SC Managed Fast Ethernet Media
Converter, Single-Mode Fiber, 20km
FVM-1220 is remote Managed Fast Ethernet fiber media converter with OAM functions developed by our
company. It can convert Ethernet signal between 10/100Base-Tx and 100Base-FX, It supports both half-
duplex and full-duplex operations and a variety of fiber options. It is double fiber, single mode, 20km media
converter.
Remote devices can be managed by fiber-connected OAM media converter or OAM switch when deployed
as a stand-alone solution. It incorporates an easy to use Web user interface for operation, administration
and maintenance, both locally and remotely. By offering IEEE802.3ah OAM compliance, this converter can
be linked to any IEEE802.3ah compliant fiber switch and support loop back and dying gasp functions. All
functions of this converter and the remotely connected converter can be configured and monitored via Web
management, including bandwidth control, duplex, speed and VLAN configuration.
Key Features
- Web-based and SNMP Management
- Built-in LFP (Link Fault Pass-through) (LLCF/LLR) Technology
- IEEE 802.3x Flow Control protects against lost packets for reliable data transmission
- Supports VLAN (tag-based, Q-in-Q)
Specifications
System Specifications
Standards & Protocols:
IEEE802.3 10Base-T Ethernet,
IEEE802.3u 100Base-Tx Fast Ethernet,
IEEE802.3u 100Base-Fx Fast Ethernet,
IEEE802.3x Flow Control,
IEEE802.3ah OAM
Connectors and Cabling:
1 x RJ45 Ethernet port,
1 x SC/FC/ST fiber connnector
Wavelength(nm):
1310nm
Indicator:
PWR (power supply),
FX LINK/ACT (optical link action)
FDX (full duplex),
TX LINK/ACT (TP cable link/action)
TX 100 (TP cable rate 100M),
LFP(LFP function enable/disable)
www.level1.com
Page 1 of 3


Similar Part No. - FVM-1220

ManufacturerPart #DatasheetDescription
logo
Level One
FVM-1000 LVL1-FVM-1000 Datasheet
1Mb / 3P
   RJ45 to SFP Managed Fast Ethernet Media Converter
FVM-1101 LVL1-FVM-1101 Datasheet
391Kb / 3P
   RJ45 to SC Managed Fast Ethernet Media Converter, Multi-Mode Fiber
More results

Similar Description - FVM-1220

ManufacturerPart #DatasheetDescription
logo
Level One
GVM-1220 LVL1-GVM-1220 Datasheet
1Mb / 3P
   RJ45 to SC Managed Gigabit Media Converter, Single-Mode Fiber, 20km
FVM-1101 LVL1-FVM-1101 Datasheet
391Kb / 3P
   RJ45 to SC Managed Fast Ethernet Media Converter, Multi-Mode Fiber
GVM-1101 LVL1-GVM-1101 Datasheet
411Kb / 3P
   RJ45 to SC Managed Gigabit Media Converter, Multi-Mode Fiber
FVM-1000 LVL1-FVM-1000 Datasheet
1Mb / 3P
   RJ45 to SFP Managed Fast Ethernet Media Converter
logo
Weidmuller
1241410000 WEIDMULLER-1241410000 Datasheet
243Kb / 4P
   Media converter, Fast Ethernet, Number of ports:1x RJ45, 1 * SC Single-mode
1241400000 WEIDMULLER-1241400000 Datasheet
244Kb / 4P
   Media converter, Fast Ethernet, Number of ports:1x RJ45, 1 * SC Single-mode
logo
Tripp Lite. All Rights ...
N785-P01-SC-SM1 TRIPPLITE-N785-P01-SC-SM1 Datasheet
169Kb / 3P
   Gigabit Singlemode Fiber to Ethernet Media Converter, POE - 10/100/1000 SC, 1310 nm, 20km (12.4 mi.)
logo
Glenair, Inc.
050_123 GLENAIR-050_123 Datasheet
667Kb / 13P
   Copper to Fiber Single Channel Ethernet Media Converter
050-123 GLENAIR-050-123 Datasheet
667Kb / 13P
   Copper to Fiber Single Channel Ethernet Media Converter
logo
Level One
IEC-1820 LVL1-IEC-1820 Datasheet
329Kb / 2P
   10/100 Industrial Media Converter, SC SM 20KM
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com