Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FNS-1020 Datasheet(PDF) 1 Page - Level One

Part # FNS-1020
Description  8 FE PoE plus 8 FE Web Smart Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

FNS-1020 Datasheet(HTML) 1 Page - Level One

  FNS-1020 Datasheet HTML 1Page - Level One FNS-1020 Datasheet HTML 2Page - Level One FNS-1020 Datasheet HTML 3Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2
8 FE PoE + 8 FE Web
Smart Switch
FSW-1671
Web Smart for Intelligent Networks
FSW-1671 switch is a Web Smart Switch equipped with
16 10/100 Mbps ports with auto-MDI/MDIX crossover
detection function. 8 of those ports are also built
with PoE functionality, providing the ultimate choice
in network flexibility. With this added PoE feature,
FSW-1671 is an ideal solution for building wireless, IP
surveillance, and VoIP networks.
Port Trunking, QoS, and Advanced Management
FSW-1671 provides a port-based and 802.1Q tag VLAN
function to provide better traffic management, reduce
latency, improve security, and save bandwidth. This
is also a cost-saving feature as it reduces the need to
add additional hardware to the network.
FSW-1671 also comes with Quality of Service (QoS)
for traffic prioritization and a friendly web UI for users
to easily configure and maintain the device through a
web browser.
Power over Ethernet 802.3af
The FSW-1671 has 8 10/100BASE-TX ports that
support the IEEE 802.3af PoE protocol. Each port and
transmit a maximum power 15.4W per port. You can
also enable or disable power supply on PoE ports from
UI.
Key Features
- 16×10/100Mbps Auto-negotiation Fast Ethernet
RJ45 ports including 8 POE ports (port-9 ~ port-16)
- Complies with IEEE802.3af standard
- Supports PoE power maximum 15.4W for each PoE
port
- Supports IEEE 802.3x flow control for full-duplex
mode ports
- Supports back-pressure flow control for half-duplex
mode ports
- Supports 802.1Q VLAN
- Supports Port based/802.1P based QoS (Quality of
Service)
- Easy configuration via WEB browser
FSW-0812
8-Port Fast Ethernet PoE PD
Switch
Works well with
1. LED Indicators
2. 10/100Mpbs
RJ-45 Uplink Ports
3. 10/100Mpbs
RJ-45 PoE Ports
4. Power On/Off
5. Power Socket
H/W Version: 1
1
5
4
FCS-1122
Megapixel PoE Network
Camera
2
3


Similar Part No. - FNS-1020

ManufacturerPart #DatasheetDescription
logo
Level One
FNS-1020 LVL1-FNS-1020 Datasheet
180Kb / 2P
   1-Bay Simple Network Storage
FNS-1020 LVL1-FNS-1020 Datasheet
769Kb / 2P
   5-Port Fast Ethernet PCI Switch Card
More results

Similar Description - FNS-1020

ManufacturerPart #DatasheetDescription
logo
Level One
IES-0852 LVL1-IES-0852 Datasheet
645Kb / 2P
   4 x 802.3at plus 4 FE Web Smart Switch -40 to 75C, DIN-rail
FEU-0511 LVL1-FEU-0511 Datasheet
280Kb / 2P
   4 FE plus 1 FE MMF SC Switch
IES-0853 LVL1-IES-0853 Datasheet
645Kb / 2P
   4 x 802.3at plus 3 FE plus 1 MM SC Web Smart Switch -40 to 75C, DIN-rail
FGP-2412 LVL1-FGP-2412 Datasheet
814Kb / 5P
   24 FE PoE-Plus 2 GE Combo SFP Switch, 480W
GEP-0821 LVL1-GEP-0821 Datasheet
710Kb / 3P
   8-Port Gigabit PoE Plus Switch
GEP-0822 LVL1-GEP-0822 Datasheet
735Kb / 3P
   8-Port Gigabit PoE Plus Switch
GEP-0820 LVL1-GEP-0820 Datasheet
821Kb / 3P
   8-Port Gigabit PoE Plus Switch
POH-1250 LVL1-POH-1250 Datasheet
527Kb / 2P
   12 FE PoE Hub
IES-1070 LVL1-IES-1070 Datasheet
570Kb / 2P
   8 FE plus 2 GE TX Managed Switch -10 to 60C, DIN-rail
IES-0920 LVL1-IES-0920 Datasheet
570Kb / 2P
   8 FE plus 1 MM SC Unmanaged Switch -40 to 75, DIN-rail
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com