Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSW-0511 Datasheet(PDF) 2 Page - Level One

Part # FSW-0511
Description  8 FE PoE plus 8 FE Web Smart Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

FSW-0511 Datasheet(HTML) 2 Page - Level One

  FSW-0511 Datasheet HTML 1Page - Level One FSW-0511 Datasheet HTML 2Page - Level One FSW-0511 Datasheet HTML 3Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.level1.com
I one world_one brand_one level_
Web Smart Switches
3
Technical Specifications
Software Specification
VLAN
Port Based VLAN
Tag VLAN (20 Entries)
VLAN ID (up to 4K)
Trunk
4 Ports per Group/ 2 Group per Device
Static Trunk
Quality of Service (QoS)
IEEE802.1p Priority
Port Base Priority
WRR: 4 Quenes
BandWidth Control
Support ingress packet filter and egress packet limit
Storm Control
Broadcast storm Control
Port Mirror
Support 3 mirror types “TX,RX and both packet”
PoE Spec
Support up to 15.4W for each PoE port
PD classification identify
PoE Current/Watt Detection
PoE Power on/off control function
IGMP snooping
Support IGMP snooping v1 and v2
Firmware Update
Web Base/TFTP
MTBF
179657.9743
FSW-1671
Product Diagram
Network Interface
IEEE Standards Compatibility
IEEE 802.3 10 Base-T Ethernet
IEEE 802.3u 100Base-Tx
IEEE 802.3x Flow Control and Back Pressure
IEEE 802.1p QoS
IEEE 802.1Q VLAN tag
IEEE 802.3af
Hardware Specification
8 x 10/100Mbps Auto-negotiation, Auto-MDIX
Fast Ethernet ports (port 1 ~ port 8)
8 x 10/100Mbps Auto-negotiation, Auto-MDIX
PoE ports (port 9 ~ port 16)
LEDs
Per Unit: Power
Per Port: Link/Activity
Performance Specifications
Forwarding Modes: Store and Forward
Back-Plane : 3.2G
Packet buffer memory: 192 KB
Mac Address : 4K Mac address table
PoE : 15.4 Watt Full power on each PoE ports
Electrical Specifications
Voltage: 90-260V/AC , 50-60Hz
Power Consumption: 130.7W
Physical Specifications
Operating temperature: 0 ~ 60°C
Storage temperature: -20 ~ 90°C
Operating humidity: 10 ~ 90% RH (non-condensing)
EMI/EMC
CE
FCC Part 15 Class A
Internet
Modem Router
POS-1000
WAP-3000
VOI-7100
WAP-3100
FSW-0512
FSW-0511
WAP-3000
PC
FNS-1020
Ethernet Cable (RJ 45)
PoE
Phone Line (RJ 11)
Power


Similar Part No. - FSW-0511

ManufacturerPart #DatasheetDescription
logo
Level One
FSW-0511 LVL1-FSW-0511 Datasheet
746Kb / 4P
   Provides flexibility of 5x 10/100BASE-TX ports 10/100Mbps-Full/Half-duplex, Auto-Negotiation, Auto-MDI/MDIX
FSW-0511 LVL1-FSW-0511 Datasheet
631Kb / 2P
   24-Port 10/100 Rackmount Switch
More results

Similar Description - FSW-0511

ManufacturerPart #DatasheetDescription
logo
Level One
IES-0852 LVL1-IES-0852 Datasheet
645Kb / 2P
   4 x 802.3at plus 4 FE Web Smart Switch -40 to 75C, DIN-rail
FEU-0511 LVL1-FEU-0511 Datasheet
280Kb / 2P
   4 FE plus 1 FE MMF SC Switch
IES-0853 LVL1-IES-0853 Datasheet
645Kb / 2P
   4 x 802.3at plus 3 FE plus 1 MM SC Web Smart Switch -40 to 75C, DIN-rail
FGP-2412 LVL1-FGP-2412 Datasheet
814Kb / 5P
   24 FE PoE-Plus 2 GE Combo SFP Switch, 480W
GEP-0821 LVL1-GEP-0821 Datasheet
710Kb / 3P
   8-Port Gigabit PoE Plus Switch
GEP-0822 LVL1-GEP-0822 Datasheet
735Kb / 3P
   8-Port Gigabit PoE Plus Switch
GEP-0820 LVL1-GEP-0820 Datasheet
821Kb / 3P
   8-Port Gigabit PoE Plus Switch
POH-1250 LVL1-POH-1250 Datasheet
527Kb / 2P
   12 FE PoE Hub
IES-1070 LVL1-IES-1070 Datasheet
570Kb / 2P
   8 FE plus 2 GE TX Managed Switch -10 to 60C, DIN-rail
IES-0920 LVL1-IES-0920 Datasheet
570Kb / 2P
   8 FE plus 1 MM SC Unmanaged Switch -40 to 75, DIN-rail
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com