Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP3232H Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP3232H
Description  3.3V, 460 Kbps RS-232 Transceivers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3232H Datasheet(HTML) 2 Page - Sipex Corporation

  SP3232H Datasheet HTML 1Page - Sipex Corporation SP3232H Datasheet HTML 2Page - Sipex Corporation SP3232H Datasheet HTML 3Page - Sipex Corporation SP3232H Datasheet HTML 4Page - Sipex Corporation SP3232H Datasheet HTML 5Page - Sipex Corporation SP3232H Datasheet HTML 6Page - Sipex Corporation SP3232H Datasheet HTML 7Page - Sipex Corporation SP3232H Datasheet HTML 8Page - Sipex Corporation SP3232H Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Rev. 6/27/03
SP3222H/3232H 3.3V, 460 Kbps RS-232 Transceivers
© Copyright 2003 Sipex Corporation
2
NOTE 1: V+ and V- can have maximum magnitudes of 7V, but their absolute difference cannot exceed 13V.
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the
device at these ratings or any other above those indicated in
the operation sections of the specifications below is not
implied. Exposure to absolute maximum rating conditions
for extended periods of time may affect reliability and cause
permanent damage to the device.
V
CC................................................................-0.3V to +6.0V
V+ (NOTE 1)................................................-0.3V to +7.0V
V- (NOTE 1)................................................+0.3V to -7.0V
V+ + |V-| (NOTE 1)...................................................+13V
I
CC (DC VCC or GND current).................................+100mA
Electrostatic Discharge
HBM ......................................................................15kV
IEC1000-4-2-AirDischarge....................................15kV
IEC1000-4-2 Direct Contact....................................8kV
Input Voltages
TxIN, EN .....................................................-0.3V to +6.0V
RxIN.............................................................................
±25V
Output Voltages
TxOUT.....................................................................
±13.2V
RxOUT..............................................-0.3V to (V
CC + 0.3V)
Short-Circuit Duration
TxOUT...............................................................Continuous
Storage Temperature.................................-65
°C to +150°C
Power Dissipation Per Package
20-pin SSOP (derate 9.25mW/oC above +70oC).......750mW
18-pin PDIP (derate 15.2mW/oC above +70oC)......1220mW
18-pin SOIC (derate 15.7mW/oC above +70oC)......1260mW
20-pin TSSOP (derate 11.1mW/oC above +70oC).....890mW
16-pin SSOP (derate 9.69mW/oC above +70oC).......775mW
16-pin PDIP (derate 14.3mW/oC above +70oC)......1150mW
16-pin Wide SOIC (derate 11.2mW/oC above +70oC)....900mW
16-pin TSSOP (derate 10.5mW/oC above +70oC).....850mW
SPECIFICATIONS
Unless otherwise noted, the following specifications apply for V
CC = +3.0V to +5.0V with TAMB = TMIN to TMAX
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
DC CHARACTERISTICS
Supply Current
0.3
1.0
mA
no load, T
AMB = +25°C,
V
CC = +3.3V, TxIN = VCC or GND
Shutdown Supply Current
1.0
10
µA
SHDN=GND, T
AMB = +25°C,
V
CC=+3.3V, TxIN=VCC or GND
LOGIC INPUTS AND RECEIVER OUTPUTS
Input Logic Threshold LOW
0.8
V
TxIN, EN, SHDN, Note 2
Input Logic Threshold HIGH
2.0
V
V
CC=3.3V, Note 2
2.4
V
CC=5.0V, Note 2
Input Leakage Current
±0.01
±1.0
µA
TxIN, EN, SHDN, T
AMB = +25°C
Output Leakage Current
±0.05
±10
µA
receivers disabled
Output Voltage LOW
0.4
V
I
OUT=1.6mA
Output Voltage HIGH
V
CC-0.6
V
CC-0.1
V
I
OUT=-1.0mA
DRIVER OUTPUTS
Output Voltage Swing
±5.0
±5.4
V
3kΩ load to ground at all driver outputs,
T
AMB=+25°C
Output Resistance
300
V
CC= V+ = V- = 0V, TOUT = ±2V
Output Short-Circuit Current
±35
±60
mA
V
OUT = 0V
Output Leakage Current
±25
µAV
OUT = ±12V, VCC = 0V or 3.0V+5.5V,
drivers disabled


Similar Part No. - SP3232H

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3232 SIPEX-SP3232 Datasheet
139Kb / 18P
   True 3.0V to 5.5V RS-232 Transceivers
SP3232 SIPEX-SP3232 Datasheet
139Kb / 20P
   3.3V, 1000 Kbps RS-232 Transceivers
SP3232 SIPEX-SP3232 Datasheet
212Kb / 20P
   True 3.0V to 5.5V RS-232 Transceivers
SP3232 SIPEX-SP3232 Datasheet
207Kb / 20P
   True 3.0V to 5.5V RS-232 Transceivers
logo
Guangdong Youtai Semico...
SP3232 UMW-SP3232 Datasheet
405Kb / 7P
   3.0V TO 5.5V LOW POWER MULTICHANNEL RS-232 LINE TRANSCEIVERS USING FOR 0.1 μF EXTERNAL CAPACITORS
More results

Similar Description - SP3232H

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3222EH SIPEX-SP3222EH Datasheet
138Kb / 19P
   3.3V, 460 Kbps RS-232 Transceivers
SP3222EH SIPEX-SP3222EH_06 Datasheet
179Kb / 19P
   3.3V, 460 Kbps RS-232 Transceivers
SP3222EH SIPEX-SP3222EH Datasheet
174Kb / 19P
   3.3V, 460 Kbps RS-232 Transceivers
SP3222EU SIPEX-SP3222EU Datasheet
139Kb / 20P
   3.3V, 1000 Kbps RS-232 Transceivers
logo
Exar Corporation
SP3222EU EXAR-SP3222EU Datasheet
1Mb / 20P
   3.3V, 1000 kbps RS-232 Transceivers
logo
Sipex Corporation
SP3222EU SIPEX-SP3222EU_06 Datasheet
285Kb / 20P
   3.3V, 1000 Kbps RS-232 Transceivers
logo
Texas Instruments
TRS3318 TI-TRS3318 Datasheet
342Kb / 17P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
MAX3318E TI-MAX3318E Datasheet
166Kb / 18P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
TRS3318E TI-TRS3318E_10 Datasheet
319Kb / 19P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
TRS3318E TI-TRS3318E Datasheet
313Kb / 19P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com