Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APU3048 Datasheet(PDF) 15 Page - Advanced Power Electronics Corp.

Part # APU3048
Description  SYNCHRONOUS PWM CONTROLLER WITH OVER CURRENT PROTECTION
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APU3048 Datasheet(HTML) 15 Page - Advanced Power Electronics Corp.

Back Button APU3048_16 Datasheet HTML 8Page - Advanced Power Electronics Corp. APU3048_16 Datasheet HTML 9Page - Advanced Power Electronics Corp. APU3048_16 Datasheet HTML 10Page - Advanced Power Electronics Corp. APU3048_16 Datasheet HTML 11Page - Advanced Power Electronics Corp. APU3048_16 Datasheet HTML 12Page - Advanced Power Electronics Corp. APU3048_16 Datasheet HTML 13Page - Advanced Power Electronics Corp. APU3048_16 Datasheet HTML 14Page - Advanced Power Electronics Corp. APU3048_16 Datasheet HTML 15Page - Advanced Power Electronics Corp. APU3048_16 Datasheet HTML 16Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Advanced Power
Electronics Corp.
APU3048
WAVEFORMS
15
Figure 16 - Gate signals for 3.3V output.
Ch1: Output current 2A/div.
Ch2: Gate signal for control FET 20V/div.
Ch3: Gate signal for sync FET 10V/div.
Figure 17 - Gate signals for 1.8V output.
Ch1: Output current 2A/div.
Ch2: Gate signal for control FET 10V/div.
Ch3: Gate signal for sync FET 10V/div.
.


Similar Part No. - APU3048_16

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APU3048M A-POWER-APU3048M Datasheet
189Kb / 15P
   DUAL SYNCHRONOUS PWM CONTROLLER CIRCUITRY AND LDO CONTROLLER
APU3048O A-POWER-APU3048O Datasheet
189Kb / 15P
   DUAL SYNCHRONOUS PWM CONTROLLER CIRCUITRY AND LDO CONTROLLER
More results

Similar Description - APU3048_16

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU3039 IRF-IRU3039 Datasheet
182Kb / 22P
   SYNCHRONOUS PWM CONTROLLER WITH OVER CURRENT PROTECTION
IRU3073 IRF-IRU3073 Datasheet
238Kb / 21P
   SYNCHRONOUS PWM CONTROLLER WITH OVER-CURRENT PROTECTION / LDO CONTROLLER
logo
Microsemi Corporation
NX2119 MICROSEMI-NX2119 Datasheet
499Kb / 16P
   SYNCHRONOUS PWM CONTROLLER WITH CURRENT LIMIT PROTECTION
NX2116 MICROSEMI-NX2116 Datasheet
408Kb / 14P
   SYNCHRONOUS PWM CONTROLLER WITH CURRENT LIMIT, POWER GOOD & OVER VOLTAGE
logo
Excelliance MOS Corp.
EM8672 EXCELLIANCE-EM8672 Datasheet
285Kb / 13P
   HV Start-up PWM Controller with Over Temperature Protection
logo
Advanced Power Electron...
APU3073 A-POWER-APU3073 Datasheet
164Kb / 17P
   SYNCHRONOUS PWM CONTROLLER WITH
logo
Leadtrend Technology
LD7750 LEADTREND-LD7750 Datasheet
454Kb / 20P
   High Voltage Green-Mode PWM Controller with Over Temperature Protection
LD7750R LEADTREND-LD7750R Datasheet
406Kb / 19P
   High Voltage Green-Mode PWM Controller with Over Temperature Protection
05/12/2010
logo
Advanced Power Electron...
APU3046 A-POWER-APU3046 Datasheet
230Kb / 19P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH
logo
Monolithic Power System...
MP3908 MPS-MP3908 Datasheet
275Kb / 11P
   Current Mode PWM Controller with Synchronous Secondary Gate Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com