Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMLJ10A Datasheet(PDF) 3 Page - MDE Semiconductor, Inc.

Part # SMLJ10A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.

SMLJ10A Datasheet(HTML) 3 Page - MDE Semiconductor, Inc.

  SMLJ10A Datasheet HTML 1Page - MDE Semiconductor, Inc. SMLJ10A Datasheet HTML 2Page - MDE Semiconductor, Inc. SMLJ10A Datasheet HTML 3Page - MDE Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
11/13/2013
3000 Watt Surface Mount TVS
UNI
BI
SMLJ5.0A SMLJ5.0CA
RDE DDE
5.00
6.40
7.00
10
9.2
326.1
800
SMLJ6.0A SMLJ6.0CA
RDG DDG
6.00
6.67
7.37
10
10.3
291.3
800
SMLJ6.5A SMLJ6.5CA
RDK DDK
6.50
7.22
7.98
10
11.2
267.9
500
SMLJ7.0A SMLJ7.0CA
PDM DDM
7.00
7.78
8.60
10
12.0
250.0
200
SMLJ7.5A SMLJ7.5CA
PDP DDP
7.50
8.33
9.21
1
12.9
232.6
100
SMLJ8.0A SMLJ8.0CA
PDR DDR
8.00
8.89
9.83
1
13.6
220.6
50
SMLJ8.5A SMLJ8.5CA
PDT DDT
8.50
9.44
10.40
1
14.4
208.3
20
SMLJ9.0A SMLJ9.0CA
PDV DDV
9.00
10.00
11.10
1
15.4
194.8
10
SMLJ10A
SMLJ10CA
PDX DDX
10.00
11.10
12.30
1
17.0
176.5
5
SMLJ11A
SMLJ11CA
PDZ DDZ
11.00
12.20
13.50
1
18.2
164.8
5
SMLJ12A
SMLJ12CA
PEE DEE
12.00
13.30
14.70
1
19.9
150.8
5
SMLJ13A
SMLJ13CA
PEG DEG
13.00
14.40
15.90
1
21.5
139.5
5
SMLJ14A
SMLJ14CA
PEK DEK
14.00
15.60
17.20
1
23.2
129.3
2
SMLJ15A
SMLJ15CA
PEM DEM
15.00
16.70
18.50
1
24.4
123.0
2
SMLJ16A
SMLJ16CA
PEP DEP
16.00
17.80
19.70
1
26.0
115.4
2
SMLJ17A
SMLJ17CA
PER DER
17.00
18.90
20.90
1
27.6
108.7
2
SMLJ18A
SMLJ18CA
PET DET
18.00
20.00
22.10
1
29.2
102.7
2
SMLJ20A
SMLJ20CA
PEV DEV
20.00
22.20
24.50
1
32.4
92.6
2
SMLJ22A
SMLJ22CA
PEX DEX
22.00
24.40
26.90
1
35.5
84.5
2
SMLJ24A
SMLJ24CA
PEZ DEZ
24.00
26.70
29.50
1
38.9
77.1
2
SMLJ26A
SMLJ26CA
PFE DFE
26.00
28.90
31.90
1
42.1
71.3
2
SMLJ28A
SMLJ28CA
PFG DFG
28.00
31.10
34.40
1
45.4
66.1
2
SMLJ30A
SMLJ30CA
PFK DFK
30.00
33.30
36.80
1
48.4
62.0
2
SMLJ33A
SMLJ33CA
PFM DFM
33.00
36.70
40.60
1
53.3
56.3
2
SMLJ36A
SMLJ36CA
PFP DFP
36.00
40.00
44.20
1
58.1
51.6
2
SMLJ40A
SMLJ40CA
PFR DFR
40.00
44.40
49.10
1
64.5
46.5
2
SMLJ43A
SMLJ43CA
PFT
DFT
43.00
47.80
52.80
1
69.4
43.2
2
SMLJ45A
SMLJ45CA
PFV DFV
45.00
50.00
55.30
1
72.7
41.3
2
SMLJ48A
SMLJ48CA
PFX DFX
48.00
53.30
58.90
1
77.4
38.8
2
SMLJ51A
SMLJ51CA
PFZ
DFZ
51.00
56.70
62.70
1
82.4
36.4
2
SMLJ54A
SMLJ54CA
PGE DGE
54.00
60.00
66.30
1
87.1
34.4
2
SMLJ58A
SMLJ58CA
PGG DGG
58.00
64.40
71.20
1
93.6
32.1
2
SMLJ60A
SMLJ60CA
PGK DGK
60.00
66.70
73.70
1
96.8
31.0
2
SMLJ64A
SMLJ64CA
PGM DGM
64.00
71.10
78.60
1
103.0
29.1
2
SMLJ70A
SMLJ70CA
PGP DGP
70.00
77.80
86.00
1
113.0
26.5
2
SMLJ75A
SMLJ75CA
PGR DGR
75.00
83.30
92.10
1
121.0
24.8
2
SMLJ78A
SMLJ78CA
PGT DGT
78.00
86.70
95.80
1
126.0
23.8
2
SMLJ85A
SMLJ85CA
PGV DGV
85.00
94.40
104.00
1
137.0
21.9
2
SMLJ90A
SMLJ90CA
PGX DGX
90.00
100.00
111.00
1
146.0
20.5
2
SMLJ100A SMLJ100CA PGZ DGZ
100.00
111.00
123.00
1
162.0
18.5
2
SMLJ110A SMLJ110CA PHE DHE
110.00
122.00
135.00
1
177.0
16.9
2
SMLJ120A SMLJ120CA PHG DHG
120.00
133.00
147.00
1
193.0
15.5
2
SMLJ130A SMLJ130CA PHK DHK
130.00
144.00
159.00
1
209.0
14.4
2
SMLJ150A SMLJ150CA PHM DHM
150.00
167.00
185.00
1
243.0
12.3
2
SMLJ160A SMLJ160CA PHP DHP
160.00
178.00
197.00
1
259.0
11.6
2
SMLJ170A SMLJ170CA PHR DHR
170.00
189.00
209.00
1
275.0
10.9
2
For bidirectional type having Vrwm of 10 volts and less, the IR limit is double
For parts without A, the VBR is ± 10%
Certified RoHS Compliant
UL File # E223026
MAXIMUM
CLAMPING
VOLTAGE
@IPP VC (V)
UNI-POLAR
BI-POLAR
DEVICE
MARKING
CODE
REVERSE
STANDOFF
VOLTAGE
VRWM (V)
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel : 760-564-8656 • Fax : 760-564-2414
MDE Semiconductor, Inc.
1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
PEAK
PULSE
CURRENT
IPP (A)
REVERSE
LEAKAGE
@ VRWM
IR (µA)
BREAKDOWN
VOLTAGE
VBR (V)
MIN. @ IT
BREAKDOWN
VOLTAGE
VBR (V)
MAX. @ IT
TEST
CURRENT
(IT)
mA


Similar Part No. - SMLJ10A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMLJ10A MCC-SMLJ10A Datasheet
428Kb / 8P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
logo
Microsemi Corporation
SMLJ10A MICROSEMI-SMLJ10A Datasheet
138Kb / 3P
   UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
logo
Bourns Electronic Solut...
SMLJ10A BOURNS-SMLJ10A Datasheet
205Kb / 5P
   SMLJ Transient Voltage Suppressor Diode Series
logo
Micro Commercial Compon...
SMLJ10A MCC-SMLJ10A Datasheet
504Kb / 7P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
logo
List of Unclassifed Man...
SMLJ10A ETC2-SMLJ10A Datasheet
385Kb / 4P
   Transient Voltage Suppressor
More results

Similar Description - SMLJ10A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMDJ ETC1-SMDJ Datasheet
546Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
StarHope
TVS-SMDJ SPSEMI-TVS-SMDJ Datasheet
154Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 170 Volts 3000 Watt Peak Pulse Power
logo
Yea Shin Technology Co....
P2SMSJ YEASHIN-P2SMSJ Datasheet
745Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 170 Volts 200 Watt Peak Power Pulse
logo
Pan Jit International I...
3KP PANJIT-3KP Datasheet
173Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
logo
Micro Commercial Compon...
SMLJ5.0 MCC-SMLJ5.0_11 Datasheet
476Kb / 7P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMLJ50 MCC-SMLJ50 Datasheet
428Kb / 8P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMLJ15A-TP MCC-SMLJ15A-TP Datasheet
492Kb / 7P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMLJ22A-TP MCC-SMLJ22A-TP Datasheet
504Kb / 7P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
logo
Yea Shin Technology Co....
P4SMFJ5.0 YEASHIN-P4SMFJ5.0 Datasheet
1,002Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 188 Volts 400 Watt Peak Power Pulse
logo
Pan Jit International I...
15SMCJ PANJIT-15SMCJ Datasheet
83Kb / 4P
   SURFACE MOUNT TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 220 Volts 1500 Watt Peak Power Pulse)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com