Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLU710-1204C1-41GV1J8 Datasheet(PDF) 7 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CLU710-1204C1-41GV1J8
Description  CITILED VIVID Series High intensity Type
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CLU710-1204C1-41GV1J8 Datasheet(HTML) 7 Page - CITIZEN ELECTRONICS CO., LTD.

Back Button CLU710-1204C1-41GV1J8 Datasheet HTML 3Page - CITIZEN ELECTRONICS CO., LTD. CLU710-1204C1-41GV1J8 Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CLU710-1204C1-41GV1J8 Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CLU710-1204C1-41GV1J8 Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CLU710-1204C1-41GV1J8 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CLU710-1204C1-41GV1J8 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CLU710-1204C1-41GV1J8 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. CLU710-1204C1-41GV1J8 Datasheet HTML 10Page - CITIZEN ELECTRONICS CO., LTD. CLU710-1204C1-41GV1J8 Datasheet HTML 11Page - CITIZEN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Ref.CE-P3430 01/16
4-2. Optical Characteristics (continued)
4-3. Derating Characteristics
Case Temperature
vs. Allowable Forward Current
0
100
200
300
400
500
600
700
800
900
1000
0
25
50
75
100
125
Tc [C]
7
Radiation Characteristic
0%
20%
40%
60%
80%
100%
X
Y
80°
70°
60°
50°
40°
30°
20°
10°
-80°
-70°
-60°
-50°
-20°
-30°
-40°
-10°
90°
-90°


Similar Part No. - CLU710-1204C1-41GV1J8

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLU710-1204C1-41GV1J8 CITIZEN-CLU710-1204C1-41GV1J8 Datasheet
585Kb / 14P
   High intensity Type
More results

Similar Description - CLU710-1204C1-41GV1J8

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLU700-1002C1 CITIZEN-CLU700-1002C1 Datasheet
711Kb / 14P
   CITILED VIVID Series High intensity Type
CLU700-0603C1 CITIZEN-CLU700-0603C1 Datasheet
711Kb / 14P
   CITILED VIVID Series High intensity Type
CLU700-0303C1 CITIZEN-CLU700-0303C1 Datasheet
711Kb / 14P
   CITILED VIVID Series High intensity Type
CLU700-0602C1 CITIZEN-CLU700-0602C1 Datasheet
711Kb / 14P
   CITILED VIVID Series High intensity Type
CLU720-1206C1 CITIZEN-CLU720-1206C1 Datasheet
726Kb / 14P
   CITILED VIVID Series High intensity Type
CLU034-1208B8 CITIZEN-CLU034-1208B8 Datasheet
684Kb / 14P
   CITILED COB Series VIVID Type
CLU044-1212B8 CITIZEN-CLU044-1212B8 Datasheet
660Kb / 14P
   CITILED COB Series VIVID Type
CLU034-1206B8 CITIZEN-CLU034-1206B8 Datasheet
684Kb / 14P
   CITILED COB Series VIVID Type
CLU024-1204B8 CITIZEN-CLU024-1204B8 Datasheet
690Kb / 14P
   CITILED COB Series VIVID Type
CLU044-1812B8 CITIZEN-CLU044-1812B8 Datasheet
659Kb / 14P
   CITILED COB Series VIVID Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com