Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLU700-1002B8-353H5G3 Datasheet(PDF) 4 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CLU700-1002B8-353H5G3
Description  CITILED COB Series High intensity High-CRI Type
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CLU700-1002B8-353H5G3 Datasheet(HTML) 4 Page - CITIZEN ELECTRONICS CO., LTD.

  CLU700-1002B8-353H5G3 Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD. CLU700-1002B8-353H5G3 Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD. CLU700-1002B8-353H5G3 Datasheet HTML 3Page - CITIZEN ELECTRONICS CO., LTD. CLU700-1002B8-353H5G3 Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CLU700-1002B8-353H5G3 Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CLU700-1002B8-353H5G3 Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CLU700-1002B8-353H5G3 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CLU700-1002B8-353H5G3 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CLU700-1002B8-353H5G3 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Ref.CE-P3122 04/15
2-3. Chromaticity Characteristics
Note : Citizen Electronics maintains chromaticity ( x, y ) +/-0.005
0.30
0.35
0.40
0.45
0.30
0.35
0.40
0.45
0.50
x
x-y chart CIE1931
4,000K
3,500K
3,000K
2,700K
Black
Body
Locus
3-step
4
2700K
( 0.4577 , 0.4098 )
3000K
( 0.4339 , 0.4032 )
3500K
( 0.4078 , 0.3929 )
4000K
( 0.3818 , 0.3796 )
( Rated current, Tj=85C )
Color Region
Nominal
CCT
Center Point
( x, y )
Oval parameter
Major Axis
a
Minor Axis
b
Ellipse
Rotation Angle
θ
* Color region stay within MacAdam 3-step ellipse from the chromaticity center.
* The chromaticity center refers to ANSI C78.377:2011.
Please refer to ANSI C78. 377 for the chromaticity center.
* θ is the angle between the major axis of the ellipse and the x-axis, and a and b are the major and minor semi-axes of an ellipse.
(Ref. IEC 60081:1997 AnnexD)
3-step MacAdam ellipse
0.00774
0.00411
57.28
0.00834
0.00408
53.17
0.00951
0.00417
52.97
0.00939
0.00402
54.00


Similar Part No. - CLU700-1002B8-353H5G3

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLU700-1002C1 CITIZEN-CLU700-1002C1 Datasheet
711Kb / 14P
   CITILED VIVID Series High intensity Type
CLU700-1002C1 CITIZEN-CLU700-1002C1 Datasheet
647Kb / 14P
   High intensity Type
CLU700-1002C1-27GV1J9 CITIZEN-CLU700-1002C1-27GV1J9 Datasheet
711Kb / 14P
   CITILED VIVID Series High intensity Type
CLU700-1002C1-27GV1J9 CITIZEN-CLU700-1002C1-27GV1J9 Datasheet
647Kb / 14P
   High intensity Type
CLU700-1002C1-31GV1J8 CITIZEN-CLU700-1002C1-31GV1J8 Datasheet
711Kb / 14P
   CITILED VIVID Series High intensity Type
More results

Similar Description - CLU700-1002B8-353H5G3

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLU710-1204B8 CITIZEN-CLU710-1204B8 Datasheet
746Kb / 15P
   CITILED COB Series High intensity High-CRI Type
CLU730-1210B8 CITIZEN-CLU730-1210B8 Datasheet
731Kb / 15P
   CITILED COB Series High intensity High CRI Type
CLU720-1206B8 CITIZEN-CLU720-1206B8 Datasheet
759Kb / 15P
   CITILED COB Series High intensity High-CRI Type
CLU711-1204C4 CITIZEN-CLU711-1204C4 Datasheet
1Mb / 16P
   CITILED COB Series High Intensity Type
CLU701-0304C4 CITIZEN-CLU701-0304C4 Datasheet
1Mb / 15P
   CITILED COB Series High Intensity Type
CLU701-0303C4 CITIZEN-CLU701-0303C4 Datasheet
1Mb / 15P
   CITILED COB Series High Intensity Type
CLU731-1210C4 CITIZEN-CLU731-1210C4 Datasheet
1Mb / 16P
   CITILED COB Series High Intensity Type
CLU721-1206C4 CITIZEN-CLU721-1206C4 Datasheet
1Mb / 16P
   CITILED COB Series High Intensity Type
CLU701-1002C4 CITIZEN-CLU701-1002C4 Datasheet
1Mb / 16P
   CITILED COB Series High Intensity Type
CLU700-0603C1 CITIZEN-CLU700-0603C1 Datasheet
711Kb / 14P
   CITILED VIVID Series High intensity Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com