Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLU700-0603C1-31GV1J8 Datasheet(PDF) 2 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CLU700-0603C1-31GV1J8
Description  CITILED VIVID Series High intensity Type
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CLU700-0603C1-31GV1J8 Datasheet(HTML) 2 Page - CITIZEN ELECTRONICS CO., LTD.

  CLU700-0603C1-31GV1J8 Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD. CLU700-0603C1-31GV1J8 Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD. CLU700-0603C1-31GV1J8 Datasheet HTML 3Page - CITIZEN ELECTRONICS CO., LTD. CLU700-0603C1-31GV1J8 Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CLU700-0603C1-31GV1J8 Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CLU700-0603C1-31GV1J8 Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CLU700-0603C1-31GV1J8 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CLU700-0603C1-31GV1J8 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CLU700-0603C1-31GV1J8 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Ref.CE-P3428 01/16
1. Introduction
1-1. Product Description
1-2. Features
CITIZEN ELECTRONICS is the first COB manufacture. Our advanced knowledge and packaging technology for many
years has excellent reliability and high quality of our products. CITILED COB Series covers a wide range of luminous flux
from a 10W incandescent bulb to a 500W mercury lamp in general lighting sources. The element arrangement of LED
package is capable of utilizing light more effectively and higher performance.
The new package “CITILED Vivid Series, Intensity Type” provide superior color quality such as attractive vivid color
and smaller LES(Light emitting surface) for narrow light distribution. CITIZEN advanced packaging technology and
spectrum tuning technology creates emphasis on the appearance of lighting. It is suitable for commercial lighting
especially for luminaires with a narrow beam angle such as spot lights.
2
CLU700 - 06 03 C1 - 41 G V1 J8
[1]
[2]
[3]
[4]
[5]
[1]
[2]
[3]
[4]
[5]
Product Nomenclature
VIVID type
CLU700
06
03
White
V1
Product shape
Die count in series
Die count in parallel
Color


Similar Part No. - CLU700-0603C1-31GV1J8

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLU700-0603C1-31GV1J8 CITIZEN-CLU700-0603C1-31GV1J8 Datasheet
645Kb / 14P
   High intensity Type
More results

Similar Description - CLU700-0603C1-31GV1J8

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLU700-1002C1 CITIZEN-CLU700-1002C1 Datasheet
711Kb / 14P
   CITILED VIVID Series High intensity Type
CLU710-1204C1 CITIZEN-CLU710-1204C1 Datasheet
713Kb / 14P
   CITILED VIVID Series High intensity Type
CLU700-0303C1 CITIZEN-CLU700-0303C1 Datasheet
711Kb / 14P
   CITILED VIVID Series High intensity Type
CLU700-0602C1 CITIZEN-CLU700-0602C1 Datasheet
711Kb / 14P
   CITILED VIVID Series High intensity Type
CLU720-1206C1 CITIZEN-CLU720-1206C1 Datasheet
726Kb / 14P
   CITILED VIVID Series High intensity Type
CLU034-1208B8 CITIZEN-CLU034-1208B8 Datasheet
684Kb / 14P
   CITILED COB Series VIVID Type
CLU044-1212B8 CITIZEN-CLU044-1212B8 Datasheet
660Kb / 14P
   CITILED COB Series VIVID Type
CLU034-1206B8 CITIZEN-CLU034-1206B8 Datasheet
684Kb / 14P
   CITILED COB Series VIVID Type
CLU024-1204B8 CITIZEN-CLU024-1204B8 Datasheet
690Kb / 14P
   CITILED COB Series VIVID Type
CLU044-1812B8 CITIZEN-CLU044-1812B8 Datasheet
659Kb / 14P
   CITILED COB Series VIVID Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com