Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLU048-1212C4-273H5K2 Datasheet(PDF) 2 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CLU048-1212C4-273H5K2
Description  CITILED COB Series Standard Type Ra90 Model
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CLU048-1212C4-273H5K2 Datasheet(HTML) 2 Page - CITIZEN ELECTRONICS CO., LTD.

  CLU048-1212C4-273H5K2 Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD. CLU048-1212C4-273H5K2 Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD. CLU048-1212C4-273H5K2 Datasheet HTML 3Page - CITIZEN ELECTRONICS CO., LTD. CLU048-1212C4-273H5K2 Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CLU048-1212C4-273H5K2 Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CLU048-1212C4-273H5K2 Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CLU048-1212C4-273H5K2 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CLU048-1212C4-273H5K2 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CLU048-1212C4-273H5K2 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Ref.CE-P3541 02/16
1. Introduction
1-1. Product Description
1-2. Features
CITIZEN ELECTRONICS is the first COB manufacture. Our advanced knowledge and packaging technology for many
years has excellent reliability and high quality of our products. CITILED COB Series covers a wide range of luminous flux
from a 10W incandescent bulb to a 500W mercury lamp in general lighting sources. The element arrangement of LED
package is capable of utilizing light more effectively and higher performance.
The new version of CITILED COB Series succeed to reduce the thermal resistance significantly. New version creates
more options to match luminaire's products design (ex. High performance , Cost effective , Higher lumen density ,
Increased allowable max. If). The outline and LES size is same since version 1. 3-step MacAdam ellipse color definition at
Tj=85℃ is available.
2
CLU048 - 12 12 C4 - 27 3 H5 K2
[1]
[2]
[3]
[4]
[5]
[1]
[2]
[3]
[4]
[5]
Product Nomenclature
CRI (Ra)
CLU048
12
12
2700K
Min.90
Product shape
Die count in series
Die count in parallel
Nominal CCT


Similar Part No. - CLU048-1212C4-273H5K2

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLU048-1212C4-27BV1N3 CITIZEN-CLU048-1212C4-27BV1N3 Datasheet
559Kb / 14P
   Brilliant Type
More results

Similar Description - CLU048-1212C4-273H5K2

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLU058-1825C4 CITIZEN-CLU058-1825C4 Datasheet
1Mb / 15P
   CITILED COB Series Standard Type Ra90 Model
CLU038-1210C4 CITIZEN-CLU038-1210C4 Datasheet
1Mb / 15P
   CITILED COB Series Standard Type Ra90 Model
CLU028-1201C4 CITIZEN-CLU028-1201C4 Datasheet
1Mb / 15P
   CITILED COB Series Standard Type Ra90 Model
CLU028-1202C4 CITIZEN-CLU028-1202C4 Datasheet
1Mb / 15P
   CITILED COB Series Standard Type Ra90 Model
CLU038-1206C4 CITIZEN-CLU038-1206C4 Datasheet
1Mb / 15P
   CITILED COB Series Standard Type Ra90 Model
CLU048-1818C4 CITIZEN-CLU048-1818C4 Datasheet
1Mb / 15P
   CITILED COB Series Standard Type Ra90 Model
CLU028-1203C4 CITIZEN-CLU028-1203C4 Datasheet
1Mb / 15P
   CITILED COB Series Standard Type Ra90 Model
CLU038-1205C4 CITIZEN-CLU038-1205C4 Datasheet
1Mb / 15P
   CITILED COB Series Standard Type Ra90 Model
CLU028-1204C4 CITIZEN-CLU028-1204C4 Datasheet
1Mb / 15P
   CITILED COB Series Standard Type Ra90 Model
CLU048-1812C4 CITIZEN-CLU048-1812C4 Datasheet
1Mb / 15P
   CITILED COB Series Standard Type Ra90 Model
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com