Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLU038-1205C4-273H5K2 Datasheet(PDF) 7 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CLU038-1205C4-273H5K2
Description  CITILED COB Series Standard Type Ra90 Model
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CLU038-1205C4-273H5K2 Datasheet(HTML) 7 Page - CITIZEN ELECTRONICS CO., LTD.

Back Button CLU038-1205C4-273H5K2 Datasheet HTML 3Page - CITIZEN ELECTRONICS CO., LTD. CLU038-1205C4-273H5K2 Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CLU038-1205C4-273H5K2 Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CLU038-1205C4-273H5K2 Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CLU038-1205C4-273H5K2 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CLU038-1205C4-273H5K2 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CLU038-1205C4-273H5K2 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. CLU038-1205C4-273H5K2 Datasheet HTML 10Page - CITIZEN ELECTRONICS CO., LTD. CLU038-1205C4-273H5K2 Datasheet HTML 11Page - CITIZEN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Ref.CE-P3537 02/16
4-2. Optical Characteristics
Spectrum : CRI(Ra) 90Min.
Tj=85℃
If=450mA
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
380
430
480
530
580
630
680
730
780
Wave length [nm]
4000K
3500K
3000K
2700K
7


Similar Part No. - CLU038-1205C4-273H5K2

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLU038-1205C4-27*M2M2-F1 CITIZEN-CLU038-1205C4-27*M2M2-F1 Datasheet
640Kb / 15P
   Standard Type
More results

Similar Description - CLU038-1205C4-273H5K2

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CLU058-1825C4 CITIZEN-CLU058-1825C4 Datasheet
1Mb / 15P
   CITILED COB Series Standard Type Ra90 Model
CLU038-1210C4 CITIZEN-CLU038-1210C4 Datasheet
1Mb / 15P
   CITILED COB Series Standard Type Ra90 Model
CLU028-1201C4 CITIZEN-CLU028-1201C4 Datasheet
1Mb / 15P
   CITILED COB Series Standard Type Ra90 Model
CLU028-1202C4 CITIZEN-CLU028-1202C4 Datasheet
1Mb / 15P
   CITILED COB Series Standard Type Ra90 Model
CLU038-1206C4 CITIZEN-CLU038-1206C4 Datasheet
1Mb / 15P
   CITILED COB Series Standard Type Ra90 Model
CLU048-1818C4 CITIZEN-CLU048-1818C4 Datasheet
1Mb / 15P
   CITILED COB Series Standard Type Ra90 Model
CLU028-1203C4 CITIZEN-CLU028-1203C4 Datasheet
1Mb / 15P
   CITILED COB Series Standard Type Ra90 Model
CLU028-1204C4 CITIZEN-CLU028-1204C4 Datasheet
1Mb / 15P
   CITILED COB Series Standard Type Ra90 Model
CLU048-1212C4 CITIZEN-CLU048-1212C4 Datasheet
1Mb / 15P
   CITILED COB Series Standard Type Ra90 Model
CLU048-1812C4 CITIZEN-CLU048-1812C4 Datasheet
1Mb / 15P
   CITILED COB Series Standard Type Ra90 Model
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com