Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OD1-B035C15I25 Datasheet(PDF) 3 Page - SICK AG

Part # OD1-B035C15I25
Description  DISPLACEMENT MEASUREMENT SENSORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

OD1-B035C15I25 Datasheet(HTML) 3 Page - SICK AG

  OD1-B035C15I25 Datasheet HTML 1Page - SICK AG OD1-B035C15I25 Datasheet HTML 2Page - SICK AG OD1-B035C15I25 Datasheet HTML 3Page - SICK AG OD1-B035C15I25 Datasheet HTML 4Page - SICK AG OD1-B035C15I25 Datasheet HTML 5Page - SICK AG OD1-B035C15I25 Datasheet HTML 6Page - SICK AG OD1-B035C15I25 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
OD1-B035C15I25 | OD Mini
DISPLACEMENT MEASUREMENT SENSORS
2016-03-17 13:18:11 | Online data sheet
Subject to change without notice
DISTANCE SENSORS | SICK
3
Mechanics/electronics
Supply voltage Vs
DC 12 V (–5 %) ... DC 24 V (+10 %)
Power consumption
≤ 1.92 W 1)
Warm-up time
≤ 5 min
Housing material
Aluminum housing with PPSU lens
Connection type
Cable with male connector, M12, 5-pin, 30 cm
Indication
4-digit 7-segment display (plus 4 LEDs for status display)
Operating elements
4 buttons
Weight
40 g
Dimensions
44.4 mm x 31 mm x 17 mm
1) Without load, with current output.
Ambient data
Enclosure rating
IP 67
Protection class
III
Ambient temperature
Operation: –10 °C ... +40 °C
Storage: –20 °C ... +60 °C
Min. rel. humidity (not condensing)
35 %
Max. rel. humidity (not condensing)
95 %
Temperature drift
± 0.08 % FS/K (FS = Full Scale = Measuring range of sensor)
Typ. Ambient light immunity
Artificial light: ≤ 3,000 lx
Sunlight: ≤ 10,000 lx
Vibration resistance
10 Hz ... 55 Hz (amplitude 1.5 mm, x-, y-, z-axis 2 hours each)
Shock resistance
50 G (x, y, z axis 3 times each)
General notes
Note
Not free of paint wetting impairment substances.
Dimensional drawing (Dimensions in mm (inch))
Aluminum housing
17,8
(0.7)
1.1
(0.04)
2
31 (1.22)
2 x M3
3
(0.12)
16
(0.63)
1
①  Variant with 30 cm cable with M12, 5-pin connector
②  Optical axis


Similar Part No. - OD1-B035C15I25

ManufacturerPart #DatasheetDescription
logo
SICK AG
OD1-B035C15I14 SICK-OD1-B035C15I14 Datasheet
451Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
More results

Similar Description - OD1-B035C15I25

ManufacturerPart #DatasheetDescription
logo
SICK AG
OD2-N30W04U0 SICK-OD2-N30W04U0 Datasheet
423Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N30W04C2 SICK-OD2-N30W04C2 Datasheet
411Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N50W10A0 SICK-OD2-N50W10A0 Datasheet
421Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N85W20C0 SICK-OD2-N85W20C0 Datasheet
422Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N120W60I0 SICK-OD2-N120W60I0 Datasheet
424Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N250W150A0 SICK-OD2-N250W150A0 Datasheet
421Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N250W150U0 SICK-OD2-N250W150U0 Datasheet
423Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-P85W20U0 SICK-OD2-P85W20U0 Datasheet
423Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
DT20-P130B4000 SICK-DT20-P130B4000 Datasheet
641Kb / 6P
   DISPLACEMENT MEASUREMENT SENSORS
DT20-P244BS04 SICK-DT20-P244BS04 Datasheet
646Kb / 6P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-P250W150C0 SICK-OD2-P250W150C0 Datasheet
421Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com