Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APE8903C Datasheet(PDF) 8 Page - Advanced Power Electronics Corp.

Part No. APE8903C
Description  3A ULTRA LOW DROPOUT LINEAR REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  A-POWER [Advanced Power Electronics Corp.]
Homepage  http://www.a-power.com.tw
Logo 

APE8903C Datasheet(HTML) 8 Page - Advanced Power Electronics Corp.

   
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Advanced Power
Electronics Corp.
APE8903C
TYPICAL PERFORMANCE CHARACTERISTICS
VEN
VIN
VOUT
VOUT
POK
POK
IOUT=3A
IOUT=3A
VFB vs. TJ
VEN vs. TJ
8
EN on with POK Delay
VIN Power –ON
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-40
-20
0
20
40
60
80
T J (°C)
VENH
VENL
0.70
0.72
0.74
0.76
0.78
0.80
0.82
0.84
0.86
0.88
0.90
-40
-20
0
20
40
60
80
T J (°C)
.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn