Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APE8903C Datasheet(PDF) 7 Page - Advanced Power Electronics Corp.

Part No. APE8903C
Description  3A ULTRA LOW DROPOUT LINEAR REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  A-POWER [Advanced Power Electronics Corp.]
Homepage  http://www.a-power.com.tw
Logo 

APE8903C Datasheet(HTML) 7 Page - Advanced Power Electronics Corp.

   
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Advanced Power
Electronics Corp.
APE8903C
TYPICAL PERFORMANCE CHARACTERISTICS
7
Load Regulation
Line Regulation
Dropout Voltage at VCNTL=5V
Dropout Voltage at VCNTL=3.3V
ICNTL vs. TJ
ICNTL-SD (APE8903CMP-B) vs. TJ
0.780
0.785
0.790
0.795
0.800
0.805
0.810
0.815
0.820
3
3.4
3.8
4.2
4.6
5
V CNTL (V)
Io=0mA
Io=1A
0.75
0.76
0.77
0.78
0.79
0.80
0.81
0.82
0.83
0.84
0.85
0
0.5
1
1.5
2
2.5
3
I OUT (A)
VCNTL=5
0
100
200
300
400
500
600
700
800
900
1000
0
0.5
1
1.5
2
2.5
3
I OUT (A)
Vo=2.5V
Vo=1.8V
Vo=1.2V
Vo=1.05V
0
100
200
300
400
500
600
700
800
900
1000
0
0.5
1
1.5
2
2.5
3
I OUT (A)
Vo=1.2V
Vo=1.05V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-40
-20
0
20
40
60
80
T J (°C)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
-40
-20
0
20
40
60
80
T J (°C)
.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn