Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APE8903C Datasheet(PDF) 6 Page - Advanced Power Electronics Corp.

Part # APE8903C
Description  3A ULTRA LOW DROPOUT LINEAR REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE8903C Datasheet(HTML) 6 Page - Advanced Power Electronics Corp.

  APE8903C Datasheet HTML 1Page - Advanced Power Electronics Corp. APE8903C Datasheet HTML 2Page - Advanced Power Electronics Corp. APE8903C Datasheet HTML 3Page - Advanced Power Electronics Corp. APE8903C Datasheet HTML 4Page - Advanced Power Electronics Corp. APE8903C Datasheet HTML 5Page - Advanced Power Electronics Corp. APE8903C Datasheet HTML 6Page - Advanced Power Electronics Corp. APE8903C Datasheet HTML 7Page - Advanced Power Electronics Corp. APE8903C Datasheet HTML 8Page - Advanced Power Electronics Corp. APE8903C Datasheet HTML 9Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Advanced Power
Electronics Corp.
APE8903C
FUNCTION DESCRIPTION
Current-Limit
Thermal Shutdown
APPLICATION INFORMATION
Capacitor Selection
6
A thermal shutdown circuit limits the junction temperature of APE8903C. When the junction
temperature exceeds +160°C, a thermal sensor turns off the output NMOS, allowing the device to
cool down. The regulator regulates the output again through initiation of a new soft-start cycle
after the junction temperature cools by 40 ° C, resulting in a pulsed output during continuous
thermal overload conditions. The thermal shutdown designed.
Normally, use a MLCC capacitor on the input and output of the APE8903C. Larger input
capacitor values provide better supply-noise rejection and transient response. A higher- value
output capacitor may be necessary if large, fast transients are anticipated and the device is
located several inches from the power source. The X5R and X7R type in MLCC is recommended.
For aluminum electrolytic capacitor application, 100uF in input capacitor and 220uF in output
capacitor (30m Ω < ESR < 200m Ω ) are recommended. Output capacitor of larger capacitance
can reduce noise and improve load transient response, stability, and PSRR.
The APE8903C monitors the current via the output NMOS and limits the maximum current to
prevent load and APE8903C from damages during overload or short circuit conditions.
.


Similar Part No. - APE8903C

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8903B A-POWER-APE8903B Datasheet
1Mb / 10P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - APE8903C

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1185 AIC-AIC1185 Datasheet
241Kb / 13P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981_14 Datasheet
104Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
uPI Group Inc.
UP8801S UPI-UP8801S Datasheet
198Kb / 15P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8953 A-POWER-APE8953 Datasheet
472Kb / 8P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
APE8963 A-POWER-APE8963_14 Datasheet
152Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ4230 HTC-TJ4230 Datasheet
211Kb / 9P
   3A Ultra Low Dropout Linear Regulator
logo
List of Unclassifed Man...
UP7706 ETC2-UP7706 Datasheet
369Kb / 12P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981 Datasheet
200Kb / 11P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
201204032
APE8903B A-POWER-APE8903B Datasheet
1Mb / 10P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
L1806 UTC-L1806 Datasheet
227Kb / 7P
   3A, ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com