Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54336ADDAR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54336ADDAR
Description  Synchronous Step-Down DC-DC Converter
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54336ADDAR Datasheet(HTML) 5 Page - Texas Instruments

  TPS54336ADDAR Datasheet HTML 1Page - Texas Instruments TPS54336ADDAR Datasheet HTML 2Page - Texas Instruments TPS54336ADDAR Datasheet HTML 3Page - Texas Instruments TPS54336ADDAR Datasheet HTML 4Page - Texas Instruments TPS54336ADDAR Datasheet HTML 5Page - Texas Instruments TPS54336ADDAR Datasheet HTML 6Page - Texas Instruments TPS54336ADDAR Datasheet HTML 7Page - Texas Instruments TPS54336ADDAR Datasheet HTML 8Page - Texas Instruments TPS54336ADDAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
5
TPS54335A, TPS54335-1A, TPS54336A
www.ti.com
SLVSCD5D – NOVEMBER 2014 – REVISED FEBRUARY 2016
Product Folder Links: TPS54335A TPS54335-1A TPS54336A
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
TPS5433xA
TPS5433xA and
TPS54335-1A
UNIT
DDA (SO PowerPAD)
DRC (VSON)
8 PINS
10 PINS
RθJA
Junction-to-ambient thermal resistance
42.1
43.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
50.9
55.4
°C/W
RθJB
Junction-to-board thermal resistance
31.8
18.9
°C/W
ψJT
Junction-to-top characterization parameter
8
0.7
°C/W
ψJB
Junction-to-board characterization parameter
13.5
19.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
7.1
5.3
°C/W
(1)
Measured at pins
6.5 Electrical Characteristics
The electrical ratings specified in this section apply to all specifications in this document unless otherwise noted. These
specifications are interpreted as conditions that will not degrade the parametric or functional specifications of the device for
the life of the product containing it. TJ = –40°C to 150°C, VIN = 4.5 to 28 V, (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE AND UVLO (VIN PIN)
Operating input voltage
4.5
28
V
Input UVLO threshold
Rising VIN
4
4.5
V
Input UVLO hysteresis
180
400
mV
VIN-shutdown supply current
VEN = 0 V
2
10
µA
VIN-operating non-switching supply
current
VVSENSE = 810 mV
310
800
µA
ENABLE (EN PIN)
Enable threshold
Rising
1.21
1.28
V
Enable threshold
Falling
1.1
1.17
V
Input current
VEN = 1.1 V
1.15
µA
Hysteresis current
VEN = 1.3 V
3.3
µA
VOLTAGE REFERENCE
Reference
TJ =25°C
0.7936
0.8 0.8064
V
0.788
0.8
0.812
MOSFET
High-side switch resistance(1)
V(BOOT-PH) = 3 V
160
280
m
Ω
V(BOOT-PH) = 6 V
128
230
m
Ω
Low-side switch resistance(1)
VIN = 12 V
84
170
m
Ω
ERROR AMPLIFIER
Error-amplifier transconductance (gm)
–2 µA < ICOMP < 2 µA, VCOMP = 1 V
1300
µmhos
Error-amplifier source and sink
VCOMP = 1 V, 100-mV overdrive
100
µA
Start switching peak current threshold
0.5
A
COMP to ISWITCH gm
8
A/V
CURRENT-LIMIT
High-side switch current-limit threshold
4
4.9
6.5
A
Low-side switch sourcing current-limit
3.5
4.7
6.1
A
Low-side switch sinking current-limit
0
A


Similar Part No. - TPS54336ADDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54336ADDAR TI1-TPS54336ADDAR Datasheet
1Mb / 53P
[Old version datasheet]   TPS5433xA 4.5-V to 28-V Input, 3-A Output, Synchronous Step-Down DC-DC Converter
More results

Similar Description - TPS54336ADDAR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16961 MAXIM-MAX16961 Datasheet
650Kb / 12P
   Synchronous Step-Down DC-DC Converter
Rev 3; 5/14
MAX17543 MAXIM-MAX17543 Datasheet
2Mb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
logo
Texas Instruments
LM2650 TI-LM2650_15 Datasheet
938Kb / 19P
[Old version datasheet]   Synchronous Step-Down DC/DC Converter
logo
Maxim Integrated Produc...
MAX17544 MAXIM-MAX17544 Datasheet
885Kb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
MAX17552 MAXIM-MAX17552 Datasheet
1Mb / 20P
   Synchronous Step-Down DC-DC Converter
Rev 1; 6/14
MAX17550 MAXIM-MAX17550 Datasheet
1Mb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
logo
ELM Technology Corporat...
ELM605DA ELM-TECH-ELM605DA_17 Datasheet
827Kb / 13P
   synchronous step-down DC/DC converter
logo
Diodes Incorporated
AP3417C DIODES-AP3417C Datasheet
600Kb / 12P
   SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
logo
ELM Technology Corporat...
ELM605DA ELM-TECH-ELM605DA Datasheet
827Kb / 13P
   synchronous step-down DC/DC converter
ELM613DA ELM-TECH-ELM613DA Datasheet
1Mb / 11P
   synchronous step-down DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com