Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS544B20 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS544B20
Description  Synchronous Buck Converters
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS544B20 Datasheet(HTML) 5 Page - Texas Instruments

  TPS544B20_16 Datasheet HTML 1Page - Texas Instruments TPS544B20_16 Datasheet HTML 2Page - Texas Instruments TPS544B20_16 Datasheet HTML 3Page - Texas Instruments TPS544B20_16 Datasheet HTML 4Page - Texas Instruments TPS544B20_16 Datasheet HTML 5Page - Texas Instruments TPS544B20_16 Datasheet HTML 6Page - Texas Instruments TPS544B20_16 Datasheet HTML 7Page - Texas Instruments TPS544B20_16 Datasheet HTML 8Page - Texas Instruments TPS544B20_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 74 page
background image
5
TPS544B20, TPS544C20
www.ti.com
SLUSB69A – MAY 2014 – REVISED FEBRUARY 2016
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or other
conditions beyond those indicated in the Operating Ratings is not implied. The recommended Operating Ratings indicate conditions at
which the device is functional and the device should not be operated beyond such conditions.
(2)
The human body model is a 100-pF capacitor discharged through a 1.5-k
Ω resistor into each pin.
(3)
If Military or Aerospace specified devices are required, contact the Texas Instruments Sales/Office/Distributors for availability and
specifications.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted) See
(1) (2) (3)
MIN
MAX
UNIT
Input voltage
VIN, VDD
–0.3
20
V
BOOT
–0.3
37
BOOT – SW (BOOT to SW differential)
–0.3
7
CLK, DATA
–0.3
3.6
FB, SYNC, CNTL, VOUTS–, VOUTS+, BPEXT
–0.3
7
Output voltage
BP6
–0.3
7
V
SW
–1
30
SW ( > 50 ns, > 10 µJ)
-5
30
COMP, DIFFO, SMBALERT, PGOOD
–0.3
7
ADDR0, ADDR1, BP3, RT, TSNS
–0.3
3.6
TJ , operating junction temperature
–40
150
°C
Tstg, Storage temperature
–55
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
pins(1)
±2000
V
Charged device model (CDM), per JEDEC specification JESD22-
C101, all pins(2)
±500
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
VDD
Controller input voltage
4.5
18
V
VIN
Power stage input voltage
4.5
18
V
TJ
Junction temperature
–40
125
°C


Similar Part No. - TPS544B20_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS544B20 TI-TPS544B20_15 Datasheet
2Mb / 74P
[Old version datasheet]   TPS544x20 4.5-V to 18-V, 20-A, and 30-A SWIFT??Synchronous Buck Converters with PMBus?
More results

Similar Description - TPS544B20_16

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80020 INTERSIL-ISL80020 Datasheet
708Kb / 16P
   Compact Synchronous Buck Converters
June 5, 2015
logo
Renesas Technology Corp
ISL80020 RENESAS-ISL80020 Datasheet
1,013Kb / 16P
   Compact Synchronous Buck Converters
logo
International Rectifier
IRFHM830DPBF IRF-IRFHM830DPBF Datasheet
211Kb / 8P
   Synchronous MOSFET for Buck Converters
IRFH4209DPBF IRF-IRFH4209DPBF_15 Datasheet
491Kb / 9P
   Synchronous Rectifier MOSFET for Synchronous Buck Converters
IRFH4210PBF IRF-IRFH4210PBF_15 Datasheet
500Kb / 9P
   Synchronous Rectifier MOSFET for Synchronous Buck Converters
IRFH5301PBF IRF-IRFH5301PBF_15 Datasheet
242Kb / 9P
   Synchronous MOSFET for Buck Converters
IRFH5302PBF IRF-IRFH5302PBF_15 Datasheet
246Kb / 9P
   Synchronous MOSFET for buck converters
IRFH4210DPBF IRF-IRFH4210DPBF Datasheet
256Kb / 8P
   Synchronous Rectifier MOSFET for Synchronous Buck Converters
IRFH4213DPBF IRF-IRFH4213DPBF Datasheet
734Kb / 8P
   Synchronous Rectifier MOSFET for Synchronous Buck Converters
logo
Linear Technology
LTC3522 LINER-LTC3522 Datasheet
260Kb / 20P
   Synchronous 400mA Buck-Boost and 200mA Buck Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com