Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM27761DSGT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM27761DSGT
Description  Low-Noise Regulated Switched-Capacitor Voltage Inverter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM27761DSGT Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM27761DSGT Datasheet HTML 4Page - Texas Instruments LM27761DSGT Datasheet HTML 5Page - Texas Instruments LM27761DSGT Datasheet HTML 6Page - Texas Instruments LM27761DSGT Datasheet HTML 7Page - Texas Instruments LM27761DSGT Datasheet HTML 8Page - Texas Instruments LM27761DSGT Datasheet HTML 9Page - Texas Instruments LM27761DSGT Datasheet HTML 10Page - Texas Instruments LM27761DSGT Datasheet HTML 11Page - Texas Instruments LM27761DSGT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
VIN (V)
2.7
3.2
3.7
4.2
4.7
5.2
5.5
-1.83
-1.82
-1.81
-1.8
-1.79
-1.78
D014
25°C
85°C
-40°C
VIN (V)
2.7
3.2
3.7
4.2
4.7
5.2
5.5
-1.83
-1.82
-1.81
-1.8
-1.79
-1.78
-1.77
D012
25°C
85°C
-40°C
VIN (V)
2.7
3.2
3.7
4.2
4.7
5.2
5.5
-1.83
-1.82
-1.81
-1.8
-1.79
-1.78
-1.77
D013
25°C
85°C
-40°C
8
LM27761
SNVSA85B – OCTOBER 2015 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: LM27761
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise specified, TA = 25°C, VIN = 5 V, and values for C1 to C4 are as shown in the Typical Application.
VOUT = –1.8 V
IOUT = 50 mA
R1 = 237 k
Ω
R2 = 500 k
Ω
Figure 13. Line Regulation
VOUT = –1.8 V
IOUT = 100 mA
R1 = 237 k
Ω
R2 = 500 k
Ω
Figure 14. Line Regulation
VOUT = –1.8
IOUT = 250 mA
R1 = 237 k
Ω
R2 = 500 k
Ω
Figure 15. Line Regulation


Similar Part No. - LM27761DSGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM27761 TI-LM27761_15 Datasheet
160Kb / 9P
[Old version datasheet]   LM27761 Low-Noise Regulated Switched-Capacitor Voltage Inverter
More results

Similar Description - LM27761DSGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2687LDX TI1-LM2687LDX Datasheet
333Kb / 12P
[Old version datasheet]   Low Noise Regulated Switched Capacitor Voltage Inverter
LM27761 TI-LM27761_15 Datasheet
160Kb / 9P
[Old version datasheet]   LM27761 Low-Noise Regulated Switched-Capacitor Voltage Inverter
logo
Linear Technology
LTC1261 LINER-LTC1261 Datasheet
310Kb / 16P
   Switched Capacitor Regulated Voltage Inverter
logo
National Semiconductor ...
LM2787 NSC-LM2787 Datasheet
214Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
LM2687 NSC-LM2687 Datasheet
222Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
logo
Linear Technology
LTC1261L LINER-LTC1261L_15 Datasheet
2Mb / 14P
   Switched Capacitor Regulated Voltage Inverter
LTC1261 LINER-LTC1261_15 Datasheet
483Kb / 18P
   Switched Capacitor Regulated Voltage Inverter
LTC1261L LINER-LTC1261L Datasheet
182Kb / 12P
   Switched Capacitor Regulated Voltage Inverter
logo
Texas Instruments
LM2787 TI-LM2787_15 Datasheet
292Kb / 9P
[Old version datasheet]   LM2787 Low Noise Regulated Switched Capacitor Voltage Inverter in DSBGA
logo
Linear Technology
LTC1550 LINER-LTC1550_15 Datasheet
298Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com