Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMZ34202 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ34202
Description  SIMPLE SWITCHER 4.5-V to 42-V Input, 2-A Power Module
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ34202 Datasheet(HTML) 3 Page - Texas Instruments

  LMZ34202 Datasheet HTML 1Page - Texas Instruments LMZ34202 Datasheet HTML 2Page - Texas Instruments LMZ34202 Datasheet HTML 3Page - Texas Instruments LMZ34202 Datasheet HTML 4Page - Texas Instruments LMZ34202 Datasheet HTML 5Page - Texas Instruments LMZ34202 Datasheet HTML 6Page - Texas Instruments LMZ34202 Datasheet HTML 7Page - Texas Instruments LMZ34202 Datasheet HTML 8Page - Texas Instruments LMZ34202 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
"
!
#
3
LMZ34202
www.ti.com
SNVSAJ2 – MARCH 2016
Product Folder Links: LMZ34202
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
G = Ground, I = Input, O = Output
5 Pin Configuration and Functions
RVQ Package
43-Pin QFN
(Top View)
Pin Functions
PIN
TYPE (1)
DESCRIPTION
NAME
NO.
AGND
1, 2, 3, 4,
5, 11, 12
G
Zero volt reference for the analog control circuitry. All of these pins are not connected together
internal to the device and must be connected to one another externally using an analog ground
plane on the PCB. Pins 11 and 12 are internally connected to the PGND of the device at a single
point. The analog ground plane of the PCB should allow only analog ground currents to flow through
these pins.
CLK
8
I
Synchronization input to synchronize the device to an external clock. Connect this pin to AGND if
not used.
DNC
6, 40
-
Do Not Connect. Do not connect these pins to AGND, to another DNC pin, or to any other voltage.
These pins are connected to internal circuitry. Each pin must be soldered to an isolated pad.
INH/UVLO
26
I
Inhibit and UVLO adjust pin. Use an open drain or open collector device to control the inhibit
function. A resistor divider between this pin, AGND, and PVIN adjusts the UVLO voltage. Connect
this pin to PVIN if not used.
PGND
19, 29, 30,
31, 32, 33,
41
G
This is the return current path for the power stage of the device. Connect these pins to the input
source, the load, and to the bypass capacitors associated with PVIN and VOUT using power ground
planes on the PCB. Pad 41 should be connected to the ground planes using multiple vias for good
thermal performance.
PH
34, 35, 36,
37, 38, 39
O
Phase switch node. Do not place any external components on these pins or tie them to a pin of
another function.
PVIN
27, 28, 42
I
Power input voltage. These pins supply all of the power to the device. Connect these pins to the
input source and connect external bypass capacitors between these pins and PGND close to the
device.
PWRGD
20
O
Power Good flag pin. This open drain output asserts low if the output voltage is more than
approximately ±10% out of regulation. This pin is internally connected to an uncommitted 100k pull-
up resistor that can be pulled up to a user-defined voltage applied to the PWRGD_PU pin.


Similar Part No. - LMZ34202

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ34002 TI1-LMZ34002 Datasheet
857Kb / 31P
[Old version datasheet]   2A, Negative Output, SIMPLE SWITCHER짰 Power Module with 4.5V-40V Input in QFN Package
LMZ34002 TI1-LMZ34002 Datasheet
807Kb / 30P
[Old version datasheet]   2A, Negative Output, SIMPLE SWITCHER Power Module with 4.5V-40V Input
LMZ34002 TI1-LMZ34002 Datasheet
348Kb / 14P
[Old version datasheet]   Using the LMZ34002: Negative Output Voltage Simple Switcher짰 Power Module Evaluation Module
LMZ34002EVM-001 TI-LMZ34002EVM-001 Datasheet
347Kb / 13P
[Old version datasheet]   Negative Output Voltage Simple Switcher짰 Power Module Evaluation Module
LMZ34002RKGR TI1-LMZ34002RKGR Datasheet
857Kb / 31P
[Old version datasheet]   2A, Negative Output, SIMPLE SWITCHER짰 Power Module with 4.5V-40V Input in QFN Package
More results

Similar Description - LMZ34202

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ36002 TI-LMZ36002_15 Datasheet
1Mb / 33P
[Old version datasheet]   SIMPLE SWITCHER 4.5-V to 60-V Input, 2-A Power Module
LMZ36002 TI-LMZ36002_15 Datasheet
671Kb / 29P
[Old version datasheet]   SIMPLE SWITCHER짰 4.5-V to 60-V Input, 2-A Power Module in QFN Package
LMZ36002 TI1-LMZ36002_16 Datasheet
861Kb / 36P
[Old version datasheet]   SIMPLE SWITCHER 4.5V to 60V Input, 2-A Power Module
TPSM846C24 TI1-TPSM846C24 Datasheet
977Kb / 36P
[Old version datasheet]   4.5-V to 15-V Input, 0.5-V to 2-V Output, 35-A Power Module
LM22680 TI-LM22680_15 Datasheet
1Mb / 27P
[Old version datasheet]   42 V, 2 A SIMPLE SWITCHER Step-Down Voltage Regulator With Features
TPS54541 TI1-TPS54541_16 Datasheet
2Mb / 52P
[Old version datasheet]   4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter
TPSM84209 TI1-TPSM84209 Datasheet
660Kb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 1.2-V to 6-V Output, 2.5-A Power Module
TPSM84624 TI1-TPSM84624 Datasheet
999Kb / 33P
[Old version datasheet]   4.5-V to 17-V Input, 0.6-V to 10-V Output, 6-A Power Module
TPSM84424 TI1-TPSM84424 Datasheet
1,000Kb / 33P
[Old version datasheet]   4.5-V to 17-V Input, 0.6-V to 10-V Output, 4-A Power Module
TPSM84824 TI1-TPSM84824 Datasheet
811Kb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 0.6-V to 10-V Output, 8-A Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com