Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APE8837 Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part # APE8837
Description  DUAL CHANNEL LDO REGULATORS WITH ENABLE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE8837 Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  APE8837_16 Datasheet HTML 1Page - Advanced Power Electronics Corp. APE8837_16 Datasheet HTML 2Page - Advanced Power Electronics Corp. APE8837_16 Datasheet HTML 3Page - Advanced Power Electronics Corp. APE8837_16 Datasheet HTML 4Page - Advanced Power Electronics Corp. APE8837_16 Datasheet HTML 5Page - Advanced Power Electronics Corp. APE8837_16 Datasheet HTML 6Page - Advanced Power Electronics Corp. APE8837_16 Datasheet HTML 7Page - Advanced Power Electronics Corp. APE8837_16 Datasheet HTML 8Page - Advanced Power Electronics Corp. APE8837_16 Datasheet HTML 9Page - Advanced Power Electronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
A
E
ELECTR
(VIN=5V, TA
PAR
Input Voltag
Output Volta
Quiescent C
Dropout Vol
Current Lim
Short Circui
Line Regula
Load Regul
Ripple Reje
Output Volta
Coefficient
(
Enable Inpu
Enable Pull-
Shutdown C
Thermal Sh
(Note2)
Note1: It is
Note2: Gua
Advanc
Electron
RICAL SP
=25°C, unle
RAMETER
ge
age Accuracy
Current
ltage
mit
(Note1)
it Current
ation
ation
(Note 1)
ction
(Note2)
age Tempera
(Note2)
ut Threshold
-high Curren
Current
utdown Thre
measured at
rantee by de
ced Pow
nics Co
PECIFICA
ss otherwise
SY
V
y
∆V
IC
VD
ILI
IS
∆V
∆VL
PS
ature
T.
VE
VE
nt
IEN
IS
eshold
T
t constant jun
esign, not pro
wer
orp.
ATIONS
e specified)
YM
VIN
IOUT=1
VOUT
IOUT =1
IOUT =1
CC
IOUT1,2=
ROP
IOUT=0
IOUT=0
IOUT=0
IOUT=0
MIT
VIN=VO
SC
Outpu
each c
VLINE
IOUT =1
LOAD
IOUT =1
SRR
f=120H
C.
IOUT=1
ENH
VIN=5V
VIN=3.
ENL
VIN=5V
VIN=3.
N1,2
VEN1,2
SD
IOUT1,2
SD
Hyster
nction tempe
oduction test
TEST CON
0mA
1mA, VIN=5V
1mA, VIN=5V
=0mA, VIN=5
0.2A, VO=VO-
0.2A, VO=VO-
0.2A, VO=VO-
0.2A, VO=VO-
OUT +1.0V, VE
ut Voltage < 0
channel
1mA, VIN=VO
1~100mA, V
Hz, IOUT= 30m
mA
V
.3V
V
.3V
= 0V
=0mA, VIN=5
resis
erature by us
ted.
NDITION
V, VOUT >1.8V
V,VOUT ≦1.8V
5V
-2%, VOUT=1.
-2%, VOUT=1.
-2%, VOUT=1.
-2%, VOUT>2.
EN=VIN
0.25xVOUT,
OUT+1V to 6.0
VIN=VOUT+1V
mA
5V, VEN1,2=0V
sing pulsed te
MIN
2.5
V
-2
V
-0.04
.2V
.5V
.8V
.5V
250
0V
1.7
1.4
-
V
-
esting with a
AP
TYP
MA
0.
60
1
1100
15
800
12
500
9
200
4
150
0.2
0
0.01
0.
60
+100
1
1
1
2
4
150
40
a low ON time
3
E8837
AX
UNIT
6
V
2
%
.04
V
00
uA
500
mV
200
mV
00
mV
00
mV
mA
mA
0.3
%/V
.03
%/mA
dB
ppm/
ºC
V
V
.2
V
.0
V
2
uA
4
uA
oC
oC
e.
3
.


Similar Part No. - APE8837_16

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8837 A-POWER-APE8837_14 Datasheet
1Mb / 10P
   DUAL CHANNEL LDO REGULATORS WITH ENABLE
More results

Similar Description - APE8837_16

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8837 A-POWER-APE8837_14 Datasheet
1Mb / 10P
   DUAL CHANNEL LDO REGULATORS WITH ENABLE
APE8838 A-POWER-APE8838 Datasheet
207Kb / 7P
   DUAL CHANNEL LDO REGULATORS WITH ENABLE
APE8837 A-POWER-APE8837 Datasheet
210Kb / 7P
   DUAL CHANNEL LDO REGULATORS WITH ENABLE
logo
Unisonic Technologies
LR6401 UTC-LR6401_17 Datasheet
448Kb / 8P
   DUAL CHANNEL LDO REGULATORS WITH ENABLE FUNCTION
LR6401 UTC-LR6401_12 Datasheet
421Kb / 8P
   DUAL CHANNEL LDO REGULATORS WITH ENABLE FUNCTION
logo
ON Semiconductor
FAN2512 ONSEMI-FAN2512 Datasheet
431Kb / 12P
   CMOS LDO Regulators with Fast Start Enable
REV. 1.2.0 01/10/13
FAN2510 ONSEMI-FAN2510 Datasheet
944Kb / 14P
   CMOS LDO Regulators with Fast Start Enable
Rev. 1.1.0
logo
Taiwan Semiconductor Co...
TS9020 TSC-TS9020 Datasheet
396Kb / 6P
   200mA Dual Channel CMOS LDO with Enable Function
logo
Fairchild Semiconductor
FAN2510 FAIRCHILD-FAN2510 Datasheet
248Kb / 10P
   100 mA CMOS LDO Regulators with Fast Start Enable
FAN2518 FAIRCHILD-FAN2518 Datasheet
246Kb / 10P
   50 mA CMOS LDO Regulators with Fast Start Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com