Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-80734AL-AY-X Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S-80734AL-AY-X
Description  HIGH-PRECISION VOLTAGE DETECTOR
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-80734AL-AY-X Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S-80734AL-AY-X Datasheet HTML 7Page - Seiko Instruments Inc S-80734AL-AY-X Datasheet HTML 8Page - Seiko Instruments Inc S-80734AL-AY-X Datasheet HTML 9Page - Seiko Instruments Inc S-80734AL-AY-X Datasheet HTML 10Page - Seiko Instruments Inc S-80734AL-AY-X Datasheet HTML 11Page - Seiko Instruments Inc S-80734AL-AY-X Datasheet HTML 12Page - Seiko Instruments Inc S-80734AL-AY-X Datasheet HTML 13Page - Seiko Instruments Inc S-80734AL-AY-X Datasheet HTML 14Page - Seiko Instruments Inc S-80734AL-AY-X Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
HIGH-PRECISION VOLTAGE DETECTOR
S-807 Series
10
Seiko Instruments Inc.
10. S-80723AL/AL-AL-X, S-80723AN/AN-DL-X
S-80723SL-AL-X, S-80723SN-DL-X (Detection voltage : 2.244 to 2.356 V)
(Unless otherwise specified : Ta=25
°C)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Test
circuit
Detection voltage
-VDET
2.244
2.300
2.356
V
1
Hysteresis width
VHYS
-VDET
×0.02
-VDET
×0.05
-VDET
×0.08
V1
Current consumption
ISS
VDD = 4.5 V
1.4
3.5
µA2
Operating voltage
VDD
1.0
15.0
V
1
Output current
IOUT
Nch
VDS = 0.5 V
VDD = 1.2 V
0.23
0.50
mA
3
Pch
(CMOS
output)
VDS = 0.5 V
VDD = 4.8 V
0.36
0.62
4
Temperature
characteristic of -
VDET
Ta=-30
°C to 80°C
±0.29
mV/
°C
11. S-80724AL/AL-AM-X, S-80724AN/AN-DM-X, S-80724SN-DM-X (Detection voltage : 2.342 to 2.458 V)
(Unless otherwise specified : Ta=25
°C)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Test
circuit
Detection voltage
-VDET
2.342
2.400
2.458
V
1
Hysteresis width
VHYS
-VDET
×0.02
-VDET
×0.05
-VDET
×0.08
V1
Current consumption
ISS
VDD = 4.5 V
1.4
3.5
µA2
Operating voltage
VDD
1.0
15.0
V
1
Output current
IOUT
Nch
VDS = 0.5 V
VDD = 1.2 V
0.23
0.50
mA
3
Pch
(CMOS
output)
VDS = 0.5 V
VDD = 4.8 V
0.36
0.62
4
Temperature
characteristic of -
VDET
Ta=-30
°C to 80°C
±0.30
mV/
°C
12. S-80725AL/AL-AN-X, S-80725AN/AN-DN-X
S-80725SL-AN-X, S-80725SN-DN-X (Detection voltage : 2.440 to 2.560 V)
(Unless otherwise specified : Ta=25
°C)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Test
circuit
Detection voltage
-VDET
2.440
2.500
2.560
V
1
Hysteresis width
VHYS
-VDET
×0.02
-VDET
×0.05
-VDET
×0.08
V1
Current consumption
ISS
VDD = 4.5 V
1.4
3.5
µA2
Operating voltage
VDD
1.0
15.0
V
1
Output current
IOUT
Nch
VDS = 0.5 V
VDD = 1.2 V
0.23
0.50
mA
3
Pch
(CMOS
output)
VDS = 0.5 V
VDD = 4.8 V
0.36
0.62
4
Temperature
characteristic of -
VDET
Ta=-30
°C to 80°C
±0.31
mV/
°C
∆-V
DET
∆Ta
∆-V
DET
∆Ta
∆-V
DET
∆Ta


Similar Part No. - S-80734AL-AY-X

ManufacturerPart #DatasheetDescription
logo
DONGABESTECH.
S-80 DONGABESTECH-S-80 Datasheet
784Kb / 1P
   A2F CABLE GLAND
logo
Cooper Bussmann, Inc.
S-8000 COOPER-S-8000 Datasheet
129Kb / 2P
   1/4 x 11/4 Fuse Blocks
S-8000 COOPER-S-8000 Datasheet
120Kb / 2P
   S-8000 Series
S-8000 COOPER-S-8000 Datasheet
120Kb / 2P
   1/4" x 11/4" Fuse Blocks
logo
Copal Electronics
S-8000 COPAL-S-8000 Datasheet
1Mb / 4P
   ROTARY CODED SWITCHES
More results

Similar Description - S-80734AL-AY-X

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6352 EMMICRO-EM6352 Datasheet
409Kb / 7P
   Voltage Detector, High-Precision
logo
Seiko Instruments Inc
S-808 SII-S-808 Datasheet
1Mb / 20P
   LOW-VOLTAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
ACE Technology Co., LTD...
ACE303 ACE-ACE303 Datasheet
1Mb / 12P
   High-precision Low Voltage Detector
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8506D BELLING-BL8506D Datasheet
211Kb / 12P
   High-precision Low Voltage Detector
logo
Lowpower Semiconductor ...
LP3808 POWER-LP3808 Datasheet
266Kb / 5P
   High-precision Low Voltage Detector
logo
SHANGHAI BELLING CO., L...
BL8504 BELLING-BL8504 Datasheet
383Kb / 10P
   High-Precision Low Voltage Detector
logo
ACE Technology Co., LTD...
ACE301 ACE-ACE301_1 Datasheet
399Kb / 19P
   High-precision Low Voltage Detector
VER 1.4
logo
Advanced Analog Technol...
AAT602 AAT-AAT602 Datasheet
275Kb / 8P
   HIGH-PRECISION RESET VOLTAGE DETECTOR
logo
ACE Technology Co., LTD...
ACE301 ACE-ACE301_12 Datasheet
900Kb / 19P
   High-precision Low Voltage Detector
VER 1.6
ACE301 ACE-ACE301 Datasheet
399Kb / 19P
   High-precision Low Voltage Detector
VER 1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com