Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GSX-211 Datasheet(PDF) 2 Page - Golledge Electronics Ltd

Part No. GSX-211
Description  SM Crystal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

GSX-211 Datasheet(HTML) 2 Page - Golledge Electronics Ltd

  GSX-211 Datasheet HTML 1Page - Golledge Electronics Ltd GSX-211 Datasheet HTML 2Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
Product Information
GSX-211
04 Sep 2014
Composition
Construction
Ceramic body with gold-plated pads
Metal lid, seam sealed
Tape & Reel Specification
2.0
1.75
1.55Ø
8.0
±0.2
1.45
3.5
±0.05
9.0
13Ø
180Ø
+0.0
-3.0
60Ø
0.45
2.00
±0.5
21.0Ø
±0.8
120°
2.0
FEED
1.85
0.25
±0.02
0.5Ø
2.0
±0.5
Soldering Profile
Production quantities supplied on T&R, 3k pcs per reel.
Small quantities may be supplied on tape (no reel), or in bulk.
Packaging & Handling
Not to scale. Dimensional tolerances ±0.1mm unless otherwise stated.
Maximum solder resistance: 260°C x 10 secs x 2.
FREQUENCY
S DC
Marking type: Laser
DC = Date code
Marking
Pb
LeadFree
This product is lead-free, and is fully compliant with
the RoHS directive 2011/65/EC
2011/65/EU
200
100
0
°C
Time
5°C/s max
5°C/s max
60~90s max
50~60s max
10s max
Preheat
140~160°C
260
Heat
> 200°C
Slow
cooldown


Similar Part No. - GSX-211

ManufacturerPart No.DatasheetDescription
Golledge Electronics Ltd
Golledge Electronics Lt...
GSX-211 GOLLEDGE-GSX-211 Datasheet
595Kb / 5P
   Ultra-miniature 1.6x1.2mm SM Crystal
GSX-211 GOLLEDGE-GSX-211_18 Datasheet
595Kb / 5P
   Ultra-miniature 1.6x1.2mm SM Crystal
More results

Similar Description - GSX-211

ManufacturerPart No.DatasheetDescription
Golledge Electronics Ltd
Golledge Electronics Lt...
GSX8A GOLLEDGE-GSX8A Datasheet
53Kb / 1P
   SM Crystal
GSX9 GOLLEDGE-GSX9 Datasheet
64Kb / 1P
   SM Crystal
GSX1 GOLLEDGE-GSX1 Datasheet
60Kb / 1P
   SM Crystal
GSX7 GOLLEDGE-GSX7 Datasheet
57Kb / 1P
   SM Crystal
GSX-309 GOLLEDGE-GSX-309 Datasheet
58Kb / 1P
   SM Crystal
GSX-1 GOLLEDGE-GSX-1_15 Datasheet
151Kb / 1P
   SM Crystal
GSX-221 GOLLEDGE-GSX-221_15 Datasheet
168Kb / 2P
   SM Crystal
GSX-221 GOLLEDGE-GSX-221 Datasheet
49Kb / 1P
   SM Crystal
GSX-2 GOLLEDGE-GSX-2 Datasheet
58Kb / 1P
   SM CRYSTAL
GSX-8 GOLLEDGE-GSX-8 Datasheet
53Kb / 1P
   SM CRYSTAL
CC1A GOLLEDGE-CC1A_16 Datasheet
131Kb / 1P
   SM Crystal
More results


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz