Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GSX-211 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part No. GSX-211
Description  SM Crystal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

GSX-211 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  GSX-211 Datasheet HTML 1Page - Golledge Electronics Ltd GSX-211 Datasheet HTML 2Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SM Crystal
GSX-211
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
14 Sep 2015
SOLDER PAD LAYOUT
1.60
±0.10
1.20
±0.10
0.45 (max)
0.50
(typ)
0.30
(typ)
0.52
0.20
0.52
0.67
0.67
0.30
12
43
PAD
1
2
3
4
CONNECTION
Crystal
Ground & lid
Crystal
Ground
Part No, or product name + option codes + frequency
eg: GSX-211/111NF 26.0MHz 10/10/10/9-F
GSX-211/1P2AF 40.0MHz 10/15/20/10-F
Option code X (eg GSX-211/X) denotes a custom specification.
Ordering Information
±10ppm temperature stability may not be available over -30+85°C.
Check with our sales office before ordering.
Product
GSX-211
Option
Codes
Parameters
Standard. Optional - Please specify required code(s) when ordering
Specifications
Features
Ultra-miniature for maximum space saving
Ideal for Bluetooth, NFC, Smartcard, wireless etc
Metal lid grounded to minimise EMI
Seam sealed for excellent long-term stability
2011/65/EU
Frequency range:
24.0 ~ 54.0MHz
Calibration tolerance:
±10ppm
1
±15ppm
P
±20ppm
2
Other values (±10.0 ~ ±100ppm)
specify
Temperature stability:
±10ppm
1
±15ppm
P
±20ppm
2
Other values (±7.5 ~ ±100ppm)
specify
Operating temperature range:
-20 to +70°C
2
-30 to +85°C
3
Other values
specify
Storage temperature range:
-40 to +90°C
Circuit condition:
5pF
R
8pF
M
9pF
N
10pF
A
Series resonant
S
Other values
specify
Static capacitance (C
0):
5pF max
Oscillation mode:
Fundamental

F
Equivalent series resistance:
100Ω max (24.0 ~ 37.39MHz)
80Ω max (37.4 ~ 54.0MHz)
Ageing:
±2ppm max first year
Test drive level:
10μW typ, 100μW max
Soldering condition:
260°C, 10 sec x2 max


Similar Part No. - GSX-211

ManufacturerPart No.DatasheetDescription
Golledge Electronics Ltd
Golledge Electronics Lt...
GSX-211 GOLLEDGE-GSX-211 Datasheet
595Kb / 5P
   Ultra-miniature 1.6x1.2mm SM Crystal
GSX-211 GOLLEDGE-GSX-211_18 Datasheet
595Kb / 5P
   Ultra-miniature 1.6x1.2mm SM Crystal
More results

Similar Description - GSX-211

ManufacturerPart No.DatasheetDescription
Golledge Electronics Ltd
Golledge Electronics Lt...
GSX8A GOLLEDGE-GSX8A Datasheet
53Kb / 1P
   SM Crystal
GSX9 GOLLEDGE-GSX9 Datasheet
64Kb / 1P
   SM Crystal
GSX1 GOLLEDGE-GSX1 Datasheet
60Kb / 1P
   SM Crystal
GSX7 GOLLEDGE-GSX7 Datasheet
57Kb / 1P
   SM Crystal
GSX-309 GOLLEDGE-GSX-309 Datasheet
58Kb / 1P
   SM Crystal
GSX-1 GOLLEDGE-GSX-1_15 Datasheet
151Kb / 1P
   SM Crystal
GSX-221 GOLLEDGE-GSX-221_15 Datasheet
168Kb / 2P
   SM Crystal
GSX-221 GOLLEDGE-GSX-221 Datasheet
49Kb / 1P
   SM Crystal
GSX-2 GOLLEDGE-GSX-2 Datasheet
58Kb / 1P
   SM CRYSTAL
GSX-8 GOLLEDGE-GSX-8 Datasheet
53Kb / 1P
   SM CRYSTAL
CC1A GOLLEDGE-CC1A_16 Datasheet
131Kb / 1P
   SM Crystal
More results


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz