Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFS281A Datasheet(PDF) 5 Page - Vectron International, Inc

Part # TFS281A
Description  Vectron International Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS281A Datasheet(HTML) 5 Page - Vectron International, Inc

  TFS281A Datasheet HTML 1Page - Vectron International, Inc TFS281A Datasheet HTML 2Page - Vectron International, Inc TFS281A Datasheet HTML 3Page - Vectron International, Inc TFS281A Datasheet HTML 4Page - Vectron International, Inc TFS281A Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Filename: TFS281A.doc
Version 2.0
16.05.2011
Vectron International
Filter specification
TFS 281A
5/5
Vectron International GmbH & Co. KG
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail:
tft@vectron.com
History
Version
Reason of Changes
Name
Date
1.0
- development specification
A . Hodkin
12.03.2010
1.1
- customer requested GDR max to be revised, was 200ns max
A . Jaffer
30.03.2010
1.2
- add matching schematic
A . Jaffer
12.04.2010
1.3
- insertion loss 11dB max (was 12dB), rejection fN-7,5MHz…fN-5MHz: 38dB min
A . Jaffer
26.08.2010
(was 40dB), as confirmed by customer 27/07/10.
1.4
- change from development spec to filter spec
Molke
03.03.2011
- added terminating impedances, typical values, and filter characteristic
2.0
- change relative attenuation:
Molke
16.05.2011
(fn – 20MHz … fn – 7,5MHz) to (fn – 261,6MHz … fn – 7,5MHz)
- added max. input power level
- orientation of tape and reel updated
VECTRON reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


Similar Part No. - TFS281A

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS281A VECTRON-TFS281A Datasheet
149Kb / 5P
   Vectron International Filter specification
More results

Similar Description - TFS281A

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS175K VECTRON-TFS175K Datasheet
94Kb / 5P
   Vectron International Filter specification
TFS1750C VECTRON-TFS1750C Datasheet
85Kb / 5P
   Vectron International Filter specification
TFS2040 VECTRON-TFS2040 Datasheet
199Kb / 5P
   Vectron International Filter specification
TFS2457 VECTRON-TFS2457 Datasheet
87Kb / 5P
   Vectron International Filter specification
TFS2570 VECTRON-TFS2570 Datasheet
71Kb / 5P
   Vectron International Filter specification
TFS180P VECTRON-TFS180P Datasheet
108Kb / 5P
   Vectron International Filter specification
TFS918A VECTRON-TFS918A Datasheet
169Kb / 5P
   Vectron International Filter specification
TFS1255A VECTRON-TFS1255A Datasheet
91Kb / 5P
   Vectron International Filter specification
TFS1370 VECTRON-TFS1370 Datasheet
83Kb / 5P
   Vectron International Filter specification
TFS1538 VECTRON-TFS1538 Datasheet
87Kb / 5P
   Vectron International Filter specification
TFS832A VECTRON-TFS832A Datasheet
85Kb / 5P
   Vectron International Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com