Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-80747AL Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S-80747AL
Description  HIGH-PRECISION VOLTAGE DETECTOR
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-80747AL Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S-80747AL Datasheet HTML 2Page - Seiko Instruments Inc S-80747AL Datasheet HTML 3Page - Seiko Instruments Inc S-80747AL Datasheet HTML 4Page - Seiko Instruments Inc S-80747AL Datasheet HTML 5Page - Seiko Instruments Inc S-80747AL Datasheet HTML 6Page - Seiko Instruments Inc S-80747AL Datasheet HTML 7Page - Seiko Instruments Inc S-80747AL Datasheet HTML 8Page - Seiko Instruments Inc S-80747AL Datasheet HTML 9Page - Seiko Instruments Inc S-80747AL Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
HIGH-PRECISION VOLTAGE DETECTOR
S-807 Series
Seiko Instruments Inc.
5

 Advantage over the S-805 Series
The S-807 Series, in comparison with conventional reset ICs such as the S-805 Series, offers greater detection voltage precision
(twice that of conventional units) and lower current consumption (half that of conventional units). These characteristics result in
the following advantages over conventional units.
1. Advantages of greater detection voltage precision
1.1 Detecting lithium battery service life
The discharge characteristics of lithium batteries are
shown in Figure 4. When using the S-805 Series,
the service life can be detected over t1. When
using the S-807 Series, it can be detected over t2.
This improvement in detection precision of the S-
807 Series means that batteries can be used over
more of their service life.
1.2 Detecting a power voltage at two points
It is usual for the CPU to detect the power voltage
at two points, one to caution and the other to reset.
The service life of battery may also be detected at
two points, one to caution and the other to request
immediate replacement.
Two voltage values to be detected (No. 1 and No.
2) do not cross and the voltage can be detected
correctly.
1.3 Voltage drop when modifying detection voltage
If no voltage to be detected is suitable, the voltage
can be set higher in Nch open-drain output
products by using a resistor divider. (Example :
when detecting 6V or 9V.)
When 8V is detected using the S-8054HN (a
4V
±5% device), the -Vdet tolerance becomes
2
×4.00×±0.05=0.8V (R1=R2). In constrast, the S-
80740AN (a 4V
±2.4% device) can hold down the
tolerance to 2
×4.00×±0.024=0.384V (R1=R2).
Must be close
V
t
No. 2
No. 1
Figure 5
t1
S-807
S-805
V
t
Figure 4
t2
R2
R1
Figure 6
Nch open-drain
output product
S-807
XXAN/SN


Similar Part No. - S-80747AL

ManufacturerPart #DatasheetDescription
logo
DONGABESTECH.
S-80 DONGABESTECH-S-80 Datasheet
784Kb / 1P
   A2F CABLE GLAND
logo
Cooper Bussmann, Inc.
S-8000 COOPER-S-8000 Datasheet
129Kb / 2P
   1/4 x 11/4 Fuse Blocks
S-8000 COOPER-S-8000 Datasheet
120Kb / 2P
   S-8000 Series
S-8000 COOPER-S-8000 Datasheet
120Kb / 2P
   1/4" x 11/4" Fuse Blocks
logo
Copal Electronics
S-8000 COPAL-S-8000 Datasheet
1Mb / 4P
   ROTARY CODED SWITCHES
More results

Similar Description - S-80747AL

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6352 EMMICRO-EM6352 Datasheet
409Kb / 7P
   Voltage Detector, High-Precision
logo
Seiko Instruments Inc
S-808 SII-S-808 Datasheet
1Mb / 20P
   LOW-VOLTAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
ACE Technology Co., LTD...
ACE303 ACE-ACE303 Datasheet
1Mb / 12P
   High-precision Low Voltage Detector
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8506D BELLING-BL8506D Datasheet
211Kb / 12P
   High-precision Low Voltage Detector
logo
Lowpower Semiconductor ...
LP3808 POWER-LP3808 Datasheet
266Kb / 5P
   High-precision Low Voltage Detector
logo
SHANGHAI BELLING CO., L...
BL8504 BELLING-BL8504 Datasheet
383Kb / 10P
   High-Precision Low Voltage Detector
logo
ACE Technology Co., LTD...
ACE301 ACE-ACE301_1 Datasheet
399Kb / 19P
   High-precision Low Voltage Detector
VER 1.4
logo
Advanced Analog Technol...
AAT602 AAT-AAT602 Datasheet
275Kb / 8P
   HIGH-PRECISION RESET VOLTAGE DETECTOR
logo
ACE Technology Co., LTD...
ACE301 ACE-ACE301_12 Datasheet
900Kb / 19P
   High-precision Low Voltage Detector
VER 1.6
ACE301 ACE-ACE301 Datasheet
399Kb / 19P
   High-precision Low Voltage Detector
VER 1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com