Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OD1-B150F0AQ14 Datasheet(PDF) 2 Page - SICK AG

Part # OD1-B150F0AQ14
Description  DISPLACEMENT MEASUREMENT SENSORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

OD1-B150F0AQ14 Datasheet(HTML) 2 Page - SICK AG

  OD1-B150F0AQ14 Datasheet HTML 1Page - SICK AG OD1-B150F0AQ14 Datasheet HTML 2Page - SICK AG OD1-B150F0AQ14 Datasheet HTML 3Page - SICK AG OD1-B150F0AQ14 Datasheet HTML 4Page - SICK AG OD1-B150F0AQ14 Datasheet HTML 5Page - SICK AG OD1-B150F0AQ14 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
OD1-B150F0AQ14 | OD Mini
DISPLACEMENT MEASUREMENT SENSORS
2
DISTANCE SENSORS | SICK
Online data sheet | 2016-03-17 13:18:11
Subject to change without notice
Ordering information
Type
Part no.
OD1-B150F0AQ14
6052326
Other models and accessories
www.sick.com/OD_Mini
Detailed technical data
Performance
Measuring range
50 mm ... 250 mm
Resolution
200 µm 1) 2) 3) 4)
Repeatability
600 µm 2) 5) 3)
Response time
2 ms / 4 ms / 8 ms / 16 ms / auto 6)
Measuring frequency
2 kHz / 1 kHz / 500 Hz / 250 Hz / automatic
Light source
Laser, red
Laser class
2 (EN 60825-1) 7)
Typ. light spot size (distance)
2 mm x 1.3 mm (150 mm)
Additional function
Averaging 1 … 512x, automatic or manual sensitivity adjustment, Switching outputs can be
taught in, Invertable switching output, switching mode: window (Wnd), switching mode: dis-
tance to object (DtO), switiching mode: object between sensor and background (ObSB), multi-
functional input: laser-off / external teach-in / trigger
1) Measurement on 90 % remission (ceramic, white)
2) Averaging function set to: 512.
3) Hysteresis 0.8 mm.
4) For best performance consider warm up time ≤ 5 minutes.
5) Constant ambient conditions.
6) With fixed sensitivity adjustment and averaging setting = 1. With automatic sensitivity and measuring rate 500 µs: 2 ... 7.5 ms response time/measuring rate
1,000 µs: 4 ... 15 ms response time.
7) Wavelength: 655 nm, max. output: 390 µW (laser class 1) / < 1 mW (laser class 2)
Interfaces
Switching output
1 x PNP/NPN, selectable
Multifunctional input (MF)
1 x 1)
1) MF can be used as laser-off, trigger, external teach-in or deactivated.
Mechanics/electronics
Supply voltage Vs
DC 12 V (–5 %) ... DC 24 V (+10 %)
Power consumption
≤ 1.92 W 1)
1) Without load, with current output.


Similar Part No. - OD1-B150F0AQ14

ManufacturerPart #DatasheetDescription
logo
SICK AG
OD1-B150F0AQ15 SICK-OD1-B150F0AQ15 Datasheet
240Kb / 6P
   DISPLACEMENT MEASUREMENT SENSORS
More results

Similar Description - OD1-B150F0AQ14

ManufacturerPart #DatasheetDescription
logo
SICK AG
OD2-N30W04U0 SICK-OD2-N30W04U0 Datasheet
423Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N30W04C2 SICK-OD2-N30W04C2 Datasheet
411Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N50W10A0 SICK-OD2-N50W10A0 Datasheet
421Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N85W20C0 SICK-OD2-N85W20C0 Datasheet
422Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N120W60I0 SICK-OD2-N120W60I0 Datasheet
424Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N250W150A0 SICK-OD2-N250W150A0 Datasheet
421Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-N250W150U0 SICK-OD2-N250W150U0 Datasheet
423Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-P85W20U0 SICK-OD2-P85W20U0 Datasheet
423Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
DT20-P130B4000 SICK-DT20-P130B4000 Datasheet
641Kb / 6P
   DISPLACEMENT MEASUREMENT SENSORS
DT20-P244BS04 SICK-DT20-P244BS04 Datasheet
646Kb / 6P
   DISPLACEMENT MEASUREMENT SENSORS
OD2-P250W150C0 SICK-OD2-P250W150C0 Datasheet
421Kb / 7P
   DISPLACEMENT MEASUREMENT SENSORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com