Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP190CA Datasheet(PDF) 2 Page - Littelfuse

Part # 5KP190CA
Description  Transient Voltage Suppression Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

5KP190CA Datasheet(HTML) 2 Page - Littelfuse

  5KP190CA Datasheet HTML 1Page - Littelfuse 5KP190CA Datasheet HTML 2Page - Littelfuse 5KP190CA Datasheet HTML 3Page - Littelfuse 5KP190CA Datasheet HTML 4Page - Littelfuse 5KP190CA Datasheet HTML 5Page - Littelfuse 5KP190CA Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Transient Voltage Suppression Diodes
© 2015 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 11/20/15
Axial Leaded – 5000W > 5KP series
Electrical Characteristics (T
A=25°C unless otherwise noted)
For bidirectional type having V
R of 10 volts and less, the IR limit is double.
For parts without A , the V
BR is ± 10% and VC is 5% higher than with A parts
Part
Number
(Uni)
Part
Number
(Bi)
Reverse
Stand off
Voltage V
R
(Volts)
Breakdown
Voltage V
BR
(Volts) @ I
T
Test
Current
I
T
(mA)
Maximum
Clamping
Voltage
V
C @ IPP
(V)
Maximum
Peak
Pulse
Current I
PP
(A)
Maximum
Reverse
Leakage
I
R @ VR
(µ A)
Agency
Approval
MIN
MAX
5KP5.0A
5KP5.0CA
5.0
6.40
7.00
50
9.2
554.3
5000
X
5KP6.0A
5KP6.0CA
6.0
6.67
7.37
50
10.3
495.1
5000
X
5KP6.5A
5KP6.5CA
6.5
7.22
7.98
50
11.2
455.4
2000
X
5KP7.0A
5KP7.0CA
7.0
7.78
8.60
50
12.0
425.0
1000
X
5KP7.5A
5KP7.5CA
7.5
8.33
9.21
5
12.9
395.3
250
X
5KP8.0A
5KP8.0CA
8.0
8.89
9.83
5
13.6
375.0
150
X
5KP8.5A
5KP8.5CA
8.5
9.44
10.40
5
14.4
354.2
50
X
5KP9.0A
5KP9.0CA
9.0
10.00
11.10
5
15.4
331.2
20
X
5KP10A
5KP10CA
10.0
11.10
12.30
5
17.0
300.0
15
X
5KP11A
5KP11CA
11.0
12.20
13.50
5
18.2
280.2
2
X
5KP12A
5KP12CA
12.0
13.30
14.70
5
19.9
256.3
2
X
5KP13A
5KP13CA
13.0
14.40
15.90
5
21.5
237.2
2
X
5KP14A
5KP14CA
14.0
15.60
17.20
5
23.2
219.8
2
X
5KP15A
5KP15CA
15.0
16.70
18.50
5
24.4
209.0
2
X
5KP16A
5KP16CA
16.0
17.80
19.70
5
26.0
196.2
2
X
5KP17A
5KP17CA
17.0
18.90
20.90
5
27.6
184.8
2
X
5KP18A
5KP18CA
18.0
20.00
22.10
5
29.2
174.7
2
X
5KP20A
5KP20CA
20.0
22.20
24.50
5
32.4
157.4
2
X
5KP22A
5KP22CA
22.0
24.00
26.90
5
35.5
143.7
2
X
5KP24A
5KP24CA
24.0
26.70
29.50
5
38.9
131.1
2
X
5KP26A
5KP26CA
26.0
28.90
31.90
5
42.1
121.1
2
X
5KP28A
5KP28CA
28.0
31.10
34.40
5
45.4
112.3
2
X
5KP30A
5KP30CA
30.0
33.30
36.80
5
48.4
105.4
2
X
5KP33A
5KP33CA
33.0
36.70
40.60
5
53.3
95.7
2
X
5KP36A
5KP36CA
36.0
40.00
44.20
5
58.1
87.8
2
X
5KP40A
5KP40CA
40.0
44.40
49.10
5
64.5
79.1
2
X
5KP43A
5KP43CA
43.0
47.80
52.80
5
69.4
73.5
2
X
5KP45A
5KP45CA
45.0
50.00
55.30
5
72.7
70.2
2
X
5KP48A
5KP48CA
48.0
53.30
58.90
5
77.4
65.9
2
X
5KP51A
5KP51CA
51.0
56.70
62.70
5
82.4
61.9
2
X
5KP54A
5KP54CA
54.0
60.00
66.30
5
87.1
58.6
2
X
5KP58A
5KP58CA
58.0
64.40
71.20
5
93.6
54.5
2
X
5KP60A
5KP60CA
60.0
66.70
73.70
5
96.8
52.7
2
X
5KP64A
5KP64CA
64.0
71.10
78.60
5
103.0
49.5
2
X
5KP70A
5KP70CA
70.0
77.80
86.00
5
113.0
45.1
2
X
5KP75A
5KP75CA
75.0
83.30
92.10
5
121.0
42.1
2
X
5KP78A
5KP78CA
78.0
86.70
95.80
5
126.0
40.5
2
X
5KP85A
5KP85CA
85.0
94.40
104.00
5
137.0
37.2
2
X
5KP90A
5KP90CA
90.0
100.00
111.00
5
146.0
34.9
2
X
5KP100A
5KP100CA
100.0
110.00
123.00
5
162.0
31.5
2
X
5KP110A
5KP110CA
110.0
122.00
135.00
5
177.0
28.8
2
X
5KP120A
5KP120CA
120.0
133.00
147.00
5
193.0
26.4
2
X
5KP130A
5KP130CA
130.0
144.00
159.00
5
209.0
24.4
2
X
5KP150A
5KP150CA
150.0
167.00
185.00
5
243.0
21.0
2
X
5KP160A
5KP160CA
160.0
178.00
197.00
5
259.0
19.7
2
X
5KP170A
5KP170CA
170.0
189.00
209.00
5
275.0
18.5
2
X
5KP180A
5KP180CA
180.0
200.00
221.00
5
292.0
17.5
2
X
5KP190A
5KP190CA
190.0
211.00
233.00
5
310.0
16.5
2
X
5KP200A
5KP200CA
200.0
222.00
246.00
5
329.2
15.5
2
X
5KP210A
5KP210CA
210.0
233.00
258.00
5
349.5
14.6
2
X
5KP220A
5KP220CA
220.0
244.00
270.00
5
371.1
13.7
2
X
5KP250A
5KP250CA
250.0
277.00
306.00
5
425.0
12.0
2
X


Similar Part No. - 5KP190CA

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
5KP190CA SECOS-5KP190CA Datasheet
357Kb / 4P
   5000W Peak Power TVS
logo
Littelfuse
5KP190CA LITTELFUSE-5KP190CA Datasheet
158Kb / 4P
   Silicon Avalanche Diodes - 5000 Watt Axial Leaded Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
5KP190CA LUGUANG-5KP190CA Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
5KP190CA LUGUANG-5KP190CA Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
Anova Technologies CO.,...
5KP190CA ANOVA-5KP190CA Datasheet
503Kb / 4P
   Axial Lead Transient Voltage Suppressors
More results

Similar Description - 5KP190CA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
15KPA150CA LITTELFUSE-15KPA150CA Datasheet
653Kb / 6P
   Transient Voltage Suppression Diodes
5.0SMDJ60CA LITTELFUSE-5.0SMDJ60CA Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
P4KE LITTELFUSE-P4KE Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
SACB LITTELFUSE-SACB Datasheet
181Kb / 4P
   Transient Voltage Suppression Diodes
P4SMA LITTELFUSE-P4SMA Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
30KPA42A LITTELFUSE-30KPA42A Datasheet
1Mb / 6P
   Transient Voltage Suppression Diodes
TP1.5KE LITTELFUSE-TP1.5KE Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
logo
Shanghai Yint Electroni...
SM5S YINT-SM5S Datasheet
385Kb / 3P
   Transient Voltage Suppression Diodes
logo
Littelfuse
AK10 LITTELFUSE-AK10_09 Datasheet
188Kb / 3P
   Transient Voltage Suppression Diodes
SA5.0A LITTELFUSE-SA5.0A_09 Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
SMBJ5.0A LITTELFUSE-SMBJ5.0A_09 Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com