Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP60CA Datasheet(PDF) 4 Page - Littelfuse

Part # 5KP60CA
Description  Transient Voltage Suppression Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

5KP60CA Datasheet(HTML) 4 Page - Littelfuse

  5KP60CA Datasheet HTML 1Page - Littelfuse 5KP60CA Datasheet HTML 2Page - Littelfuse 5KP60CA Datasheet HTML 3Page - Littelfuse 5KP60CA Datasheet HTML 4Page - Littelfuse 5KP60CA Datasheet HTML 5Page - Littelfuse 5KP60CA Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Transient Voltage Suppression Diodes
© 2015 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 11/20/15
Axial Leaded – 5000W > 5KP series
0
0
50
100
150
1.0
2.0
3.0
4.0
tr=10µsec
Peak Value
IPPM
IPPM
2
TJ=25°C
Pulse Width(td) is defined
as the point where the peak
current decays to 50% of IPPM
10/1000µsec. Waveform
as defined by R.E.A
td
t-Time (ms)
Half Value
IPPM
( )
V
BR - Reverse Breakdown Voltage (V)
1
10
100
1000
10000
100000
110
100
1000
Bi-direc onal V=0V
Uni-direc onal V=
V
R
Bi-direc onal V=
V
R
Uni-direc onal V=0V
Figure 3 - Peak Pulse Power Derating Curve
Figure 4 - Pulse Waveform
Figure 5 - Typical Junction Capacitance
Ratings and Characteristic Curves (T
A=25°C unless otherwise noted) (Continued)
0
25
50
75
100
0255075
100
125
150
175
200
T
J - Initial Junction Temperature (ºC)
Number of Cycles at 60 Hz
0
50
100
150
200
250
300
350
400
450
500
110
100
Figure 7 - Maximum Non-Repetitive Peak Forward
Surge Current Uni-Directional Only
VF-Peak Forward Voltage(V)
0.01
0.1
1
10
100
0.01.0
2.03.0
4.05.0
6.07.0
8.09.0
10.0
Single die
Stacked-die
Figure 8 - Peak Forward Voltage Drop vs Peak Forward
Current (Typical Values)
-Pulse Duration (s)
TP
0.1
1
10
100
0.01
0.11
10
100
1000
Figure 6 - Typical Transient Thermal Impedance


Similar Part No. - 5KP60CA

ManufacturerPart #DatasheetDescription
logo
Surge Components
5KP60CA SURGE-5KP60CA Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Shenzhen Luguang Electr...
5KP60CA LUGUANG-5KP60CA Datasheet
430Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
CHENG-YI ELECTRONIC CO....
5KP60CA CHENG-YI-5KP60CA Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
5KP60CA SUNMATE-5KP60CA Datasheet
940Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
logo
Shenzhen Luguang Electr...
5KP60CA LUGUANG-5KP60CA Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
More results

Similar Description - 5KP60CA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
15KPA150CA LITTELFUSE-15KPA150CA Datasheet
653Kb / 6P
   Transient Voltage Suppression Diodes
5.0SMDJ60CA LITTELFUSE-5.0SMDJ60CA Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
P4KE LITTELFUSE-P4KE Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
SACB LITTELFUSE-SACB Datasheet
181Kb / 4P
   Transient Voltage Suppression Diodes
P4SMA LITTELFUSE-P4SMA Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
30KPA42A LITTELFUSE-30KPA42A Datasheet
1Mb / 6P
   Transient Voltage Suppression Diodes
TP1.5KE LITTELFUSE-TP1.5KE Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
logo
Shanghai Yint Electroni...
SM5S YINT-SM5S Datasheet
385Kb / 3P
   Transient Voltage Suppression Diodes
logo
Littelfuse
AK10 LITTELFUSE-AK10_09 Datasheet
188Kb / 3P
   Transient Voltage Suppression Diodes
SA5.0A LITTELFUSE-SA5.0A_09 Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
SMBJ5.0A LITTELFUSE-SMBJ5.0A_09 Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com